Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP2022-330E-P Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP2022-330E-P
Description  LIN Transceiver with Voltage Regulator
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2022-330E-P Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP2022-330E-P Datasheet HTML 2Page - Microchip Technology MCP2022-330E-P Datasheet HTML 3Page - Microchip Technology MCP2022-330E-P Datasheet HTML 4Page - Microchip Technology MCP2022-330E-P Datasheet HTML 5Page - Microchip Technology MCP2022-330E-P Datasheet HTML 6Page - Microchip Technology MCP2022-330E-P Datasheet HTML 7Page - Microchip Technology MCP2022-330E-P Datasheet HTML 8Page - Microchip Technology MCP2022-330E-P Datasheet HTML 9Page - Microchip Technology MCP2022-330E-P Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
MCP2021/2/1P/2P
DS22018F-page 6
© 2005-2012 Microchip Technology Inc.
FIGURE 1-1:
Thermal Shutdown State Diagrams.
1.3
Modes of Operation
For an overview of all operational modes, please refer
to Table 1-1.
1.3.1
POWER-ON RESET MODE
Upon application of VBB, the device enters Power-on
Reset mode (POR). During this mode, the part main-
tains the digital section in a Reset mode and waits until
the voltage on pin VBB rises above the “ON” threshold
(Typ. 5.75V) to enter to the Ready mode. If during the
operation, the voltage on pin VBB falls below the “OFF”
threshold (Typ. 4.25V), the part comes back to the POR
mode.
1.3.2
POWER-DOWN MODE
In the Power-Down mode, the transmitter and the
voltage regulator are off. Only the receiver wake-up
from LIN bus section, and the CS/LWAKE pin wake-up
circuits are in operation. This is the lowest power mode.
If pin CS/LWAKE goes to a high level during Power-
Down mode, the device immediately enters Ready
mode and enables the voltage regulator; and after the
output has stabilized (approximately 0.3 ms to 1.2 ms),
the device goes to Operation mode or Transmitter-Off
mode (see Figure 1-2 for MCP2021/2 and Figure 1-3
for MCP2021P/2P).
LIN bus activity will also change the device from
Power-Down mode to Ready mode. MCP2021/2
wakes up on dominant level of LIN bus, and
MCP2021P/2P on a falling edge that follows a domi-
nant level lasting 20 µs of time.
The Power-Down mode can be reached through either
Operation mode or Transmitter-Off mode.
1.3.3
READY MODE
Upon entering Ready mode, the voltage regulator and
receiver-threshold-detect circuit are powered up. The
transmitter remains in off state. The device is ready to
receive data as soon as the regulator is stabilized, but
not to transmit. If a microcontroller is being driven by
the voltage regulator output, it will go through a POR
and initialization sequence. The LIN pin is in the reces-
sive state for MCP2021/2 and in floating state for
MCP2021P/2P.
The device will stay in Ready mode until the output of
the voltage regulator has stabilized and the CS/LWAKE
pin is true (‘1’). After VREG is stable and CS/LWAKE is
high, MCP2021/2 will enter Operation mode; and
MCP2021P/2P will enter either Operation mode or
Transmitter-Off mode, depending on the level of the
FAULT/TXE pin (refer to Figure 1-3).
1.3.4
OPERATION MODE
In this mode, all internal modules are operational.
The device will go into the Power-Down mode on the
falling edge of CS/LWAKE.
For the MCP2021P/2P devices, the pull-up resistor is
switched on only in this mode.
Operation
Mode
Transmitter
Shutdown
LIN Bus
Voltage
Shutdown
Regulator
Output
Temperature <SHUTDOWNTEMP
Overload
to VBB
Overload
Temperature <SHUTDOWNTEMP
Note:
The above time interval <1.2 ms assumes
12V VBB input and no thermal shutdown
event.


Similar Part No. - MCP2022-330E-P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2022-330E/MD MICROCHIP-MCP2022-330E/MD Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
2009
MCP2022-330E/MD MICROCHIP-MCP2022-330E/MD Datasheet
1Mb / 54P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2022-330E/MF MICROCHIP-MCP2022-330E/MF Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
2009
MCP2022-330E/MF MICROCHIP-MCP2022-330E/MF Datasheet
1Mb / 54P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2022-330E/P MICROCHIP-MCP2022-330E/P Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
2009
More results

Similar Description - MCP2022-330E-P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP201 MICROCHIP-MCP201 Datasheet
415Kb / 40P
   LIN Transceiver with Voltage Regulator
2007
logo
ELMOS Semiconductor AG
E910.18 ELMOS-E910.18 Datasheet
117Kb / 1P
   LIN transceiver with voltage regulator
logo
Microchip Technology
MCP201-E MICROCHIP-MCP201-E Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
321Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP2021 MICROCHIP-MCP2021 Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
2009
MCP201-E MICROCHIP-MCP201-E Datasheet
322Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP201-I MICROCHIP-MCP201-I Datasheet
419Kb / 40P
   LIN Transceiver with Voltage Regulator
12/08/06
MCP2021A MICROCHIP-MCP2021A Datasheet
1Mb / 46P
   LIN Transceiver with Voltage Regulator
03/25/14
MCP2050 MICROCHIP-MCP2050 Datasheet
1Mb / 40P
   LIN Transceiver with Voltage Regulator
03/25/14
logo
Melexis Microelectronic...
TH8062 MELEXIS-TH8062 Datasheet
704Kb / 38P
   Voltage Regulator with LIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com