Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72590D0050H160 Datasheet(PDF) 4 Page - EPCOS

Part # B72590D0050H160
Description  High-speed series
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72590D0050H160 Datasheet(HTML) 4 Page - EPCOS

  B72590D0050H160 Datasheet HTML 1Page - EPCOS B72590D0050H160 Datasheet HTML 2Page - EPCOS B72590D0050H160 Datasheet HTML 3Page - EPCOS B72590D0050H160 Datasheet HTML 4Page - EPCOS B72590D0050H160 Datasheet HTML 5Page - EPCOS B72590D0050H160 Datasheet HTML 6Page - EPCOS B72590D0050H160 Datasheet HTML 7Page - EPCOS B72590D0050H160 Datasheet HTML 8Page - EPCOS B72590D0050H160 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Dimensional drawings
Single device
Dimensions in mm
Case
size
(inch)
(mm)
0201
0603
0402
1005
0603
1608
1003
2508
Min.
Max. Min.
Max. Min.
Max. Min.
Max.
l
0.57
0.63
0.85
1.15
1.45
1.75
2.34
2.74
w
0.27
0.33
0.4
0.6
0.7
0.9
0.7
0.9
h
0.27
0.33
0.4
0.6
0.7
0.9
0.7
0.9
k
0.1
0.2
0.1
0.3
0.1
0.4
0.13
0.75
Array devices
4-fold array
2/4 data + 1 supply
Dimension in mm
Case size
(inch)
(mm)
0506
1216
0508
1220
0612
1632
1012
2532
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
l
1.50
1.70
1.8
2.2
3.0
3.4
2.90
3.50
w
1.20
1.40
1.05
1.45
1.45
1.75
2.25
2.75
h
-
0.6
-
0.9
-
0.9
-
1.2
d
0.2
0.4
0.2
0.4
0.25
0.55
0.35
0.65
e
0.4
0.6
0.4
0.6
0.61
0.91
0.8
1.1
k
-
0.35
-
0.35
-
0.35
-
0.45
CeraDiodes
High-speed series
Page 4 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72590D0050H160

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72590D0050H160 EPCOS-B72590D0050H160 Datasheet
562Kb / 22P
   CeraDiodes
B72590D0050H160 EPCOS-B72590D0050H160 Datasheet
567Kb / 22P
   CeraDiodes
More results

Similar Description - B72590D0050H160

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72590D EPCOS-B72590D Datasheet
556Kb / 22P
   High-speed series
logo
STMicroelectronics
STGWA40H65DFB STMICROELECTRONICS-STGWA40H65DFB Datasheet
967Kb / 17P
   High speed switching series
June 2016 Rev 1
STGW80H65DFB STMICROELECTRONICS-STGW80H65DFB Datasheet
978Kb / 18P
   High speed switching series
November 2016 Rev 8
logo
Littelfuse
L70S LITTELFUSE-L70S Datasheet
721Kb / 7P
   L70S SERIES HIGH-SPEED FUSE
Rev: 021815
L50S LITTELFUSE-L50S Datasheet
696Kb / 7P
   L50S SERIES HIGH-SPEED FUSE
Rev: 082615
L15S LITTELFUSE-L15S Datasheet
680Kb / 10P
   L15S SERIES TRADITIONAL HIGH-SPEED
Rev: 041819
L25S LITTELFUSE-L25S Datasheet
608Kb / 11P
   L25S SERIES TRADITIONAL HIGH-SPEED
Rev: 050319
logo
Integrated Device Techn...
IDT7006SL IDT-IDT7006SL Datasheet
188Kb / 20P
   HIGH-SPEED HIGH-SPEED STATIC RAM
logo
Samtec, Inc
LSS-110-02-F-DV-A SAMTEC-LSS-110-02-F-DV-A Datasheet
265Kb / 1P
   High-speed/High-density HIGH-SPEED HERMAPHRODITIC STRIP
logo
Formosa MS
CDSS355 FORMOSA-CDSS355 Datasheet
76Kb / 2P
   High Speed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com