Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPEBWT-U1-0000-009E7 Datasheet(PDF) 4 Page - Cree, Inc

Part # XPEBWT-U1-0000-009E7
Description  Cree짰 XLamp짰 XP-E2 LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPEBWT-U1-0000-009E7 Datasheet(HTML) 4 Page - Cree, Inc

  XPEBWT-U1-0000-009E7 Datasheet HTML 1Page - Cree, Inc XPEBWT-U1-0000-009E7 Datasheet HTML 2Page - Cree, Inc XPEBWT-U1-0000-009E7 Datasheet HTML 3Page - Cree, Inc XPEBWT-U1-0000-009E7 Datasheet HTML 4Page - Cree, Inc XPEBWT-U1-0000-009E7 Datasheet HTML 5Page - Cree, Inc XPEBWT-U1-0000-009E7 Datasheet HTML 6Page - Cree, Inc XPEBWT-U1-0000-009E7 Datasheet HTML 7Page - Cree, Inc XPEBWT-U1-0000-009E7 Datasheet HTML 8Page - Cree, Inc XPEBWT-U1-0000-009E7 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
of Cree, Inc.
4
xlamp xp-e2 leds
relative fluX vs. Junction temPerature (i
f = 350 ma)
electrical characteristics (t
J = 85 °c)
Relative Flux Output vs. Junction Temperature
0%
20%
40%
60%
80%
100%
120%
25
50
75
100
125
150
Junction Temperature (ºC)
Electrical Characteristics (Tj = 25ºC)
0
100
200
300
400
500
600
700
800
900
1000
2.7
2.8
2.9
3.0
3.1
3.2
Forward Voltage (V)


Similar Part No. - XPEBWT-U1-0000-009E7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEBWT-U1-0000-009E7 CREE-XPEBWT-U1-0000-009E7 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
XPEBWT-U1-0000-009E7 CREE-XPEBWT-U1-0000-009E7 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPEBWT-U1-0000-009E7 CREE-XPEBWT-U1-0000-009E7 Datasheet
1Mb / 17P
   XLamp XP-E2 LEDs
XPEBWT-U1-0000-009E7 CREE-XPEBWT-U1-0000-009E7 Datasheet
2Mb / 39P
   Cree XLamp XP-E2 LEDs
More results

Similar Description - XPEBWT-U1-0000-009E7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-DS56 CREE-CLD-DS56 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E2 LEDs
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
CLD-DSXX CREE-CLD-DSXX Datasheet
1Mb / 20P
   Cree짰 XLamp짰 XP-E2 Color LEDs
XPGWHT-L1-0000-00E51 CREE-XPGWHT-L1-0000-00E51 Datasheet
1Mb / 10P
   Cree짰 XLamp짰 XP-G LEDs
XPBL CREE-XPBL Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
CLD-AP22 CREE-CLD-AP22 Datasheet
3Mb / 45P
   Cree짰 XLamp짰 XP Family LEDs
XP-C CREE-XP-C Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-C LEDs
XP-E CREE-XP-E Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DS18 CREE-CLD-DS18 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DS34 CREE-CLD-DS34 Datasheet
1Mb / 13P
   Cree짰 XLamp짰 XP-E High-Efficiency White LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com