Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3106AQ Datasheet(PDF) 5 Page - Sony Corporation

Part # CXA3106AQ
Description  PLL IC for LCD Monitor/Projector
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3106AQ Datasheet(HTML) 5 Page - Sony Corporation

  CXA3106AQ Datasheet HTML 1Page - Sony Corporation CXA3106AQ Datasheet HTML 2Page - Sony Corporation CXA3106AQ Datasheet HTML 3Page - Sony Corporation CXA3106AQ Datasheet HTML 4Page - Sony Corporation CXA3106AQ Datasheet HTML 5Page - Sony Corporation CXA3106AQ Datasheet HTML 6Page - Sony Corporation CXA3106AQ Datasheet HTML 7Page - Sony Corporation CXA3106AQ Datasheet HTML 8Page - Sony Corporation CXA3106AQ Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
– 5 –
CXA3106AQ
Pin Description and I/O Pin Equivalent Circuit
Digital power supply.
Ground this pin to the ground pattern
with a 0.1µF ceramic chip capacitor as
close to the pin as possible.
Digital GND.
Digital power supply.
Digital GND.
TTL output GND.
TTL output power supply.
Ground this pin to the ground pattern
with a 0.1µF ceramic chip capacitor as
close to the pin as possible.
Digital GND.
PECL output power supply.
Ground this pin to the ground pattern
with a 0.1µF ceramic chip capacitor as
close to the pin as possible.
PECL output power supply.
Ground this pin to the ground pattern
with a 0.1µF ceramic chip capacitor as
close to the pin as possible.
Digital GND.
Digital power supply.
Ground this pin to the ground pattern
with a 0.1µF ceramic chip capacitor as
close to the pin as possible.
PLL circuit analog power supply.
Ground this pin to the ground pattern
with a 0.1µF ceramic chip capacitor as
close to the pin as possible.
PLL circuit analog GND.
VCO circuit analog power supply.
Ground this pin to the ground pattern
with a 0.1µF ceramic chip capacitor as
close to the pin as possible.
VCO circuit analog GND.
VCO SUB analog GND.
IREF analog GND.
IREF analog power supply.
Ground this pin to the ground pattern
with a 0.1µF ceramic chip capacitor as
close to the pin as possible.
1
2
18
19
25
26
27
28
36
37
38
39
40
41
42
43
47
48
IOVCC
IOGND
DVCC
DGND
TTLGND
TTLVCC
IOGND
PECLVCC
PECLVCC
IOGND
IOVCC
PLLVCC
PLLGND
VCOVCC
VCOGND
VCOHGND
IRGND
IRVCC
5V
0V
5V
0V
0V
5V
0V
5V
5V
0V
5V
5V
0V
5V
0V
0V
0V
5V
Pin
No.
Symbol
I/O
Reference
voltage level
Equivalent circuit
Description


Similar Part No. - CXA3106AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3106Q SONY-CXA3106Q Datasheet
962Kb / 50P
   PLL IC for LCD Monitor/Projector
More results

Similar Description - CXA3106AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3106Q SONY-CXA3106Q Datasheet
962Kb / 50P
   PLL IC for LCD Monitor/Projector
CXA3266Q SONY-CXA3266Q Datasheet
765Kb / 60P
   PLL IC for LCD Monitor/Projector
logo
Panasonic Semiconductor
PT-FX400 PANASONIC-PT-FX400 Datasheet
1Mb / 13P
   LCD Projector
PT-EX16K PANASONIC-PT-EX16K Datasheet
1Mb / 16P
   LCD Projector
PT-EX12K PANASONIC-PT-EX12K Datasheet
1,000Kb / 16P
   LCD Projector
PT-FW430 PANASONIC-PT-FW430 Datasheet
1Mb / 14P
   LCD Projector
logo
PulseCore Semiconductor
ASM3P2856A PULSECORE-ASM3P2856A Datasheet
361Kb / 8P
   Custom Clock generator for LCD Projector
logo
Sharp Corporation
LQ64SP1 SHARP-LQ64SP1 Datasheet
78Kb / 1P
   Color TFT-LCD Module for OHP/Projector
logo
Toshiba Semiconductor
TC9246F TOSHIBA-TC9246F Datasheet
404Kb / 10P
   PLL IC FOR DIGITAL AUDIO
logo
Texas Instruments
TPS65165 TI-TPS65165_12 Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com