Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3095N Datasheet(PDF) 4 Page - Sony Corporation

Part # CXA3095N
Description  All Band TV Tuner IC (VHF-CATV-UHF)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3095N Datasheet(HTML) 4 Page - Sony Corporation

  CXA3095N Datasheet HTML 1Page - Sony Corporation CXA3095N Datasheet HTML 2Page - Sony Corporation CXA3095N Datasheet HTML 3Page - Sony Corporation CXA3095N Datasheet HTML 4Page - Sony Corporation CXA3095N Datasheet HTML 5Page - Sony Corporation CXA3095N Datasheet HTML 6Page - Sony Corporation CXA3095N Datasheet HTML 7Page - Sony Corporation CXA3095N Datasheet HTML 8Page - Sony Corporation CXA3095N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
– 4 –
CXA3095N
Electrical Characteristics
See Electrical Characteristics Measurement Circuit (Ta = 25°C, VCC = 9V)
Item
Circuit current
Conversion
gain1
Noise figure∗1 2
1% cross
modulation∗1 3
Max. output
power
Switch ON drift∗4
+B supply
voltage drift∗5
PLL OUT output
power
Band switch
voltage
IccV
IccU
CG1
CG2
CG3
CG4
NF1
NF2
NF3
NF4
CM1
CM2
CM3
CM4
Pomax
(sat)
∆fsw1
∆fsw2
∆fsw3
∆fsw4
∆fst1
∆fst2
∆fst3
∆fst4
PoscV
PoscU
VswV
VswU
VHF operation; no signal
UHF operation; no signal
VHF operation; fRF = 55MHz; Input level –40dBm
VHF operation; fRF = 360MHz; Input level –40dBm
UHF operation; fRF = 360MHz; Input level –40dBm
UHF operation; fRF = 800MHz; Input level –40dBm
VHF operation; fRF = 55MHz
VHF operation; fRF = 360MHz
UHF operation; fRF = 360MHz
UHF operation; fRF = 800MHz
VHF operation; fD = 55MHz, fUD = ±12MHz
VHF operation; fD = 360MHz, fUD = ±12MHz
UHF operation; fD = 360MHz, fUD = ±12MHz
UHF operation; fD = 800MHz, fUD = ±12MHz
50
Ω load
VHF operation; fosc = 100MHz
VHF operation; fosc = 405MHz
UHF operation; fosc = 405MHz
UHF operation; fosc = 845MHz
VHF operation; fosc = 100MHz
VHF operation; fosc = 405MHz
UHF operation; fosc = 405MHz
UHF operation; fosc = 845MHz
VHF operation; 50
Ω load
UHF operation; 50
Ω load
VHF operation
UHF operation
38
37
17
18
23
23
99
97
91
89
+8
–20
–20
0
3
53
51
20
21
26
26
13
12
9
9
102
100
94
92
+10
–10
–10
63
62
23
24
29
29
16
15
13
13
±200
±300
±300
±300
±100
±200
±150
±150
0.5
10.5
mA
mA
dB
dB
dB
dB
dB
dB
dB
dB
dBµ
dBµ
dBµ
dBµ
dBm
kHz
kHz
kHz
kHz
kHz
kHz
kHz
kHz
dBm
dBm
V
V
Symbol
Conditions
Min.
Typ.
Max.
Unit
1 Measured value for untuned inputs.
2 Noise figure is the direct-reading value of NF meter in DSB.
3 Desired signal (f
D
) input level is –33dBm. Undesired signal (fUD) is 100kHz, 30%AM at ±12MHz.
The measurement value is undesired signal level, it measured with a spectrum analyzer at S/I = 46dB.
4 Frequency variation form 3 seconds to 3 minutes after switch ON.
5 Frequency variation when Vcc = 9V ± 5% variation.


Similar Part No. - CXA3095N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3092N SONY-CXA3092N Datasheet
192Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3099N SONY-CXA3099N Datasheet
261Kb / 15P
   IF Amplifier for M-ary FSK Pagers
More results

Similar Description - CXA3095N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA3125N SONY-CXA3125N Datasheet
201Kb / 13P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1695L SONY-CXA1695L Datasheet
166Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1664M SONY-CXA1664M Datasheet
226Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA1594L SONY-CXA1594L Datasheet
225Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA3225N SONY-CXA3225N Datasheet
195Kb / 16P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1665M SONY-CXA1665M Datasheet
230Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
logo
ANADIGICS, Inc
ACD0900 ANADIGICS-ACD0900 Datasheet
132Kb / 12P
   VHF/UHF CATV/TV Tuner
ACD0900S3C ANADIGICS-ACD0900S3C Datasheet
252Kb / 4P
   VHF/UHF CATV/TV Tuner Downconverter
logo
Sony Corporation
CXA1165P SONY-CXA1165P Datasheet
381Kb / 12P
   CATV and VHF TV Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com