Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1512-0000-000N00M240F Datasheet(PDF) 9 Page - Cree, Inc

Part # CXA1512-0000-000N00M240F
Description  Cree짰 XLamp짰 CXA1512 LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1512-0000-000N00M240F Datasheet(HTML) 9 Page - Cree, Inc

Back Button CXA1512-0000-000N00M240F Datasheet HTML 5Page - Cree, Inc CXA1512-0000-000N00M240F Datasheet HTML 6Page - Cree, Inc CXA1512-0000-000N00M240F Datasheet HTML 7Page - Cree, Inc CXA1512-0000-000N00M240F Datasheet HTML 8Page - Cree, Inc CXA1512-0000-000N00M240F Datasheet HTML 9Page - Cree, Inc CXA1512-0000-000N00M240F Datasheet HTML 10Page - Cree, Inc CXA1512-0000-000N00M240F Datasheet HTML 11Page - Cree, Inc CXA1512-0000-000N00M240F Datasheet HTML 12Page - Cree, Inc CXA1512-0000-000N00M240F Datasheet HTML 13Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
of Cree, Inc.
9
XLamp CXa1512 LED
tyPical sPatial distribution
Performance GrouPs - briGhtness (i
f = 350 ma, tJ = 85 °c)
XLamp CXA1512 LEDs are tested for luminous flux and placed into one of the following bins.
Group code
min. luminous flux
@ 350 ma
max. luminous flux
@ 350 ma
G4
840
900
H2
900
970
H4
970
1040
J2
1040
1120
J4
1120
1200
K2
1200
1290
K4
1290
1380
m2
1380
1485
m4
1485
1590
Far Field
0%
20%
40%
60%
80%
100%
-90
-70
-50
-30
-10
10
30
50
70
90
Angle (º)


Similar Part No. - CXA1512-0000-000N00M240F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1512-0000-000N00M240F CREE-CXA1512-0000-000N00M240F Datasheet
1Mb / 19P
   Cree XLamp CXA1512 LED
More results

Similar Description - CXA1512-0000-000N00M240F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT1925 CREE-CMT1925 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1925 LED
CMA1306 CREE-CMA1306 Datasheet
2Mb / 35P
   Cree짰 XLamp짰 CMA1306 LED
CMT1412 CREE-CMT1412 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1412 LED
CMT1420 CREE-CMT1420 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1420 LED
CXA1507_1211 CREE-CXA1507_1211 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA2011_V1A CREE-CXA2011_V1A Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT2850 CREE-CMT2850 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT2850 LED
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CMT2870 CREE-CMT2870 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT2870 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com