Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STN4822 Datasheet(PDF) 2 Page - Stanson Technology

Part # STN4822
Description  STN4822 is the Dual N-Channel logic enhancement mode power field effect transistors which are produced using high cell density DMOS trench technology.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STN4822 Datasheet(HTML) 2 Page - Stanson Technology

  STN4822 Datasheet HTML 1Page - Stanson Technology STN4822 Datasheet HTML 2Page - Stanson Technology STN4822 Datasheet HTML 3Page - Stanson Technology STN4822 Datasheet HTML 4Page - Stanson Technology STN4822 Datasheet HTML 5Page - Stanson Technology STN4822 Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STN4
STN4
STN4
STN4822
822
822
822
Dual N Channel Enhancement Mode MOSFET
8.5A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2007, Stanson Corp.
STN4822 2009. V1
ABSOULTE
ABSOULTE
ABSOULTE
ABSOULTE MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM RATINGS
RATINGS
RATINGS
RATINGS (Ta = 25℃ Unless otherwise noted )
Parameter
Parameter
Parameter
Parameter
Symbol
Symbol
Symbol
Symbol
Typical
Unit
Unit
Unit
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
(TJ=150℃)
TA=25℃
TA=70℃
ID
8.5
6.6
A
Pulsed Drain Current
IDM
30
A
Continuous Source Current
(Diode Conduction)
IS
3.0
A
Power Dissipation
TA=25℃
TA=70℃
PD
2.0
1.28
W
Operation Junction Temperature
TJ
-55/150
Storgae Temperature Range
TSTG
-55/150
Thermal Resistance-Junction to Ambient
RθJA
48
℃/W


Similar Part No. - STN4822

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
STN4826 STANSON-STN4826 Datasheet
686Kb / 6P
   Dual N Channel Enhancement Mode MOSFET
STN4828 STANSON-STN4828 Datasheet
511Kb / 6P
   Dual N Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
STN4828 VBSEMI-STN4828 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results

Similar Description - STN4822

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
STN4488L STANSON-STN4488L Datasheet
644Kb / 7P
   STN4488L is the N-Channel logic enhancement mode power field effect transistors which are produced using high cell density DMOS trench technology.
STN9926 STANSON-STN9926 Datasheet
648Kb / 7P
   The STN9926 is the Dual N-Channel logic enhancement mode power field effect transistors are produced using high cell density , DMOS trench technology.
STN9926AA STANSON-STN9926AA Datasheet
233Kb / 7P
   The STN9926AA is the Dual N-Channel logic enhancement mode power field effect transistors are produced using high cell density , DMOS trench technology.
STP4931 STANSON-STP4931 Datasheet
334Kb / 6P
   STP4931 is the dual P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
STP9434 STANSON-STP9434 Datasheet
314Kb / 6P
   STP9434 is the P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
STP4403 STANSON-STP4403 Datasheet
321Kb / 6P
   STP4403 is the P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
STP9235 STANSON-STP9235 Datasheet
331Kb / 6P
   STP9235 is the P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
STN4346 STANSON-STN4346 Datasheet
352Kb / 7P
   STN4392 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4426 STANSON-STN4426 Datasheet
362Kb / 6P
   STN4426 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
ST3406SRG STANSON-ST3406SRG Datasheet
325Kb / 6P
   ST3406SRG is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com