Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3071N Datasheet(PDF) 7 Page - Sony Corporation

Part # CXA3071N
Description  Read/Write Amplifier (with Built-in Filters) for FDDs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3071N Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXA3071N Datasheet HTML 3Page - Sony Corporation CXA3071N Datasheet HTML 4Page - Sony Corporation CXA3071N Datasheet HTML 5Page - Sony Corporation CXA3071N Datasheet HTML 6Page - Sony Corporation CXA3071N Datasheet HTML 7Page - Sony Corporation CXA3071N Datasheet HTML 8Page - Sony Corporation CXA3071N Datasheet HTML 9Page - Sony Corporation CXA3071N Datasheet HTML 10Page - Sony Corporation CXA3071N Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
– 7 –
CXA3071N
Read System
(Ta = 25°C, VCC = 5V)
Filter output voltage
amplitude
Time domain filter
monostable
multivibrator pulse
width
Read data pulse
width
Read data output low
output voltage
Read data output
high output voltage
Read data output1
rise time
Read data output∗1
fall time
Peak shift∗2
VOF
T1
T2
VOL
VOH
tr
tf
PS
X360 = "X", XHD = "H"
(1M mode)
X360 = "X", XHD = "L"
(1.6M/2M mode)
IOL = 2mA
IOH = –0.4mA
RL = 2k
CL = 20pF
RL = 2k
CL = 20pF
VI = 0.25mVp-p to
3.5mVp-p
X360 = "H", XHD = "L"
OTF = "L"
f = 125kHz,
2M/inner track mode
1
1
1
1
1
1
1
1
1
A, B
C, D
C, D
D
D
D
D
D
D
1.4
2.25
1.16
300
2.8
2.50
1.29
400
2.75
1.42
500
0.5
100
100
1
Vp-p
µs
µs
ns
V
V
ns
ns
%
1 Read data output: 0.5V to 2.4V
2 Signal input level
1M, 1.6M, 2M/outer track: VI = 0.25mVp-p to 5mVp-p
1M, 1.6M, 2M/inner track: VI = 0.25mVp-p to 3.5mVp-p
Item
Symbol
Conditions
Measurement
circuit
Measurement
point
Min. Typ. Max. Unit


Similar Part No. - CXA3071N

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA3070 CREE-CXA3070 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070-0000-000N00AB0E3 CREE-CXA3070-0000-000N00AB0E3 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070-0000-000N00AB0E5 CREE-CXA3070-0000-000N00AB0E5 Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070-0000-000N00AB40F CREE-CXA3070-0000-000N00AB40F Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3070-0000-000N00AB40H CREE-CXA3070-0000-000N00AB40H Datasheet
1Mb / 14P
   LED array expands Crees family of high flux, multi die integrated arrays
More results

Similar Description - CXA3071N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1720Q SONY-CXA1720Q Datasheet
336Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3010Q SONY-CXA3010Q Datasheet
310Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3031Q SONY-CXA3031Q Datasheet
310Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA1362Q SONY-CXA1362Q Datasheet
558Kb / 25P
   READ/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER
CXA1360Q SONY-CXA1360Q Datasheet
548Kb / 25P
   READ/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER
logo
Rohm
BH6628AFS ROHM-BH6628AFS Datasheet
282Kb / 14P
   Read / Write amplifier for FDD
BH6627FS ROHM-BH6627FS Datasheet
272Kb / 14P
   Read /Write amplifier for FDD
BH6629BFS ROHM-BH6629BFS Datasheet
268Kb / 14P
   Read /Write amplifier for FDD
BH6625FS ROHM-BH6625FS Datasheet
276Kb / 14P
   Read / Write amplifier for FDD
BH6626FS ROHM-BH6626FS Datasheet
265Kb / 13P
   Read /Write amplifier for FDD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com