Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7420D23G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV7420D23G
Description  LIN Transceiver with 3.3V or 5 V Voltage Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7420D23G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV7420D23G Datasheet HTML 7Page - ON Semiconductor NCV7420D23G Datasheet HTML 8Page - ON Semiconductor NCV7420D23G Datasheet HTML 9Page - ON Semiconductor NCV7420D23G Datasheet HTML 10Page - ON Semiconductor NCV7420D23G Datasheet HTML 11Page - ON Semiconductor NCV7420D23G Datasheet HTML 12Page - ON Semiconductor NCV7420D23G Datasheet HTML 13Page - ON Semiconductor NCV7420D23G Datasheet HTML 14Page - ON Semiconductor NCV7420D23G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
NCV7420
http://onsemi.com
11
DC Characteristics – 5 V version − (VBB = 6 V to 26 V; Tjunc = −40°C to +150°C; unless otherwise specified.)
Table 13. DC CHARACTERISTICS, SUPPLY − Pin VBB
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Ibb_ON
Supply current
Normal mode; LIN recessive
1.6
mA
Ibb_STB
Supply current
Stand−by mode,
Vbb = 6–18 V,
Tjunc < 105°C
70
mA
Ibb_SLP
Supply current
Sleep mode, Vbb = 6–18 V,
Tjunc < 105°C
20
mA
Table 14. DC CHARACTERISTICS, VOLTAGE REGULATOR − Pin VCC
Vcc_out
Regulator output voltage
Vcc load 1 mA − 30 mA
4.9
5.0
5.1
V
Vcc load 0 mA − 50 mA
4.83
5.0
5.17
Iout_max_abs
Absolute maximum output current
Thermal shutdown must be
taken into account
50
mA
Iout_lim
Over−current limitation
50
100
170
mA
DVcc_out
Line Regulation (Note 26)
Vbb 6−26 V, Iout = 5 mA,
Tj = 25°C
0.9
mV
Load Regulation (Note 26)
Iout 1−50 mA, Vbb = 14 V,
Tj = 25°C
74
mV
Vdo
Dropout Voltage (Vbb−Vcc_out)
Figure 19 (Notes 25, 26)
Iout = 1 mA, Tj = 25°C
13
mV
Iout = 10 mA, Tj = 25°C
136
mV
Iout = 50 mA, Tj = 25°C
794
mV
Table 15. DC CHARACTERISTICS LIN TRANSMITTER − Pin LIN
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VLin_dom_LoSup
LIN dominant output voltage
TXD = low; Vbb = 7.3 V
1.2
V
VLin_dom_HiSup
LIN dominant output voltage
TXD = low; Vbb = 18 V
2.0
V
Vser_diode
LIN Voltage drop at serial diode (Note 21)
TXD = high; Ilin = 10 mA
0.3
1
V
ILIN_lim
Short circuit current limitation
VLin = Vbb_max
40
200
mA
Rslave
Internal pull−up resistance
20
33
47
kW
CLIN
Capacitance on pin LIN (Note 23)
15
25
pF
ILIN_off_dom
LIN output current bus in dominant state
Driver off; Vbb = 12 V
−1
mA
ILIN_off_rec
LIN output current bus in recessive state
Driver off; Vbb < 18 V
Vbb < VLin < 18 V
1
mA
ILIN_no_GND
Communication not affected
Vbb = GND = 12 V;
0 < VLin < 18 V
−1
1
mA
ILIN_no_Vbb
LIN bus remains operational
Vbb = GND = 0 V;
0 < VLin < 18 V
5
mA
Table 16. DC CHARACTERISTICS LIN RECEIVER − Pin LIN
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vbus_dom
Bus voltage for dominant state
0.4
Vbb
Vbus_rec
Bus voltage for recessive state
0.6
Vbb
Vrec_dom
Receiver threshold
LIN bus recessive → dominant
0.4
0.6
Vbb
21.The voltage drop in Normal mode between LIN and VBB pin is the sum of the diode drop and the drop at serial pull up resistor. The drop
at the switch is negligible. See Figure 1.
22.By one of the trimming bits, following reconfiguration can be done during chip−level testing in order to fit the NCV7420_5 into different
interface: pins TxD and EN will have typ. 10 kW pull−down resistor to ground and pin WAKE will have typ. 10 mA pull−up current source.
23.Guaranteed by design. Not tested.
24.Vbb under−voltage threshold is always higher than Vbb POR low level (Vbb_UV_th > PORL_VBB)
25.Measured at output voltage Vcc_out = (Vcc_out@Vbb = 6 V) – 2%.
26.Values based on design and characterization. Not tested in production.


Similar Part No. - NCV7420D23G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7420D23G ONSEMI-NCV7420D23G Datasheet
235Kb / 16P
   LIN Transceiver with 3.3V or 5 V Voltage Regulator
March, 2009 ??Rev. 1
NCV7420D23G ONSEMI-NCV7420D23G Datasheet
238Kb / 20P
   LIN Transceiver with 3.3V or 5 V Voltage Regulator
May, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com