Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7340D14G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV7340D14G
Description  High Speed Low Power CAN Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7340D14G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV7340D14G Datasheet HTML 3Page - ON Semiconductor NCV7340D14G Datasheet HTML 4Page - ON Semiconductor NCV7340D14G Datasheet HTML 5Page - ON Semiconductor NCV7340D14G Datasheet HTML 6Page - ON Semiconductor NCV7340D14G Datasheet HTML 7Page - ON Semiconductor NCV7340D14G Datasheet HTML 8Page - ON Semiconductor NCV7340D14G Datasheet HTML 9Page - ON Semiconductor NCV7340D14G Datasheet HTML 10Page - ON Semiconductor NCV7340D14G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
NCV7340
http://onsemi.com
9
CANH
CANL
TxD
RxD
dominant
0.9V
0.5V
recessive
0.7 x V
CC
V
i(dif) =
V
CANH − VCANL
t
d(TxD−BUSon)
t
d(BUSon−RxD)
t
pd(rec−dom)
t
d(TxD−BUSoff)
t
d(BUSoff−RxD)
t
pd(dom−rec)
0.3 x V
CC
HIGH
LOW
Figure 8. Timing Diagram for AC Characteristics
DEVICE ORDERING INFORMATION
Part Number
Description
Temperature
Range
Package Type
Shipping
NCV7340D12G
HS LP CAN Transceiver
(Unconditioned Bus Wakeup)
−40°C to +125°C
SOIC 150 8 (Mate Sn, JEDEC
MS−012)
(Pb−Free)
96 Tube / Tray
NCV7340D12R2G
3000 / Tape & Reel
NCV7340D13G
EMC Improved
HS LP CAN Transceiver
(Unconditioned Bus Wakeup)
96 Tube / Tray
NCV7340D13R2G
3000 / Tape & Reel
NCV7340D14G
HS LP CAN Transceiver
(Bus Wakeup Inactive in
Case of Bus Fault)
96 Tube / Tray
NCV7340D14R2G
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NCV7340D14G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7340D14G ONSEMI-NCV7340D14G Datasheet
177Kb / 12P
   High Speed Low Power CAN Transceiver
May, 2010 ??Rev. 1
More results

Similar Description - NCV7340D14G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7340 ONSEMI-NCV7340 Datasheet
177Kb / 12P
   High Speed Low Power CAN Transceiver
May, 2010 ??Rev. 1
AMIS-42665 ONSEMI-AMIS-42665_10 Datasheet
204Kb / 11P
   High-Speed Low Power CAN Transceiver
April, 2010 ??Rev. 8
logo
AMI SEMICONDUCTOR
AMIS-42675 AMI-AMIS-42675 Datasheet
565Kb / 12P
   High-Speed Low Power CAN Transceiver
AMIS-42665 AMI-AMIS-42665 Datasheet
370Kb / 13P
   High-Speed Low Power CAN Transceiver
logo
ON Semiconductor
AMIS-42665 ONSEMI-AMIS-42665 Datasheet
198Kb / 11P
   High-Speed Low Power CAN Transceiver
January, 2009 ??Rev. 7
NCV7342 ONSEMI-NCV7342_16 Datasheet
136Kb / 15P
   High Speed Low Power CAN Transceiver
February, 2016 ??Rev. 3
NCV7349 ONSEMI-NCV7349 Datasheet
112Kb / 12P
   High Speed Low Power CAN Transceiver
December, 2014 ??Rev. 1
NCV7341 ONSEMI-NCV7341 Datasheet
184Kb / 18P
   High Speed Low Power CAN Transceiver
November, 2008 ??Rev. 3
AMIS-42665 ONSEMI-AMIS-42665_13 Datasheet
176Kb / 11P
   High-Speed Low Power CAN Transceiver
January, 2013 ??Rev. 10
NCV7342 ONSEMI-NCV7342 Datasheet
183Kb / 15P
   High Speed Low Power CAN Transceiver
December, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com