Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3050 Datasheet(PDF) 8 Page - Sony Corporation

Part # CXA3050
Description  NICAM and SMATV RF MODULATOR/PLL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3050 Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXA3050 Datasheet HTML 4Page - Sony Corporation CXA3050 Datasheet HTML 5Page - Sony Corporation CXA3050 Datasheet HTML 6Page - Sony Corporation CXA3050 Datasheet HTML 7Page - Sony Corporation CXA3050 Datasheet HTML 8Page - Sony Corporation CXA3050 Datasheet HTML 9Page - Sony Corporation CXA3050 Datasheet HTML 10Page - Sony Corporation CXA3050 Datasheet HTML 11Page - Sony Corporation CXA3050 Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
– 8 –
CXA3050M
Pin
No.
Reference
Pin Voltage
Typical DC
Equivalent circuit
Description
14
PDout
2.1V
15
OSC GND
0V
16
OSC1
2.5V
17
OSC2
1.7V
18
OSC3
1.7V
19
OSC4
2.5V
20
OSC VCC
5V
Phase detector
output
VCO Ground
UHF OSC
Oscillator supply
Voltage 5V
14
15
16
17
18
19
20
22
Nicam-in
2V
NICAM or FM
carrier input
22
24
RF-OUT
3.4V
RF output.
Must be terminated
with 75
Ω.
MIXER
24
Application Circuit Notes
1. RF output pin 24 should be connected to a 75
Ω load in oder to measure accurate input level. Also note pin 24
has 2.7k
Ω to GND.
The output is measured using a spectrum analyzer.
2. After turning the device on, tune the variable inductor FM Tank so at the 6.5MHz setting (set by I2C control)
the voltage on pin 6 should read 2.02V.
Set Fsound = 3
Delta Fsound = 1


Similar Part No. - CXA3050

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA3050 CREE-CXA3050 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050-0000-000N00V40E8 CREE-CXA3050-0000-000N00V40E8 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050-0000-000N00V427F CREE-CXA3050-0000-000N00V427F Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050-0000-000N00V427H CREE-CXA3050-0000-000N00V427H Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA3050-0000-000N00W20E6 CREE-CXA3050-0000-000N00W20E6 Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die integrated arrays
More results

Similar Description - CXA3050

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1929M SONY-CXA1929M Datasheet
326Kb / 18P
   TV RF MODULATOR/PLL
logo
Texas Instruments
TRF3722 TI1-TRF3722 Datasheet
2Mb / 67P
[Old version datasheet]   Quadrature Modulator with Integrated PLL and VCO
logo
Infineon Technologies A...
TDA6060XS INFINEON-TDA6060XS Datasheet
831Kb / 28P
   Video-Modulator with PLL
logo
Texas Instruments
TRF3722 TI-TRF3722_15 Datasheet
2Mb / 67P
[Old version datasheet]   TRF3722 Quadrature Modulator with Integrated PLL and VCO
logo
List of Unclassifed Man...
CXA1122AM ETC1-CXA1122AM Datasheet
39Kb / 1P
   RF MODULATOR
CXA8044Q ETC1-CXA8044Q Datasheet
37Kb / 2P
   BALANCED MODULATOR AND RF ENVELOPE DETECTOR
logo
Texas Instruments
TRF372017 TI1-TRF372017_16 Datasheet
1Mb / 60P
[Old version datasheet]   Integrated IQ Modulator PLL/VCO
TRF372017 TI1-TRF372017 Datasheet
2Mb / 62P
[Old version datasheet]   Integrated IQ Modulator PLL/VCO
logo
Panasonic Semiconductor
AN3117S PANASONIC-AN3117S Datasheet
71Kb / 7P
   RF modulator IC for VCR and VDP
logo
Sony Corporation
CXA1122AP SONY-CXA1122AP Datasheet
736Kb / 7P
   VTR RF Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com