Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7356D1R2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV7356D1R2G
Description  Single Wire CAN Transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7356D1R2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCV7356D1R2G Datasheet HTML 1Page - ON Semiconductor NCV7356D1R2G Datasheet HTML 2Page - ON Semiconductor NCV7356D1R2G Datasheet HTML 3Page - ON Semiconductor NCV7356D1R2G Datasheet HTML 4Page - ON Semiconductor NCV7356D1R2G Datasheet HTML 5Page - ON Semiconductor NCV7356D1R2G Datasheet HTML 6Page - ON Semiconductor NCV7356D1R2G Datasheet HTML 7Page - ON Semiconductor NCV7356D1R2G Datasheet HTML 8Page - ON Semiconductor NCV7356D1R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© Semiconductor Components Industries, LLC, 2010
January, 2010 − Rev. 8
1
Publication Order Number:
NCV7356/D
NCV7356
Single Wire CAN Transceiver
The NCV7356 is a physical layer device for a single wire data link
capable of operating with various Carrier Sense Multiple Access
with Collision Resolution (CSMA/CR) protocols such as the Bosch
Controller Area Network (CAN) version 2.0. This serial data link
network is intended for use in applications where high data rate is not
required and a lower data rate can achieve cost reductions in both the
physical media components and in the microprocessor and/or
dedicated logic devices which use the network.
The network shall be able to operate in either the normal data rate
mode or a high−speed data download mode for assembly line and
service data transfer operations. The high−speed mode is only
intended to be operational when the bus is attached to an off−board
service node. This node shall provide temporary bus electrical loads
which facilitate higher speed operation. Such temporary loads should
be removed when not performing download operations.
The bit rate for normal communications is typically 33 kbit/s, for
high−speed transmissions like described above a typical bit rate of
83 kbit/s is recommended. The NCV7356 features undervoltage
lockout, timeout for faulty blocked input signals, output blanking
time in case of bus ringing and a very low sleep mode current.
T h e
de vi c e
is
com p l i a nt
wi t h
GM W 3089V 2. 4
General Motors Corporation specification.
Features
Fully Compatible with J2411 Single Wire CAN Specification
60 mA (max) Sleep Mode Current
Operating Voltage Range 5.0 to 27 V
Up to 100 kbps High−Speed Transmission Mode
Up to 40 kbps Bus Speed
Selective BUS Wake−Up
Logic Inputs Compatible with 3.3 V and 5 V Supply Systems
Control Pin for External Voltage Regulators (14 Pin Package Only)
Standby to Sleep Mode Timeout
Low RFI Due to Output Wave Shaping
Fully Integrated Receiver Filter
Bus Terminals Short−Circuit and Transient Proof
Loss of Ground Protection
Protection Against Load Dump, Jump Start
Thermal Overload and Short Circuit Protection
ESD Protection of 4.0 kV on CANH Pin (2.0 kV on Any Other Pin)
Undervoltage Lock Out
Bus Dominant Timeout Feature
Internally Fused Leads in SO−14 Package
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
Pb−Free Packages are Available
SOIC−14
D SUFFIX
CASE 751A
1
14
PIN CONNECTIONS
Device
Package
Shipping
ORDERING INFORMATION
NCV7356D1G
SOIC−8
(Pb−Free)
98 Units / Rail
http://onsemi.com
MARKING DIAGRAMS
NCV7356G
AWLYWW
1
14
14
(Top View)
TxD
MODE1
NC
CANH
MODE0
RxD
VBAT
LOAD
1
13
2
12
3
11
4
10
5
9
6
8
7
GND
GND
NC
INH
GND
GND
NCV7356D1R2G
SOIC−8
(Pb−Free)
2500 Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NCV7356D2
SOIC−14
55 Units / Rail
NCV7356D2R2
SOIC−14
2500 Tape & Reel
SOIC−8
D SUFFIX
CASE 751
1
8
V7356
ALYW
G
1
8
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
WW, W = Work Week
G or G
= Pb−Free Package
1
TxD
8 GND
2
MODE0
3
MODE1
4
RxD
7 CANH
6 LOAD
5VBAT
(Top View)
NCV7356D2R2G
SOIC−14
(Pb−Free)
2500 Tape & Reel
NCV7356D2G
SOIC−14
(Pb−Free)
55 Units / Rail


Similar Part No. - NCV7356D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7356D1R2G ONSEMI-NCV7356D1R2G Datasheet
218Kb / 24P
   Single Wire CAN Transceiver
January, 2007 ??Rev. 5
NCV7356D1R2G ONSEMI-NCV7356D1R2G Datasheet
205Kb / 24P
   Single Wire CAN Transceiver
December, 2015 ??Rev. 10
NCV7356D1R2G ONSEMI-NCV7356D1R2G Datasheet
206Kb / 24P
   Single Wire CAN Transceiver
September, 2016 ??Rev. 12
NCV7356D1R2G ONSEMI-NCV7356D1R2G Datasheet
208Kb / 24P
   Single Wire CAN Transceiver
January, 2017 ??Rev. 13
More results

Similar Description - NCV7356D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_17 Datasheet
208Kb / 24P
   Single Wire CAN Transceiver
January, 2017 ??Rev. 13
logo
Melexis Microelectronic...
TH8055 MELEXIS-TH8055 Datasheet
819Kb / 20P
   Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_15 Datasheet
205Kb / 24P
   Single Wire CAN Transceiver
December, 2015 ??Rev. 10
logo
Freescale Semiconductor...
MC33897 FREESCALE-MC33897_07 Datasheet
512Kb / 20P
   Single Wire CAN Transceiver
MC33897 FREESCALE-MC33897_11 Datasheet
510Kb / 19P
   Single Wire CAN Transceiver
MC33897CTEFR2 FREESCALE-MC33897CTEFR2 Datasheet
413Kb / 19P
   Single Wire CAN Transceiver
MCZ33897AEF FREESCALE-MCZ33897AEF Datasheet
522Kb / 20P
   Single Wire CAN Transceiver
logo
NXP Semiconductors
AU5790 PHILIPS-AU5790 Datasheet
120Kb / 20P
   Single wire CAN transceiver
2001 May 18
logo
Micro Electronics
TH8055 MICRO-ELECTRONICS-TH8055 Datasheet
266Kb / 15P
   Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_07 Datasheet
218Kb / 24P
   Single Wire CAN Transceiver
January, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com