Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCN8025MTTBG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCN8025MTTBG
Description  Compact SMART CARD Interface IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN8025MTTBG Datasheet(HTML) 1 Page - ON Semiconductor

  NCN8025MTTBG Datasheet HTML 1Page - ON Semiconductor NCN8025MTTBG Datasheet HTML 2Page - ON Semiconductor NCN8025MTTBG Datasheet HTML 3Page - ON Semiconductor NCN8025MTTBG Datasheet HTML 4Page - ON Semiconductor NCN8025MTTBG Datasheet HTML 5Page - ON Semiconductor NCN8025MTTBG Datasheet HTML 6Page - ON Semiconductor NCN8025MTTBG Datasheet HTML 7Page - ON Semiconductor NCN8025MTTBG Datasheet HTML 8Page - ON Semiconductor NCN8025MTTBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2012
May, 2012 − Rev. 4
1
Publication Order Number:
NCN8025/D
NCN8025 / NCN8025A
Compact SMART CARD
Interface IC
The NCN8025 / NCN8025A is a compact and cost−effective single
smart card interface IC. It is dedicated for 1.8 V / 3.0 V / 5.0 V smart
card reader/writer applications. The card VCC supply is provided by a
built−in very low drop out and low noise LDO.
The device is fully compatible with the ISO 7816−3, EMV 4.2,
UICC and related standards including NDS and other STB standards
(Nagravision, Irdeto...). It satisfies the requirements specifying
conditional access into Set−Top−Boxes (STB) or Conditional Access
Modules (CAM and CAS).
This smart card interface IC is available in a QFN−24 package
(NCN8025A) providing all of the industry−standard features usually
required for STB smart card interface. It is also offered in a very
compact package profile, QFN−16 (NCN8025), satisfying the
requirements of cost−efficiency and space−saving requested by CAM
and SIM applications.
For details regarding device implementation refer to application
note AND8003/D, available upon request (please contact your local
ON Semiconductor sales office or representative).
Features
Single IC Card Interface
Fully Compatible with ISO 7816−3, EMV4.2, UICC and Related
Standards Including NDS and Other STB Standards (Nagravision,
Irdeto...)
3 Bidirectional Buffered I/O Level Shifters (C4, C7 and C8)
(QFN−24) − 1 Bidirectional I/O Level Shifter for the QFN−16
compact version
1.8 V, 3.0 V or 5.0 V $ 5 % Regulated Card Power Supply
Generation such as ICC
v 70 mA
Regulator Power Supply: VDDP = 2.7 V to 5.5 V (@ 1.8 V),
3.0 V to 5.5 V (@ 3.0 V) & 4.85 V to 5.5 V (@ 5.0 V)
Independent Power Supply range on Controller
Interface such as VDD = 2.7 V to 5.5 V
Handles Class A, B and C Smart Cards
Short Circuit Protection on all Card Pins
Support up to 27 MHz input Clock with Internal
Division Ratio 1/1, 1/2, 1/4 and 1/8 through CLKDIV1
and CLKDIV2
ESD Protection on Card Pins up to +8 kV (Human
Body Model)
Activation / Deactivation Sequences (ISO7816
Sequencer)
Fault Protection Mechanisms Enabling Automatic
Device Deactivation in Case of Overload, Overheating,
Card Take−off or Power Supply Drop−out (OCP, OTP,
UVP)
Interrupt Signal INT for Card Presence and Faults
External Under−Voltage Lockout Threshold
Adjustment on VDD (PORADJ Pin) (Except QFN−16)
Available in 2 Package Formats: QFN−24
(NCN8025A) and QFN−16 (NCN8025)
These are Pb−Free Devices
Typical Application
Pay TV, Set Top Box Decoder with Conditional Access
and Pay−per−View
Conditional Access Module (CAM / CAS)
SIM card interface applications (UICC / USIM)
Point Of Sales and Transaction Terminals
Electronic Payment and Identification
See detailed ordering and shipping information in the package
dimensions section on page 13 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
http://onsemi.com
NCN
8025A
ALYWG
G
QFN24
MN SUFFIX
CASE 485L
1
QFN16
MT SUFFIX
CASE 488AK
NCN
8025
ALYWG
G
(*Note: Microdot may be in either location)


Similar Part No. - NCN8025MTTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN8025MTTBG ONSEMI-NCN8025MTTBG Datasheet
137Kb / 15P
   Compact SMART CARD Interface IC
October, 2016 ??Rev. 5
More results

Similar Description - NCN8025MTTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN6001 ONSEMI-NCN6001 Datasheet
332Kb / 36P
   Compact Smart Card Interface IC
July, 2003 - Rev. 2
NCN8025 ONSEMI-NCN8025_16 Datasheet
137Kb / 15P
   Compact SMART CARD Interface IC
October, 2016 ??Rev. 5
NCN6000 ONSEMI-NCN6000 Datasheet
361Kb / 36P
   Compact Smart Card Interface IC
March, 2006 ??Rev. 4
NCN6001 ONSEMI-NCN6001_14 Datasheet
524Kb / 33P
   Compact Smart Card Interface IC
October, 2014 ??Rev. 6
NCN8025AMNGEVB ONSEMI-NCN8025AMNGEVB Datasheet
137Kb / 15P
   Compact SMART CARD Interface IC
October, 2016 ??Rev. 5
NCN6001 ONSEMI-NCN6001_06 Datasheet
471Kb / 34P
   Compact Smart Card Interface IC
January, 2006 ??Rev. 3
NCN8026A ONSEMI-NCN8026A Datasheet
166Kb / 14P
   Compact Low Power Smart Card Interface IC
January, 2013 ??Rev. 2
NCN8026A ONSEMI-NCN8026A_16 Datasheet
125Kb / 15P
   Compact Low Power Smart Card Interface IC
May, 2016 ??Rev. 7
NCN6024 ONSEMI-NCN6024 Datasheet
223Kb / 15P
   Compact and Low Cost Smart Card Interface IC
July, 2009 ??Rev. 1
NCN8024 ONSEMI-NCN8024_12 Datasheet
180Kb / 16P
   Smart Card Interface IC
October, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com