Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCN8025 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCN8025
Description  Compact SMART CARD Interface IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN8025 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCN8025 Datasheet HTML 4Page - ON Semiconductor NCN8025 Datasheet HTML 5Page - ON Semiconductor NCN8025 Datasheet HTML 6Page - ON Semiconductor NCN8025 Datasheet HTML 7Page - ON Semiconductor NCN8025 Datasheet HTML 8Page - ON Semiconductor NCN8025 Datasheet HTML 9Page - ON Semiconductor NCN8025 Datasheet HTML 10Page - ON Semiconductor NCN8025 Datasheet HTML 11Page - ON Semiconductor NCN8025 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
NCN8025 / NCN8025A
http://onsemi.com
8
SMART CARD INTERFACE SECTION CI/O, CAUX1, CAUX2, CCLK, CRST, PRES, PRES (VDD = 3.3 V; VDDP = 5 V; Tamb = 25°C;
FCLKIN = 10 MHz)
Symbol
Rating
Min
Typ
Max
Unit
VOH
VOL
tR
tF
tR/F
td
CRST @ CVCC = 1.8 V, 3.0 V, 5.0 V
Output RESET VOH @ Irst = −200 mA
Output RESET VOL @ Irst = 200 mA
Output RESET Rise time @ Cout = 100 pF (Note 9)
Output RESET Fall time @ Cout = 100 pF (Note 9)
Output Rise/Fall times @ CVCC = 1.8 V & Cout = 100 pF (Note 9)
RSTIN to CRST delay − Reset enabled (Note 9)
0.9 x CVCC
0
CVCC
0.20
100
100
200
2
V
V
ns
ns
ns
ms
FCRDCLK
VOH
VOL
FDC
trills
tulsa
SR
CCLK @ CVCC = 1.8 V, 3.0 V or 5.0 V
Output Frequency (Note 9)
Output CCLK VOH @ Iclk = −200 mA
Output CCLK VOL @ Iclk = 200 mA
Output Duty Cycle (Note 9)
Rise & Fall time
Output CCLK Rise time @ Cout = 33 pF (Note 9)
Output CCLK Fall time @ Cout = 33 pF (Note 9)
Slew Rate @ Cout = 33 pF (CVCC = 3.0 V or 5.0 V) (Note 9)
0.9 x CVCC
0
45
0.2
27
CVCC
+0.2
55
16
16
MHz
V
V
%
ns
ns
V/ns
VIH
VIL
|IIL|
|IIH|
VOH
VOL
tRi / Fi
tRo / Fo
CAUX1, CAUX2, CI/O @ CVCC = 1.8 V, 3.0 V, 5.0 V
Input Voltage High Level
1.8 V Mode
3.0 V Mode
5.0 V Mode
Input Voltage Low Level
1.8 V mode
3.0 V and 5.0 V modes
Low Level Input current VIL = 0 V
High Level Input current VIH = CVCC
Output VOH
@ IOH = −40 mA for CVCC = 3.0 V and 5.0 V
@ IOH = −20 mA for CVCC = 1.8 V
Output VOL
@ IOL = 1 mA, VIL = 0 V
Input Rising/Falling times (Note 9)
Output Rising/Falling times / Cout = 80 pF (Note 9)
1.2
1.6
2.3
−0.30
−0.30
0.75 x CVCC
0.75 x CVCC
0
CVCC + 0.3
CVCC + 0.3
CVCC + 0.3
0.50
0.80
600
10
CVCC + 0.1
CVCC + 0.1
0.30
1.2
0.1
V
V
V
V
V
mA
mA
V
V
V
ms
ms
Fbidi
Maximum data rate through bidirectional I/O, AUX1 & AUX2 channels (Note 9)
1
MHz
RPU
CAUX1, CAUX2, CI/O Pull− Up Resistor
8
11
16
kW
tIO
Propagation delay IOuc −> CI/O and CI/O −> IOuc (falling edge) (Note 9)
200
ns
tpu
Active pull−up pulse width buffers I/O, AUX1 and AUX2 (Note 9)
200
ns
Cin
Input Capacitance on data channels
10
pF
VIH
VIL
PRES, PRES
Card Presence Voltage High Level
Card Presence Voltage Low Level
0.7 x VDD
−0.3
VDD + 0.3
0.3 x VDD
V
|IIH|
|IIL|
PRES, PRES
High level input leakage current, VIH = VDD
PRES
PRES
Low level input leakage current, VIL = 0 V
PRES
PRES
5
5
10
1
1
10
mA


Similar Part No. - NCN8025

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN8025 ONSEMI-NCN8025 Datasheet
137Kb / 15P
   Compact SMART CARD Interface IC
October, 2016 ??Rev. 5
NCN8025AEVB ONSEMI-NCN8025AEVB Datasheet
380Kb / 7P
   Evaluation Board Manual for NCN8025A QFN-24
April, 2011 ??Rev. 0
NCN8025AMNGEVB ONSEMI-NCN8025AMNGEVB Datasheet
137Kb / 15P
   Compact SMART CARD Interface IC
October, 2016 ??Rev. 5
NCN8025AMNTXG ONSEMI-NCN8025AMNTXG Datasheet
137Kb / 15P
   Compact SMART CARD Interface IC
October, 2016 ??Rev. 5
NCN8025AMNTXG ONSEMI-NCN8025AMNTXG Datasheet
380Kb / 7P
   Evaluation Board Manual for NCN8025A QFN-24
April, 2011 ??Rev. 0
More results

Similar Description - NCN8025

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN6001 ONSEMI-NCN6001 Datasheet
332Kb / 36P
   Compact Smart Card Interface IC
July, 2003 - Rev. 2
NCN8025 ONSEMI-NCN8025_16 Datasheet
137Kb / 15P
   Compact SMART CARD Interface IC
October, 2016 ??Rev. 5
NCN6000 ONSEMI-NCN6000 Datasheet
361Kb / 36P
   Compact Smart Card Interface IC
March, 2006 ??Rev. 4
NCN6001 ONSEMI-NCN6001_14 Datasheet
524Kb / 33P
   Compact Smart Card Interface IC
October, 2014 ??Rev. 6
NCN8025AMNGEVB ONSEMI-NCN8025AMNGEVB Datasheet
137Kb / 15P
   Compact SMART CARD Interface IC
October, 2016 ??Rev. 5
NCN6001 ONSEMI-NCN6001_06 Datasheet
471Kb / 34P
   Compact Smart Card Interface IC
January, 2006 ??Rev. 3
NCN8026A ONSEMI-NCN8026A Datasheet
166Kb / 14P
   Compact Low Power Smart Card Interface IC
January, 2013 ??Rev. 2
NCN8026A ONSEMI-NCN8026A_16 Datasheet
125Kb / 15P
   Compact Low Power Smart Card Interface IC
May, 2016 ??Rev. 7
NCN6024 ONSEMI-NCN6024 Datasheet
223Kb / 15P
   Compact and Low Cost Smart Card Interface IC
July, 2009 ??Rev. 1
NCN8024 ONSEMI-NCN8024_12 Datasheet
180Kb / 16P
   Smart Card Interface IC
October, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com