Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1MA151WAT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # M1MA151WAT1G
Description  Common Anode Silicon Dual Switching Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

M1MA151WAT1G Datasheet(HTML) 3 Page - ON Semiconductor

  M1MA151WAT1G Datasheet HTML 1Page - ON Semiconductor M1MA151WAT1G Datasheet HTML 2Page - ON Semiconductor M1MA151WAT1G Datasheet HTML 3Page - ON Semiconductor M1MA151WAT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
M1MA151WAT1, M1MA152WAT1
http://onsemi.com
3
100
0.2
0.4
VF, FORWARD VOLTAGE (VOLTS)
0.6
0.8
1.0
1.2
10
1.0
0.1
TA = 85°C
10
0
VR, REVERSE VOLTAGE (VOLTS)
1.0
0.1
0.01
0.001
10
20
30
40
50
1.75
0
VR, REVERSE VOLTAGE (VOLTS)
1.5
1.25
1.0
0.75
24
6
8
Figure 2. Forward Voltage
Figure 3. Leakage Current
Figure 4. Capacitance
TA = -40°C
TA = 25°C
TA = 150°C
TA = 125°C
TA = 85°C
TA = 55°C
TA = 25°C


Similar Part No. - M1MA151WAT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
M1MA151WAT1G ONSEMI-M1MA151WAT1G Datasheet
52Kb / 4P
   Common Anode Silicon Dual Switching Diodes
March, 2006 ??Rev. 9
More results

Similar Description - M1MA151WAT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
M1MAWAT1 LRC-M1MAWAT1 Datasheet
58Kb / 2P
   Common Anode Silicon Dual Switching diodes
logo
E-Tech Electronics LTD
M1MA151WKT1 ETL-M1MA151WKT1 Datasheet
102Kb / 2P
   Common Anode Silicon Dual Switching diodes
logo
ON Semiconductor
DAP202U ONSEMI-DAP202U Datasheet
54Kb / 6P
   Common Anode Silicon Dual Switching Diodes
April, 2004 ??Rev. 4
DAP222 ONSEMI-DAP222_05 Datasheet
59Kb / 5P
   Common Anode Silicon Dual Switching Diodes
October, 2005 ??Rev. 5
logo
Leshan Radio Company
M1MA151WALT1 LRC-M1MA151WALT1 Datasheet
111Kb / 3P
   Common Anode Silicon Dual Switching diodes
logo
E-Tech Electronics LTD
M1MA151WAT1 ETL-M1MA151WAT1 Datasheet
118Kb / 2P
   Common Anode Silicon Dual Switching diodes
logo
Leshan Radio Company
M1MA151WKLT1 LRC-M1MA151WKLT1 Datasheet
102Kb / 3P
   Common Anode Silicon Dual Switching diodes
LM1MA151WAT1 LRC-LM1MA151WAT1 Datasheet
67Kb / 3P
   Common Anode Silicon Dual Switching diodes
logo
Motorola, Inc
M1MA151WAT1 MOTOROLA-M1MA151WAT1 Datasheet
85Kb / 6P
   Common Anode Silicon Dual Switching Diodes
logo
Leshan Radio Company
M1MA151WKT1 LRC-M1MA151WKT1 Datasheet
58Kb / 2P
   Common Anode Silicon Dual Switching diodes
logo
ON Semiconductor
DAP222 ONSEMI-DAP222 Datasheet
64Kb / 5P
   Common Anode Silicon Dual Switching Diodes
October, 2005 ??Rev. 5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com