Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1MA151WAT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # M1MA151WAT1
Description  Common Anode Silicon Dual Switching Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

M1MA151WAT1 Datasheet(HTML) 1 Page - ON Semiconductor

  M1MA151WAT1_12 Datasheet HTML 1Page - ON Semiconductor M1MA151WAT1_12 Datasheet HTML 2Page - ON Semiconductor M1MA151WAT1_12 Datasheet HTML 3Page - ON Semiconductor M1MA151WAT1_12 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2012
July, 2012 − Rev. 10
1
Publication Order Number:
M1MA151WAT1/D
M1MA151WAT1,
M1MA152WAT1
Preferred Device
Common Anode Silicon
Dual Switching Diodes
These Common Anode Silicon Epitaxial Planar Dual Diodes are
designed for use in ultra high speed switching applications. These
devices are housed in the SC−59 package which is designed for low
power surface mount applications.
Features
Fast trr, < 10 ns
Low CD, < 15 pF
Pb−Free Packages are Available
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Reverse Voltage
M1MA151WAT1
M1MA152WAT1
VR
40
80
Vdc
Peak Reverse Voltage
M1MA151WAT1
M1MA152WAT1
VRM
40
80
Vdc
Forward Current
Single
Dual
IF
100
150
mAdc
Peak Forward Current
Single
Dual
IFM
225
340
mAdc
Peak Forward Surge Current
Single
Dual
IFSM
(Note 1)
500
750
mAdc
THERMAL CHARACTERISTICS
Rating
Symbol
Max
Unit
Power Dissipation
PD
200
mW
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
−55 to + 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. t = 1 SEC
http://onsemi.com
Preferred devices are recommended choices for future use
and best overall value.
SC−59
CASE 318D
MARKING DIAGRAM
3 ANODE
12
CATHODE
Device
Package
Shipping
ORDERING INFORMATION
M1MA151WAT1
SC−59
3000/Tape & Reel
M1MA151WAT1G
SC−59
(Pb−Free)
3000/Tape & Reel
M1MA152WAT1
SC−59
3000/Tape & Reel
M1MA152WAT1G
SC−59
(Pb−Free)
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1
Mx M G
G
Mx = Device Code
x = N for 151
O for 152
M
= Date Code*
G
=Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation may vary depending
upon manufacturing location.


Similar Part No. - M1MA151WAT1_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
M1MA151WAT1G ONSEMI-M1MA151WAT1G Datasheet
52Kb / 4P
   Common Anode Silicon Dual Switching Diodes
March, 2006 ??Rev. 9
More results

Similar Description - M1MA151WAT1_12

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
M1MAWAT1 LRC-M1MAWAT1 Datasheet
58Kb / 2P
   Common Anode Silicon Dual Switching diodes
logo
E-Tech Electronics LTD
M1MA151WKT1 ETL-M1MA151WKT1 Datasheet
102Kb / 2P
   Common Anode Silicon Dual Switching diodes
logo
ON Semiconductor
DAP202U ONSEMI-DAP202U Datasheet
54Kb / 6P
   Common Anode Silicon Dual Switching Diodes
April, 2004 ??Rev. 4
DAP222 ONSEMI-DAP222_05 Datasheet
59Kb / 5P
   Common Anode Silicon Dual Switching Diodes
October, 2005 ??Rev. 5
logo
Leshan Radio Company
M1MA151WALT1 LRC-M1MA151WALT1 Datasheet
111Kb / 3P
   Common Anode Silicon Dual Switching diodes
logo
E-Tech Electronics LTD
M1MA151WAT1 ETL-M1MA151WAT1 Datasheet
118Kb / 2P
   Common Anode Silicon Dual Switching diodes
logo
Leshan Radio Company
M1MA151WKLT1 LRC-M1MA151WKLT1 Datasheet
102Kb / 3P
   Common Anode Silicon Dual Switching diodes
LM1MA151WAT1 LRC-LM1MA151WAT1 Datasheet
67Kb / 3P
   Common Anode Silicon Dual Switching diodes
logo
Motorola, Inc
M1MA151WAT1 MOTOROLA-M1MA151WAT1 Datasheet
85Kb / 6P
   Common Anode Silicon Dual Switching Diodes
logo
Leshan Radio Company
M1MA151WKT1 LRC-M1MA151WKT1 Datasheet
58Kb / 2P
   Common Anode Silicon Dual Switching diodes
logo
ON Semiconductor
DAP222 ONSEMI-DAP222 Datasheet
64Kb / 5P
   Common Anode Silicon Dual Switching Diodes
October, 2005 ??Rev. 5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com