Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3025N Datasheet(PDF) 1 Page - Sony Corporation

Part # CXA3025N
Description  All Band TV Tuner IC (VHF-CATV-UHF)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3025N Datasheet(HTML) 1 Page - Sony Corporation

  CXA3025N Datasheet HTML 1Page - Sony Corporation CXA3025N Datasheet HTML 2Page - Sony Corporation CXA3025N Datasheet HTML 3Page - Sony Corporation CXA3025N Datasheet HTML 4Page - Sony Corporation CXA3025N Datasheet HTML 5Page - Sony Corporation CXA3025N Datasheet HTML 6Page - Sony Corporation CXA3025N Datasheet HTML 7Page - Sony Corporation CXA3025N Datasheet HTML 8Page - Sony Corporation CXA3025N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Description
The CXA3025N is a single chip TV tuner IC which
performs as a mixer, oscillator for UHF and VHF-
CATV bands. An IF amplifier is also provided.
This IC adopts a 24-pin SSOP package (0.8mm
pitch) in response to the trend towards miniaturizing
the tuner and automatic IC mounting.
Features
• Low noise figure
• Superior cross modulation
• Low spurious
• Stable oscillating characteristics
• Local oscillator output for PLL
• Double tune filter connectable to MIX output
• Low thermal resistance package
Structure
Bipolar silicon monolithic IC
Applications
• TV tuner
• CATV tuner
• VCR tuner
Block Diagram and Pin Configuration (Top View)
Absolute Maximum Ratings (Ta = 25°C)
• Supply voltage
VCC
10.5
V
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation
PD
1200
mW
(when mounted on a board)
Operating Conditions
• Supply voltage
VCC
9.0 ± 0.9
V
• Operating temperature
Topr
–20 to +75
°C
– 1 –
CXA3025N
E95Y06-ST
All Band TV Tuner IC (VHF-CATV-UHF)
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
24 pin SSOP (Plastic)
REG
VHF
MIX
UHF
MIX
UHF
OSC
OSC
BUFF
IF AMP
BAND
SW
2
3
4
5
6
7
8
9
10
11
12
1
VHF
OSC
13
14
15
16
17
18
19
20
21
22
23
24


Similar Part No. - CXA3025N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3026 SONY-CXA3026 Datasheet
590Kb / 29P
   8-bit 140MSPS Flash A/D Converter
CXA3026 SONY-CXA3026 Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
CXA3026AQ SONY-CXA3026AQ Datasheet
590Kb / 29P
   8-bit 140MSPS Flash A/D Converter
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
More results

Similar Description - CXA3025N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3125N SONY-CXA3125N Datasheet
201Kb / 13P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1695L SONY-CXA1695L Datasheet
166Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1664M SONY-CXA1664M Datasheet
226Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA1594L SONY-CXA1594L Datasheet
225Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA3095N SONY-CXA3095N Datasheet
167Kb / 11P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA3225N SONY-CXA3225N Datasheet
195Kb / 16P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1665M SONY-CXA1665M Datasheet
230Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
logo
ANADIGICS, Inc
ACD0900 ANADIGICS-ACD0900 Datasheet
132Kb / 12P
   VHF/UHF CATV/TV Tuner
ACD0900S3C ANADIGICS-ACD0900S3C Datasheet
252Kb / 4P
   VHF/UHF CATV/TV Tuner Downconverter
logo
Sony Corporation
CXA1165P SONY-CXA1165P Datasheet
381Kb / 12P
   CATV and VHF TV Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com