Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAFA1017-EC2-02-S-3 Datasheet(PDF) 2 Page - Emcore Corporation

Part # MAFA1017-EC2-02-S-3
Description  MAFA 1000 Series Erbium Doped Fiber Micro Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

MAFA1017-EC2-02-S-3 Datasheet(HTML) 2 Page - Emcore Corporation

  MAFA1017-EC2-02-S-3 Datasheet HTML 1Page - Emcore Corporation MAFA1017-EC2-02-S-3 Datasheet HTML 2Page - Emcore Corporation MAFA1017-EC2-02-S-3 Datasheet HTML 3Page - Emcore Corporation MAFA1017-EC2-02-S-3 Datasheet HTML 4Page - Emcore Corporation MAFA1017-EC2-02-S-3 Datasheet HTML 5Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DATASHEET | SEPTEMBER 2012
FIBER OPTICS
| REV 2012.09
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Optical/Electrical Characteristics1
Property
Unit
Limit
Models
Comments
1014
1017
1020
1022
1023
Operating Input Power
Pin (dBm)
Max
12
12
12
12
12
Operating Input Power
Pin (dBm)
Min
-6
-6
-6
-6
-6
Typical
(May vary for some models)
Output Power
Po(dBm)
Nominal
14
+/-.25
17
+/- .25
20
+/- .25
22
+/- .25
23
+/- .25
Note 2
Noise Figure
NF (dB)
Typ
 4.0 dB
 4.0 dB
 4.0 dB
 4.0 dB
 4.0 dB
@ Pin = 0 dBm, no Pin monitoring
(Notes 3, 7, 8)
Static Gain Flatness
ΔGs (dB)
Max
+/-0.5
+/-0.5
+/-0.5
+/-0.5
+/-0.5
(Notes 4)
Dynamic Gain Flatness
ΔGd (dB)
Max
+/-1.0
+/-1.25
+/-1.5
+/-2.0
+/-2.0
(Notes 5, 7)
Output Power Stability
(dB)
Max
+/- 0.1
+/- 0.1
+/- 0.1
+/- 0.1
+/- 0.1
(Note 6)
Power Consumption
(Steady state)
Psys(W)
Max
2
3
5
6
8
70
oC Case
Notes:
1. Unless stated otherwise, all specifications apply over the full operating temperature and humidity ranges
2. Measurement variations
3. Measured with 8 evenly spread input optical signals @ 25°C,
Pin ≈ 0 dBm. Measuring with 1 input optical signal with Pin
≈ 0 dBm and
 ≈ 1550 nm is also available
4. Measured with a swept Probe Signal (Pp), where Pp ≈ 0 dBm @ 25
C
5. Measured with a swept Probe Signal (Pp), and a fixed Tone Signal (Pt) @ ~ 1550 nm; (Pt ≈ Pp+20 dB; Pt + Pp ≈ 0 dBm)
@ 25
C; Gain Flattened Options with ΔG ≤ +/-0.75dB or ΔG ≤ +/-1.0dB are available (for some models and for defined
input optical power only)
6. Over polarization and temperature
7. Specific ΔG can be guaranteed at a single specified Input Optical Power Level (Pin = Pt + Pp) equal or different from 0
dBm
8. If input power monitoring and input isolation are required then typical NF (Typ) for all units @ Pin = 0 dBm as
 4.5 dB
General and Mechanical Specifications
Property
Requirement
Comments
Operating Wavelength
1532nm ~ 1565nm
Standard
Operating Case Temperature
0
C to 50C
Standard*
Storage Temperature
-40
C to 85C
Standard
Operating Humidity
20% to 85%
Non-condensing
Voltage Supply Range
+12VDC/+5VDC/+3.3VDC
All versions**
Optical Connectors
SC; FC; E2000
User Specified
Dimensions (mm)
70 x 90 x 15
All versions
* - Extended temperature range of –40C to +75C is also possible
** Transient Pulse to +X.XVDC + 5% for < 100 msec
MAFA 1000 Series EDFA


Similar Part No. - MAFA1017-EC2-02-S-3

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA1014-EC1-00-E-1 EMCORE-MAFA1014-EC1-00-E-1 Datasheet
620Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
MAFA1014-EC1-00-E-2 EMCORE-MAFA1014-EC1-00-E-2 Datasheet
620Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
MAFA1014-EC1-00-E-3 EMCORE-MAFA1014-EC1-00-E-3 Datasheet
620Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
MAFA1014-EC1-00-S-1 EMCORE-MAFA1014-EC1-00-S-1 Datasheet
620Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
MAFA1014-EC1-00-S-2 EMCORE-MAFA1014-EC1-00-S-2 Datasheet
620Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
More results

Similar Description - MAFA1017-EC2-02-S-3

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA-2000 EMCORE-MAFA-2000 Datasheet
394Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-3000 EMCORE-MAFA-3000 Datasheet
328Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-2100-PA1 EMCORE-MAFA-2100-PA1 Datasheet
406Kb / 3P
   Micro Erbium Doped Fiber pre-Amplifier
NMOA8100 EMCORE-NMOA8100_12 Datasheet
473Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30_12 Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
NMOA8100 EMCORE-NMOA8100 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30 Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
MAFA-2100-PA EMCORE-MAFA-2100-PA Datasheet
383Kb / 3P
   Erbium Doped Fiber Micro PreAmplifier
PONA-2100 EMCORE-PONA-2100 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
logo
JDS Uniphase Corporatio...
OAB1552-20FP0 JDSU-OAB1552-20FP0 Datasheet
90Kb / 3P
   Benchtop Erbium-Doped Fiber Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com