Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLU2G16CMUTCG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NLU2G16CMUTCG
Description  Dual Non-Inverting Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU2G16CMUTCG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NLU2G16CMUTCG Datasheet HTML 2Page - ON Semiconductor NLU2G16CMUTCG Datasheet HTML 3Page - ON Semiconductor NLU2G16CMUTCG Datasheet HTML 4Page - ON Semiconductor NLU2G16CMUTCG Datasheet HTML 5Page - ON Semiconductor NLU2G16CMUTCG Datasheet HTML 6Page - ON Semiconductor NLU2G16CMUTCG Datasheet HTML 7Page - ON Semiconductor NLU2G16CMUTCG Datasheet HTML 8Page - ON Semiconductor NLU2G16CMUTCG Datasheet HTML 9Page - ON Semiconductor NLU2G16CMUTCG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
NLU2G16
http://onsemi.com
10
PACKAGE DIMENSIONS
ULLGA6 1.45x1.0, 0.5P
CASE 613AF
ISSUE A
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND
0.30 mm FROM THE TERMINAL TIP.
4. A MAXIMUM OF 0.05 PULL BACK OF THE
PLATED TERMINAL FROM THE EDGE OF THE
PACKAGE IS ALLOWED.
A
B
E
D
BOTTOM VIEW
b
e
6X
0.10
B
0.05
A
C
C
L
5X
NOTE 3
0.10 C
PIN ONE
REFERENCE
TOP VIEW
0.10 C
6X
A
A1
0.05 C
0.05 C
C
SEATING
PLANE
SIDE VIEW
L1
1
3
4
6
DIM MIN
MAX
MILLIMETERS
A
−−−
0.40
A1
0.00
0.05
b
0.15
0.25
D
1.45 BSC
E
1.00 BSC
e
0.50 BSC
L
0.25
0.35
L1
0.30
0.40
NOTE 4
SOLDERMASK DEFINED*
DIMENSIONS: MILLIMETERS
0.30
5X
0.49
6X
1.24
0.53
PITCH
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
0.50
1
MOUNTING FOOTPRINT
PKG
OUTLINE
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number of patents, trademarks,
copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC
reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without
limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC
does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where
personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture
of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NLU2G16/D
MiniGate is a trademark of Semiconductor Components Industries, LLC (SCILLC).
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NLU2G16CMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU2G16CMUTCG ONSEMI-NLU2G16CMUTCG Datasheet
70Kb / 7P
   Dual Non-Inverting Buffer
July, 2016 ??Rev. 6
More results

Similar Description - NLU2G16CMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU2G16 ONSEMI-NLU2G16_16 Datasheet
70Kb / 7P
   Dual Non-Inverting Buffer
July, 2016 ??Rev. 6
NLU2G16 ONSEMI-NLU2G16 Datasheet
98Kb / 8P
   Dual Non-Inverting Buffer
March, 2008 - Rev. 2
NLU2G17 ONSEMI-NLU2G17_16 Datasheet
79Kb / 8P
   Dual Non-Inverting Schmitt-Trigger Buffer
July, 2016 ??Rev. 9
NLX2G07 ONSEMI-NLX2G07_16 Datasheet
79Kb / 8P
   Dual Non-Inverting Buffer Open Drain
June, 2016 ??Rev. 5
NLU2G07 ONSEMI-NLU2G07 Datasheet
100Kb / 8P
   Dual Non-Inverting Buffer, Open Drain
March, 2008 - Rev. 2
NL27WZ17 ONSEMI-NL27WZ17 Datasheet
91Kb / 8P
   Dual Non-Inverting Schmitt Trigger Buffer
June, 2002 ??Rev. 0
NL27WZ17 ONSEMI-NL27WZ17_V01 Datasheet
470Kb / 13P
   Schmitt Trigger Buffer, Dual, Non-Inverting
September, 2020 ??Rev. 13
NLU2G17 ONSEMI-NLU2G17 Datasheet
138Kb / 8P
   Dual Non-Inverting Schmitt-Trigger Buffer
July, 2008 ??Rev. 5
NLX2G07 ONSEMI-NLX2G07 Datasheet
95Kb / 8P
   Dual Non-Inverting Buffer, Open Drain
March, 2008 - Rev. 0
NL27WZ17 ONSEMI-NL27WZ17_12 Datasheet
105Kb / 5P
   Dual Non-Inverting Schmitt Trigger Buffer
April, 2012 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com