Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

02001.15.05 Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # 02001.15.05
Description  Super Vu-Tron짰 III Types SJOOW/SOOW
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

02001.15.05 Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  02001.15.05 Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rubber Cord
10
Cord & Cordset
Super Vu-Tron® III Types SJOOW/SOOW
105ºC300and600VoltUL/CSAPortableCord
Product Construction:
Conductors:
• 18through10AWGfullyannealedstranded
bare copper per ASTM B-174
Insulation:
• Premium-grade,color-coded,oil-resistant
105ºCEPDM
• Colorcode:Seechartbelow
Jacket:
• SuperVu-Tron® III, yellow
• Temperaturerange:
–50ºC to +105ºC UL/CSA
• Voltagerating:
300 volts Type SJOOW
600 volts Type SOOW
Jacket Marking:
• CAROLSUPERVU-TRON® III (SIZE) (mm2)
105°C (UL) WATER RESISTANT SJOOW
(ORSOOW)CSA–50°CFT-1---P-123-103
MSHA(VOLTS)RoHSMADEINUSA
Applications:
• Machinetools
• Powertools
• Docksidepowerapplications
• Motorleads
• Portablemachinery
• Cranes
• Submersiblepumps
Features:
• Excellentflexibilityincoldtemperatures
• Lastlongerinflexapplications
• IntegralFlexfill®
• Ozone-sunlight(UV)-andweather-resistant
• ULListedandCSACertifiedforindoorand
outdoor use
• Water-resistant,sunlight(UV)-resistant
• Safety-colored
• Highheatandflameresistance
• Resistanttooils,acidsandchemicals
• Excellentabrasionandcutresistance
Industry Approvals:
• ULFlexibleCord-ULSubject62
• CSAFlexibleCord-C22.2-49
• MSHAApproved
• RoHSCompliant
Packaging:
• 250'(76.2m),500'(152.4m),
1000'(304.8m)
• Otherput-upsavailableonspecialorder
TYPE SJOOW – 300 VOLT – UL/CSA
CATALOG
NUMBER
NO. OF
COND.
AWG
SIZE
COND.
STRAND
NOMINAL INS.
THICKNESS
NOMINAL O.D.
CURRENT
AMPS†
APPROX.
NET WT.
LBS/M1(S)
STD.
CTN.
INCHES
mm
INCHES
mm
02001*
2
18
41/34
0.030
0.76
0.310
8.00
10
56
1000'
02002*
3
18
41/34
0.030
0.76
0.320
8.12
10
65
1000'
02003*
4
18
41/34
0.030
0.76
0.345
8.76
7
80
250'
02004*
2
16
65/34
0.030
0.76
0.315
8.00
13
68
1000'
02005*
3
16
65/34
0.030
0.76
0.335
8.51
13
80
250'
02006*
4
16
65/34
0.030
0.76
0.370
9.40
10
95
250'
02007*
2
14
41/30
0.030
0.76
0.370
9.40
18
90
250'
02008*
3
14
41/30
0.030
0.76
0.375
9.52
18
110
250'
02009*
4
14
41/30
0.030
0.76
0.405 10.29
15
130
250'
TYPE SOOW – 600 VOLT – UL/CSA
CATALOG
NUMBER
NO. OF
COND.
AWG
SIZE
COND.
STRAND
NOMINAL INS.
THICKNESS
NOMINAL O.D.
CURRENT
AMPS†
APPROX.
NET WT.
LBS/M1(S)
STD.
CTN.
INCHES
mm
INCHES
mm
02031*
2
18
41/34
0.030
0.76
0.365
9.27
10
75
250'
02032*
3
18
41/34
0.030
0.76
0.375
9.53
10
80
250'
02033*
4
18
41/34
0.030
0.76
0.400 10.16
7
110
250'
02034*
2
16
65/34
0.030
0.76
0.370
9.40
13
75
250'
02035*
3
16
65/34
0.030
0.76
0.395 10.80
13
100
250'
02036*
4
16
65/34
0.030
0.76
0.425 10.80
10
120
250'
02021*
5
16
65/34
0.030
0.76
0.515 13.08
8
150
250'
02037*
2
14
41/30
0.045
1.14
0.510 12.95
18
155
250'
02038*
3
14
41/30
0.045
1.14
0.525 13.34
18
165
250'
02039*
4
14
41/30
0.045
1.14
0.575 14.61
15
215
250'
02022*
5
14
41/30
0.045
1.14
0.675 17.15
12
285
250'
02041*
2
12
65/30
0.045
1.14
0.590 14.99
25
200
250'
02042*
3
12
65/30
0.045
1.14
0.600 15.24
25
250
250'
02043*
4
12
65/30
0.045
1.14
0.650 16.51
20
280
250'
02023*
5
12
65/30
0.045
1.14
0.730 18.54
16
315
250'
02045*
3
10
104/30
0.045
1.14
0.660 16.76
30
320
250'
02046*
4
10
104/30
0.045
1.14
0.710 18.03
25
375
250'
02024*
5
10
104/30
0.045
1.14
0.770 19.56
20
432
250'
* Non-stock item available by special order; minimum quantity purchase required.
† Green conductor for grounding only. Ampacities based on NEC table 400.5(A).
(S)
Actual shipping weight may vary.
COLOR CODE CHART
NO. OF
CONDUCTORS
COLOR
2
Black, White
3
Black, White, Green
4
Black, White, Red, Green
5
Black, White, Red, Orange, Green


Similar Part No. - 02001.15.05

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
02001 GENERAL-02001 Datasheet
78Kb / 1P
   Super Vu-Tron짰 III Types SJOOW/SOOW
logo
Weidmuller
0200100000 WEIDMULLER-0200100000 Datasheet
1Mb / 52P
   SAK-series
0200100000 WEIDMULLER-0200100000 Datasheet
552Kb / 1P
   Direct Mount Terminals Feed Through
More results

Similar Description - 02001.15.05

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
02021.35.05 GENERAL-02021.35.05 Datasheet
78Kb / 1P
   Super Vu-Tron짰 III Types SJOOW/SOOW
02601.41.05 GENERAL-02601.41.05 Datasheet
92Kb / 1P
   Super Vu-Tron짰 Supreme Types SJOOW/SOOW
01761.35.04 GENERAL-01761.35.04 Datasheet
120Kb / 2P
   Super Vu-Tron짰 Welding Cable
01101.41.01 GENERAL-01101.41.01 Datasheet
63Kb / 1P
   Super Vu-Tron짰 Entertainment Industry and Stage Lighting Cable
01411.15.05 GENERAL-01411.15.05 Datasheet
127Kb / 2P
   Carolprene짰 Jacketed Type SOOW/SJOOW
02425.35.05 GENERAL-02425.35.05 Datasheet
127Kb / 2P
   Carolprene짰 Jacketed Type SOOW/SJOOW 90쨘C 600 Volt UL /CSA Portable Cord
logo
Cooper Bussmann, Inc.
HEX COOPER-HEX Datasheet
62Kb / 2P
   TRON짰 In-Line Fuseholders
HEJ COOPER-HEJ Datasheet
41Kb / 1P
   TRON짰 In-Line Fuseholders
logo
General Cable Technolog...
01310.15.01 GENERAL-01310.15.01 Datasheet
110Kb / 2P
   Carolprene짰 Jacketed Type SJOOW
logo
Molex Electronics Ltd.
130143-0165 MOLEX11-130143-0165 Datasheet
31Kb / 1P
   Super-Safeway Ground Fault Monitoring Cordset 16 Gauge SOOW
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com