Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLU1GT126BMX1TCG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLU1GT126BMX1TCG
Description  Non-Inverting 3-State Buffer, TTL Level
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU1GT126BMX1TCG Datasheet(HTML) 1 Page - ON Semiconductor

  NLU1GT126BMX1TCG Datasheet HTML 1Page - ON Semiconductor NLU1GT126BMX1TCG Datasheet HTML 2Page - ON Semiconductor NLU1GT126BMX1TCG Datasheet HTML 3Page - ON Semiconductor NLU1GT126BMX1TCG Datasheet HTML 4Page - ON Semiconductor NLU1GT126BMX1TCG Datasheet HTML 5Page - ON Semiconductor NLU1GT126BMX1TCG Datasheet HTML 6Page - ON Semiconductor NLU1GT126BMX1TCG Datasheet HTML 7Page - ON Semiconductor NLU1GT126BMX1TCG Datasheet HTML 8Page - ON Semiconductor NLU1GT126BMX1TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2012
July, 2012 − Rev. 3
1
Publication Order Number:
NLU1GT126/D
NLU1GT126
Non-Inverting 3-State
Buffer, TTL Level
LSTTL−Compatible Inputs
The NLU1GT126 MiniGate
t is an advanced CMOS high−speed
non−inverting buffer in ultra−small footprint.
The NLU1GT126 requires the 3−state control input (OE) to be set
Low to place the output in the high impedance state.
The device input is compatible with TTL−type input thresholds and
the output has a full 5.0 V CMOS level output swing.
The NLU1GT126 input and output structures provide protection
when voltages up to 7.0 V are applied, regardless of the supply
voltage.
Features
High Speed: tPD = 3.8 ns (Typ) @ VCC = 5.0 V
Low Power Dissipation: ICC = 2 mA (Max) at TA = 25°C
TTL−Compatible Input: VIL = 0.8 V; VIH = 2.0 V
CMOS−Compatible Output:
VOH > 0.8 VCC; VOL < 0.1 VCC @ Load
Power Down Protection Provided on inputs
Balanced Propagation Delays
Ultra−Small Packages
These are Pb−Free Devices
VCC
OE
IN A
OUT Y
GND
1
2
3
5
4
OE
OUT Y
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
6
NC
IN A
PIN ASSIGNMENT
1
2
3
GND
OE
IN A
4
5NC
OUT Y
FUNCTION TABLE
L
H
X
AY
L
H
Z
6VCC
Input
Output
OE
H
H
L
MARKING
DIAGRAMS
9
= Device Marking
M
= Date Code
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
9M
1
UDFN6
1.2 x 1.0
CASE 517AA
1
1
1
ULLGA6
1.0 x 1.0
CASE 613AD
ULLGA6
1.2 x 1.0
CASE 613AE
ULLGA6
1.45 x 1.0
CASE 613AF
9M
9M
9M
UDFN6
1.45 x 1.0
CASE 517AQ
UDFN6
1.0 x 1.0
CASE 517BX
1
X M
1
X M


Similar Part No. - NLU1GT126BMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1GT126BMX1TCG ONSEMI-NLU1GT126BMX1TCG Datasheet
105Kb / 8P
   Non-Inverting 3-State Buffer, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
More results

Similar Description - NLU1GT126BMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1GT126 ONSEMI-NLU1GT126_16 Datasheet
150Kb / 7P
   Non-Inverting 3-State Buffer, TTL Level
July, 2016 ??Rev. 5
NLU1GT125 ONSEMI-NLU1GT125_16 Datasheet
150Kb / 7P
   Non-Inverting 3-State Buffer, TTL Level
July, 2016 ??Rev. 6
NLU1GT125 ONSEMI-NLU1GT125_V01 Datasheet
197Kb / 6P
   Non-Inverting 3-State Buffer, TTL Level
January, 2019 - Rev. 7
NLU1GT126 ONSEMI-NLU1GT126 Datasheet
105Kb / 8P
   Non-Inverting 3-State Buffer, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
NLU1GT125 ONSEMI-NLU1GT125 Datasheet
105Kb / 8P
   Non-Inverting 3-State Buffer, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
logo
Toshiba Semiconductor
TC74HCT540AP TOSHIBA-TC74HCT540AP Datasheet
236Kb / 6P
   OCTAL BUS BUFFER WITH TTL INPUT LEVEL. INVERTING/NON-INVERTING, 3-STATE OUTPUTS
logo
ON Semiconductor
NLU1GT50 ONSEMI-NLU1GT50_16 Datasheet
157Kb / 9P
   Single Buffer, Non-Inverting, TTL Level
June, 2016 ??Rev. 5
NLU1GT50 ONSEMI-NLU1GT50 Datasheet
99Kb / 8P
   Single Buffer, Non-Inverting, TTL Level
March, 2008 - Rev. 2
NLU1GT50 ONSEMI-NLU1GT50_12 Datasheet
137Kb / 10P
   Single Buffer, Non-Inverting, TTL Level
July, 2012 ??Rev. 3
NL17SZ126 ONSEMI-NL17SZ126_16 Datasheet
89Kb / 9P
   Non-Inverting 3-State Buffer
September, 2016 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com