Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLU1G07BMX1TCG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLU1G07BMX1TCG
Description  Single Non-Inverting Buffer with Open Drain Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU1G07BMX1TCG Datasheet(HTML) 3 Page - ON Semiconductor

  NLU1G07BMX1TCG Datasheet HTML 1Page - ON Semiconductor NLU1G07BMX1TCG Datasheet HTML 2Page - ON Semiconductor NLU1G07BMX1TCG Datasheet HTML 3Page - ON Semiconductor NLU1G07BMX1TCG Datasheet HTML 4Page - ON Semiconductor NLU1G07BMX1TCG Datasheet HTML 5Page - ON Semiconductor NLU1G07BMX1TCG Datasheet HTML 6Page - ON Semiconductor NLU1G07BMX1TCG Datasheet HTML 7Page - ON Semiconductor NLU1G07BMX1TCG Datasheet HTML 8Page - ON Semiconductor NLU1G07BMX1TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NLU1G07
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
VCC
(V)
TA = 25 5C
TA = +855C
TA = −555C
to +1255C
Unit
Min
Typ
Max
Min
Max
Min
Max
VIH
Low−Level Input
Voltage
1.65
0.75 x
VCC
0.75 x
VCC
V
2.3 to
5.5
0.70 x
VCC
0.70 x
VCC
VIL
Low−Level Input
Voltage
1.65
0.25 x
VCC
0.25 x
VCC
0.25 x
VCC
V
2.3 to
5.5
0.30 x
VCC
0.30 x
VCC
0.30 x
VCC
VOL
Low−Level
Output Voltage
VIN = VIH or VIL
IOL = 50 mA
2.0
3.0
4.5
0
0
0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN = VIH or VIL
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
0.52
0.52
ILKG
Z−State Output
Leakage Current
VIN = VIH, VOUT
= VCC or GND
5.5
±0.25
±2.5
±5.0
mA
IIN
Input Leakage
Current
0 = VIN = 5.5 V
0 to
5.5
±0.1
±1.0
±1.0
mA
IOFF
Power off Input
Leakage Current
0 v VIN,
VOUT = 5.5 V
0.0
0.25
2.5
5
mA
ICC
Quiescent Supply
Current
0 v VIN v VCC
5.5
1.0
20
40
mA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Symbol
Parameter
VCC
(V)
Test Condition
TA = 25 5C
TA = +855C
TA = −555C
to +1255C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPZL
Output Enable
Time, Input A to
Output Y
3.0 to
3.6
RL = R1 = 50 W,
CL = 15 pF
5.0
7.1
8.5
10.0
ns
RL = R1 = 50 W,
CL = 50 pF
7.5
10.6
12.0
14.5
4.5 to
5.5
RL = R1 = 50 W,
CL = 15 pF
3.8
5.5
6.5
8.0
RL = R1 = 50 W,
CL = 50 pF
5.3
7.5
8.5
10.0
tPLZ
Output Disable
Time
3.0 to
3.6
RL = R1 = 50 W,
CL = 50 pF
7.5
10.6
12.0
14.5
ns
4.5 to
5.5
RL = R1 = 50 W,
CL = 50 pF
5.3
7.5
8.5
10.0
CIN
Input Capacitance
4
10
10
10.0
pF
CPD
Power Dissipation
Capacitance
(Note 6)
5.0
18
pF
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the dynamic operating current consumption without
load. Average operating current can be obtained by the equation ICC(OPR) = CPD • VCC • fin + ICC. CPD is used to determine the no−load
dynamic power consumption: PD = CPD • VCC2 • fin + ICC • VCC.


Similar Part No. - NLU1G07BMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1G07BMX1TCG ONSEMI-NLU1G07BMX1TCG Datasheet
102Kb / 8P
   Single Non-Inverting Buffer with Open Drain Output
March, 2008 - Rev. 2
More results

Similar Description - NLU1G07BMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ07 ONSEMI-NL17SZ07_15 Datasheet
86Kb / 8P
   Single Non-Inverting Buffer with Open Drain Output
December, 2015 ??Rev. 16
MC74VHC1G07 ONSEMI-MC74VHC1G07_V01 Datasheet
179Kb / 15P
   Single Non-Inverting Buffer with Open Drain Output
April, 2022 ??Rev. 22
NLV17SZ07 ONSEMI-NLV17SZ07 Datasheet
73Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
December, 2015 ??Rev. 0
MC74VHC1G07 ONSEMI-MC74VHC1G07_15 Datasheet
127Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
June, 2015 ??Rev. 18
NL17SZ07E ONSEMI-NL17SZ07E Datasheet
74Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
September, 2018 ??Rev. 2
NLU1G07 ONSEMI-NLU1G07 Datasheet
102Kb / 8P
   Single Non-Inverting Buffer with Open Drain Output
March, 2008 - Rev. 2
NL17SZ07 ONSEMI-NL17SZ07_V01 Datasheet
160Kb / 13P
   Single Non-Inverting Buffer with Open Drain Output
May, 2022 - Rev. 21
NL17SZ07 ONSEMI-NL17SZ07_12 Datasheet
107Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
April, 2012 ??Rev. 11
MC74VHC1G07 ONSEMI-MC74VHC1G07_11 Datasheet
118Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
May, 2011 ??Rev. 17
NLU1G07 ONSEMI-NLU1G07_16 Datasheet
141Kb / 7P
   Single Non-Inverting Buffer with Open Drain Output
August, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com