Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLU1GT50 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLU1GT50
Description  Single Buffer, Non-Inverting, TTL Level
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU1GT50 Datasheet(HTML) 1 Page - ON Semiconductor

  NLU1GT50_12 Datasheet HTML 1Page - ON Semiconductor NLU1GT50_12 Datasheet HTML 2Page - ON Semiconductor NLU1GT50_12 Datasheet HTML 3Page - ON Semiconductor NLU1GT50_12 Datasheet HTML 4Page - ON Semiconductor NLU1GT50_12 Datasheet HTML 5Page - ON Semiconductor NLU1GT50_12 Datasheet HTML 6Page - ON Semiconductor NLU1GT50_12 Datasheet HTML 7Page - ON Semiconductor NLU1GT50_12 Datasheet HTML 8Page - ON Semiconductor NLU1GT50_12 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2012
July, 2012 − Rev. 3
1
Publication Order Number:
NLU1GT50/D
NLU1GT50
Single Buffer,
Non-Inverting, TTL Level
TTL−Compatible Inputs
The NLU1GT50 MiniGate
t is an advanced CMOS high−speed
non−inverting buffer in ultra−small footprint.
The device input is compatible with TTL−type input thresholds and
the output has a full 5.0 V CMOS level output swing.
The NLU1GT50 input and output structures provide protection
when voltages up to 7.0 V are applied, regardless of the supply
voltage.
Features
Designed for 1.65 to 5.5 V VCC Operation
High Speed: tPD = 3.5 ns (Typ) @ VCC = 5.0 V
Low Power Dissipation: ICC = 1 mA (Max) at TA = 25°C
TTL−Compatible Input: VIL = 0.8 V; VIH = 2.0 V, VCC = 5.0 V
CMOS−Compatible Output:
VOH > 0.8 VCC; VOL < 0.1 VCC @ Load
Power Down Protection Provided on inputs
Balanced Propagation Delays
Ultra−Small Packages
These are Pb−Free Devices
VCC
NC
IN A
OUT Y
GND
1
2
3
5
4
IN A
OUT Y
1
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
6
NC
PIN ASSIGNMENT
1
2
3
GND
NC
IN A
4
5NC
OUT Y
6VCC
FUNCTION TABLE
L
H
AY
L
H
MARKING
DIAGRAMS
L
= Device Marking
M
= Date Code
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
LM
1
UDFN6
MU SUFFIX
CASE 517AA
1
1
1
ULLGA6
1.0 x 1.0
CASE 613AD
ULLGA6
1.2 x 1.0
CASE 613AE
ULLGA6
1.45 x 1.0
CASE 613AF
LM
LM
LM
UDFN6
1.45 x 1.0
CASE 517AQ
UDFN6
1.0 x 1.0
CASE 517BX
1
X M
1
X M


Similar Part No. - NLU1GT50_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1GT50 ONSEMI-NLU1GT50_16 Datasheet
157Kb / 9P
   Single Buffer, Non-Inverting, TTL Level
June, 2016 ??Rev. 5
More results

Similar Description - NLU1GT50_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1GT50 ONSEMI-NLU1GT50_16 Datasheet
157Kb / 9P
   Single Buffer, Non-Inverting, TTL Level
June, 2016 ??Rev. 5
NLU1GT50 ONSEMI-NLU1GT50 Datasheet
99Kb / 8P
   Single Buffer, Non-Inverting, TTL Level
March, 2008 - Rev. 2
NLU1GT126 ONSEMI-NLU1GT126_16 Datasheet
150Kb / 7P
   Non-Inverting 3-State Buffer, TTL Level
July, 2016 ??Rev. 5
NLU1GT126 ONSEMI-NLU1GT126_12 Datasheet
141Kb / 10P
   Non-Inverting 3-State Buffer, TTL Level
July, 2012 ??Rev. 3
NLU1GT125 ONSEMI-NLU1GT125_16 Datasheet
150Kb / 7P
   Non-Inverting 3-State Buffer, TTL Level
July, 2016 ??Rev. 6
NLU1GT125 ONSEMI-NLU1GT125_V01 Datasheet
197Kb / 6P
   Non-Inverting 3-State Buffer, TTL Level
January, 2019 - Rev. 7
logo
Fairchild Semiconductor
MM74C901 FAIRCHILD-MM74C901 Datasheet
69Kb / 6P
   Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer
logo
National Semiconductor ...
MM54C901 NSC-MM54C901 Datasheet
136Kb / 6P
   Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
logo
ON Semiconductor
NLU1GT126 ONSEMI-NLU1GT126 Datasheet
105Kb / 8P
   Non-Inverting 3-State Buffer, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
NLU1GT125 ONSEMI-NLU1GT125 Datasheet
105Kb / 8P
   Non-Inverting 3-State Buffer, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com