Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAFA1014-SC1-01-S-3 Datasheet(PDF) 5 Page - Emcore Corporation

Part # MAFA1014-SC1-01-S-3
Description  MAFA 1000 Series Erbium Doped Fiber Micro Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

MAFA1014-SC1-01-S-3 Datasheet(HTML) 5 Page - Emcore Corporation

  MAFA1014-SC1-01-S-3 Datasheet HTML 1Page - Emcore Corporation MAFA1014-SC1-01-S-3 Datasheet HTML 2Page - Emcore Corporation MAFA1014-SC1-01-S-3 Datasheet HTML 3Page - Emcore Corporation MAFA1014-SC1-01-S-3 Datasheet HTML 4Page - Emcore Corporation MAFA1014-SC1-01-S-3 Datasheet HTML 5Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DATASHEET | SEPTEMBER 2012
FIBER OPTICS
| REV 2012.09
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Laser Safety Information
This product meets the applicable requirements of 21 CFR 1010 & 1040 and is classified as a Class IV laser product based
on the maximum optical output power shown below. During use as intended, the laser energy is fully contained within the
fiber network such that there is no accessible laser radiation and would meet the requirements for a Class I laser product.
The laser product report has been submitted to the CDRH and the accession number is expected by October 2006.
Wavelength = 1535 ~ 1565 nm (dependant on input source)
Maximum Output Power = 0.2 W (single output, 23 dBm model)
MAFA 1000 Series EDFA


Similar Part No. - MAFA1014-SC1-01-S-3

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA1014-SC1-01-S-3 EMCORE-MAFA1014-SC1-01-S-3 Datasheet
620Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
More results

Similar Description - MAFA1014-SC1-01-S-3

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA-2000 EMCORE-MAFA-2000 Datasheet
394Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-3000 EMCORE-MAFA-3000 Datasheet
328Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-2100-PA1 EMCORE-MAFA-2100-PA1 Datasheet
406Kb / 3P
   Micro Erbium Doped Fiber pre-Amplifier
NMOA8100 EMCORE-NMOA8100_12 Datasheet
473Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30_12 Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
NMOA8100 EMCORE-NMOA8100 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30 Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
MAFA-2100-PA EMCORE-MAFA-2100-PA Datasheet
383Kb / 3P
   Erbium Doped Fiber Micro PreAmplifier
PONA-2100 EMCORE-PONA-2100 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
logo
JDS Uniphase Corporatio...
OAB1552-20FP0 JDSU-OAB1552-20FP0 Datasheet
90Kb / 3P
   Benchtop Erbium-Doped Fiber Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com