Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL37WZ17 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NL37WZ17
Description  Triple Noninverting Schmitt-Trigger Buffer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL37WZ17 Datasheet(HTML) 1 Page - ON Semiconductor

  NL37WZ17_12 Datasheet HTML 1Page - ON Semiconductor NL37WZ17_12 Datasheet HTML 2Page - ON Semiconductor NL37WZ17_12 Datasheet HTML 3Page - ON Semiconductor NL37WZ17_12 Datasheet HTML 4Page - ON Semiconductor NL37WZ17_12 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2012
April, 2012 − Rev. 7
1
Publication Order Number:
NL37WZ17/D
NL37WZ17
Triple Noninverting
Schmitt-Trigger Buffer
The NL37WZ17 is a high performance buffer with Schmitt−Trigger
inputs operating from a 1.65 to 5.5 V supply.
The NL37WZ17 can be used as a line receiver which will receive
slow input signals. The NL37WZ17 is capable of transforming slowly
changing input signals into sharply defined, jitter−free output signals.
In addition, it has a greater noise margin than conventional inverters.
The NL37WZ17 has hysteresis between the positive−going and the
negative−going input thresholds (typically 1.0 V) which is determined
internally by transistor ratios and is essentially insensitive to
temperature and supply voltage variations.
Features
Designed for 1.65 V to 5.5 V VCC Operation
Over Voltage Tolerant Inputs and Outputs
LVTTL Compatible − Interface Capability with 5 V TTL Logic
with VCC = 3 V
LVCMOS Compatible
24 mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current Substantially Reduces System
Power Requirements
Current Drive Capability is 24 mA at the Outputs
Chip Complexity: FET = 94
These Devices are Pb−Free and are RoHS Compliant
IN A2
OUT Y2
Figure 1. Pinout
Figure 2. Logic Symbol
OUT Y1
IN A1
OUT Y3
IN A3
VCC
IN A1
OUT Y3
GND
IN A2
OUT Y2
1
2
3
8
7
6
IN A3
OUT Y1
45
1
1
1
ORDERING INFORMATION
MARKING
DIAGRAM
US8
US SUFFIX
CASE 493
http://onsemi.com
1
8
LX
= Device Code
M
= Date Code*
G
= Pb−Free Package
LX M G
G
*Date Code orientation may vary depending upon
manufacturing location.
(Note: Microdot may be in either location)
PIN ASSIGNMENT
1
2
3IN A2
IN A1
GND
4
5
OUT Y3
OUT Y1
6
7
8VCC
IN A3
OUT Y2
Pin
Function
FUNCTION TABLE
L
A Input
Y Output
L
HH
Device
US8
(Pb−Free)
Shipping
3000/Tape & Reel
NL37WZ17USG
Package
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Similar Part No. - NL37WZ17_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL37WZ17 ONSEMI-NL37WZ17_13 Datasheet
113Kb / 5P
   Triple Noninverting Schmitt-Trigger Buffer
May, 2013 ??Rev. 8
More results

Similar Description - NL37WZ17_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL37WZ17 ONSEMI-NL37WZ17_V01 Datasheet
268Kb / 12P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2022 - Rev. 12
NL37WZ17 ONSEMI-NL37WZ17 Datasheet
87Kb / 8P
   Triple Noninverting Schmitt-Trigger Buffer
May, 2003 - Rev. 3
NL37WZ17 ONSEMI-NL37WZ17_13 Datasheet
113Kb / 5P
   Triple Noninverting Schmitt-Trigger Buffer
May, 2013 ??Rev. 8
NL37WZ17 ONSEMI-NL37WZ17_06 Datasheet
70Kb / 6P
   Triple Noninverting Schmitt-Trigger Buffer
April, 2006 ??Rev. 5
logo
Texas Instruments
SN74LVC3G17 TI1-SN74LVC3G17_15 Datasheet
994Kb / 23P
[Old version datasheet]   Triple Schmitt-Trigger Buffer
SN74LVC3G17 TI-SN74LVC3G17 Datasheet
260Kb / 12P
[Old version datasheet]   TRIPLE SCHMITT TRIGGER BUFFER
logo
Diodes Incorporated
74LVC3G17 DIODES-74LVC3G17 Datasheet
626Kb / 9P
   TRIPLE SCHMITT-TRIGGER BUFFER
November 2022 Rev. 1 - 2
logo
ON Semiconductor
NLX3G17 ONSEMI-NLX3G17 Datasheet
100Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
March, 2008 - Rev. P1
NLU3G17 ONSEMI-NLU3G17_16 Datasheet
79Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
July, 2016 ??Rev. 4
logo
Texas Instruments
SN74AUP3G17 TI-SN74AUP3G17 Datasheet
284Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE SCHMITT-TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com