Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SZ16 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NL17SZ16
Description  Single Input Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ16 Datasheet(HTML) 3 Page - ON Semiconductor

  NL17SZ16_12 Datasheet HTML 1Page - ON Semiconductor NL17SZ16_12 Datasheet HTML 2Page - ON Semiconductor NL17SZ16_12 Datasheet HTML 3Page - ON Semiconductor NL17SZ16_12 Datasheet HTML 4Page - ON Semiconductor NL17SZ16_12 Datasheet HTML 5Page - ON Semiconductor NL17SZ16_12 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NL17SZ16
http://onsemi.com
3
DEVICE JUNCTION TEMPERATURE VERSUS
TIME TO 0.1% BOND FAILURES
Junction
Temperature °C
Time, Hours
Time, Years
80
1,032,200
117.8
90
419,300
47.9
100
178,700
20.4
110
79,600
9.4
120
37,000
4.2
130
17,800
2.0
140
8,900
1.0
1
1
10
100
1000
FAILURE RATE OF PLASTIC = CERAMIC
UNTIL INTERMETALLICS OCCUR
Figure 3. Failure Rate vs. Time Junction Temperature
TIME, YEARS
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Condition
VCC
(V)
TA = 255C
−555C 3 TA 3 1255C
Units
Min
Typ
Max
Min
Max
VIH
High−Level Input Voltage
1.65 to 1.95
2.3 to 5.5
0.75 VCC
0.7 VCC
0.75 VCC
0.7 VCC
V
VIL
Low−Level Input Voltage
1.65 to 1.95
2.3 to 5.5
0.25 VCC
0.3 VCC
0.25 VCC
0.3 VCC
V
VOH
High−Level Output Voltage
VIN = VIL or VIH
IOH = −100 mA
IOH = −3 mA
IOH = −8 mA
IOH = −12 mA
IOH = −16 mA
IOH = −24 mA
IOH = −32 mA
1.65 to 5.5
1.65
2.3
2.7
3.0
3.0
4.5
VCC − 0.1
1.29
1.9
2.2
2.4
2.3
3.8
VCC
1.52
2.1
2.4
2.7
2.5
4.0
VCC − 0.1
1.29
1.9
2.2
2.4
2.3
3.8
V
VOL
Low−Level Output Voltage
VIN = VIH or VOH
IOL = 100 mA
IOL = 4 mA
IOL = 8 mA
IOL = 12 mA
IOL = 16 mA
IOL = 24 mA
IOL = 32 mA
1.65 to 5.5
1.65
2.3
2.7
3.0
3.0
4.5
0.0
0.08
0.20
0.22
0.28
0.38
0.42
0.1
0.24
0.3
0.4
0.4
0.55
0.55
0.1
0.24
0.3
0.4
0.4
0.55
0.55
V
IIN
Input Leakage Current
VIN = 5.5 V or GND
0 to 5.5
±0.1
±1.0
mA
IOFF
Power Off Leakage
Current
VIN = 5.5 V or
VOUT = 5.5 V
0
1
10
mA
ICC
Quiescent Supply Current
VIN = 5.5 V or GND
5.5
1
10
mA
AC ELECTRICAL CHARACTERISTICS tR = tF = 3.0 ns
Symbol
Parameter
Condition
VCC
(V)
TA = 255C
−555C 3 TA 3 1255C
Units
Min
Typ
Max
Min
Max
tPLH
tPHL
Propagation Delay
(Figure 4 and 5)
RL = 1 MW, CL = 15 pF
1.65
1.8
2.5 ± 0.2
3.3 ± 0.3
5.0 ± 0.5
2.0
2.0
0.8
0.5
0.5
5.3
4.4
2.9
2.1
1.8
11.4
9.5
6.5
4.5
3.9
2.0
2.0
0.8
0.5
0.5
12
10
7.0
4.7
4.1
ns
RL = 500 W, CL = 50 pF
3.3 ± 0.3
5.0 ± 0.5
1.5
0.8
2.9
2.4
5.0
4.3
1.5
0.8
5.2
4.5


Similar Part No. - NL17SZ16_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ16 ONSEMI-NL17SZ16_15 Datasheet
76Kb / 6P
   Single Input Buffer
November, 2015 ??Rev. 11
NL17SZ16 ONSEMI-NL17SZ16_18 Datasheet
188Kb / 13P
   Single Input Buffer
November, 2018 ??Rev. 12
More results

Similar Description - NL17SZ16_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLV17SZ16 ONSEMI-NLV17SZ16 Datasheet
70Kb / 5P
   Single Input Buffer
November, 2015 ??Rev. 0
NL17SZ16 ONSEMI-NL17SZ16_V01 Datasheet
158Kb / 13P
   Single Input Buffer
April, 2022 - Rev. 14
NL17SZ16 ONSEMI-NL17SZ16_18 Datasheet
188Kb / 13P
   Single Input Buffer
November, 2018 ??Rev. 12
NL17SZ16 ONSEMI-NL17SZ16 Datasheet
57Kb / 6P
   Single Input Buffer
January, 2005 ??Rev. 5
NL17SZ16 ONSEMI-NL17SZ16_15 Datasheet
76Kb / 6P
   Single Input Buffer
November, 2015 ??Rev. 11
logo
Fairchild Semiconductor
NC7SP17FHX FAIRCHILD-NC7SP17FHX Datasheet
696Kb / 9P
   TinyLogic ULP Single Buffer with Schmitt Trigger Input
NC7SP17 FAIRCHILD-NC7SP17_05 Datasheet
303Kb / 9P
   TinyLogic ULP Single Buffer with Schmitt Trigger Input
NC7SP17 FAIRCHILD-NC7SP17_11 Datasheet
696Kb / 9P
   TinyLogic짰 ULP Single Buffer with Schmitt Trigger Input
NC7SP17 FAIRCHILD-NC7SP17 Datasheet
306Kb / 9P
   TinyLogic ULP Single Buffer with Schmitt Trigger Input
logo
ON Semiconductor
NC7SP17 ONSEMI-NC7SP17 Datasheet
629Kb / 11P
   TinyLogic ULP Single Buffer with Schmitt Trigger Input
February 2011 Rev. 1.0.4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com