Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SZ07 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NL17SZ07
Description  Single Non-Inverting Buffer with Open Drain Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ07 Datasheet(HTML) 3 Page - ON Semiconductor

  NL17SZ07_12 Datasheet HTML 1Page - ON Semiconductor NL17SZ07_12 Datasheet HTML 2Page - ON Semiconductor NL17SZ07_12 Datasheet HTML 3Page - ON Semiconductor NL17SZ07_12 Datasheet HTML 4Page - ON Semiconductor NL17SZ07_12 Datasheet HTML 5Page - ON Semiconductor NL17SZ07_12 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NL17SZ07
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Condition
VCC
(V)
TA = 25°C
−55°C ≤TA ≤ 125°C
Unit
Min
Typ
Max
Min
Max
VIH
High−Level Input Voltage
1.65 to 1.95
2.3 to 5.5
0.75 VCC
0.7 VCC
0.75 VCC
0.7 VCC
V
VIL
Low−Level Input Voltage
1.65 to 1.95
2.3 to 5.5
0.25 VCC
0.3 VCC
0.25 VCC
0.3 VCC
V
ILKG
Z−State Output Leakage
Current
VIN = VIH
VOUT = VCC or GND
2.3 to 5.5
±5.0
±10.0
mA
VOL
Low−Level Output
Voltage
VIN = VIL
IOL = 100 mA
1.65 to 5.5
0.0
0.1
0.1
V
IOL = 4 mA
1.65
0.08
0.24
0.24
IOL = 8 mA
2.3
0.20
0.3
0.3
IOL = 12 mA
2.7
0.22
0.4
0.4
IOL = 16 mA
3.0
0.28
0.4
0.4
IOL = 24 mA
3.0
0.38
0.55
0.55
IOL = 32 mA
4.5
0.42
0.55
0.55
IIN
Input Leakage Current
VIN = 5.5 V or GND
0 to 5.5
±0.1
±1.0
mA
IOFF
Power Off
Leakage Current
VIN = 5.5 V or
VOUT = 5.5 V
0
1
10
mA
ICC
Quiescent Supply Current
VIN = 5.5 V or GND
5.5
1
10
mA
ICCT
Quiescent Supply Current
VIN = 3.0 V
3.6
10
100
mA
AC ELECTRICAL CHARACTERISTICS tR = tF = 2.5 ns; CL = 50 pF; RL = 500 W
Symbol
Parameter
Condition
VCC (V)
TA = 25°C
−55°C ≤TA ≤ 125°C
Unit
Min
Typ
Max
Min
Max
tPZL
Propagation Delay
(Figure 3 and 4)
RL = R1= 500 W, CL = 50 pF
1.8 ± 0.15
0.8
5.3
11.6
0.8
12.0
ns
2.5 ± 0.2
1.2
3.7
5.8
1.2
6.4
3.3 ± 0.3
0.8
2.9
4.4
0.8
4.8
5.0 ± 0.5
0.5
2.3
3.5
0.5
3.9
tPLZ
Propagation Delay
(Figure 3 and 4)
RL = R1= 500 W, CL = 50 pF
1.8 ± 0.15
0.8
5.3
11.6
0.8
1.20
ns
2.5 ± 0.2
1.2
2.8
5.8
1.2
6.4
3.3 ± 0.3
0.8
2.1
4.4
0.8
4.8
5.0 ± 0.5
0.5
1.4
3.5
0.5
3.9
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC = 5.5 V, VI = 0 V or VCC
u2.5
pF
COUT
Output Capacitance
VCC = 5.5 V, VI = 0 V or VCC
4.0
pF
CPD
Power Dissipation Capacitance (Note 6)
10 MHz, VCC = 5.5 V, VI = 0 V or VCC
4.0
pF
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin ) ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin ) ICC  VCC.


Similar Part No. - NL17SZ07_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ07 ONSEMI-NL17SZ07_15 Datasheet
86Kb / 8P
   Single Non-Inverting Buffer with Open Drain Output
December, 2015 ??Rev. 16
NL17SZ07 ONSEMI-NL17SZ07_18 Datasheet
191Kb / 13P
   Single Non-Inverting Buffer
November, 2018 ??Rev. 18
More results

Similar Description - NL17SZ07_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ07 ONSEMI-NL17SZ07_15 Datasheet
86Kb / 8P
   Single Non-Inverting Buffer with Open Drain Output
December, 2015 ??Rev. 16
MC74VHC1G07 ONSEMI-MC74VHC1G07_V01 Datasheet
179Kb / 15P
   Single Non-Inverting Buffer with Open Drain Output
April, 2022 ??Rev. 22
NLU1G07 ONSEMI-NLU1G07_12 Datasheet
138Kb / 10P
   Single Non-Inverting Buffer with Open Drain Output
July, 2012 ??Rev. 3
NLV17SZ07 ONSEMI-NLV17SZ07 Datasheet
73Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
December, 2015 ??Rev. 0
MC74VHC1G07 ONSEMI-MC74VHC1G07_15 Datasheet
127Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
June, 2015 ??Rev. 18
NL17SZ07E ONSEMI-NL17SZ07E Datasheet
74Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
September, 2018 ??Rev. 2
NLU1G07 ONSEMI-NLU1G07 Datasheet
102Kb / 8P
   Single Non-Inverting Buffer with Open Drain Output
March, 2008 - Rev. 2
NL17SZ07 ONSEMI-NL17SZ07_V01 Datasheet
160Kb / 13P
   Single Non-Inverting Buffer with Open Drain Output
May, 2022 - Rev. 21
MC74VHC1G07 ONSEMI-MC74VHC1G07_11 Datasheet
118Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
May, 2011 ??Rev. 17
NLU1G07 ONSEMI-NLU1G07_16 Datasheet
141Kb / 7P
   Single Non-Inverting Buffer with Open Drain Output
August, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com