Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHCT541ADTG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74VHCT541ADTG
Description  Octal Bus Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT541ADTG Datasheet(HTML) 3 Page - ON Semiconductor

  MC74VHCT541ADTG Datasheet HTML 1Page - ON Semiconductor MC74VHCT541ADTG Datasheet HTML 2Page - ON Semiconductor MC74VHCT541ADTG Datasheet HTML 3Page - ON Semiconductor MC74VHCT541ADTG Datasheet HTML 4Page - ON Semiconductor MC74VHCT541ADTG Datasheet HTML 5Page - ON Semiconductor MC74VHCT541ADTG Datasheet HTML 6Page - ON Semiconductor MC74VHCT541ADTG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC74VHCT541A
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
VCC
V
TA = 25°C
TA = − 40 to 85°C
Unit
Min
Typ
Max
Min
Max
VIH
Minimum High−Level Input Voltage
4.5 to 5.5
2.0
2.0
V
VIL
Maximum Low−Level Input Voltage
4.5 to 5.5
0.8
0.8
V
VOH
Minimum High−Level Output
Voltage
Vin = VIH or VIL
IOH = − 50mA
4.5
4.4
4.5
4.4
V
IOH = − 8mA
4.5
3.94
3.80
VOL
Maximum Low−Level Output
Voltage
Vin = VIH or VIL
IOL = 50mA
4.5
0.0
0.1
0.1
V
IOL = 8mA
4.5
0.36
0.44
Iin
Maximum Input Leakage Current
Vin = 5.5 V or GND
0 to 5.5
± 0.1
± 1.0
mA
IOZ
Maximum 3−State Leakage Current
Vin = VIL or VIH
Vout = VCC or GND
5.5
± 0.25
± 2.5
mA
ICC
Maximum Quiescent Supply Current
Vin = VCC or GND
5.5
4.0
40.0
mA
ICCT
Quiescent Supply Current
Per Input: VIN = 3.4V
Other Input: VCC or GND
5.5
1.35
1.50
mA
IOPD
Output Leakage Current
VOUT = 5.5V
0
0.5
5.0
mA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns)
Symbol
Parameter
Test Conditions
TA = 25°C
TA = − 40 to 85°C
Unit
Min
Typ
Max
Min
Max
tPLH,
tPHL
Maximum Propagation Delay,
A to Y
VCC = 5.0 ± 0.5V
CL = 15pF
CL = 50pF
5.0
5.5
6.9
7.9
1.0
1.0
8.0
9.0
ns
tPZL,
tPZH
Output Enable TIme,
OE to Y
VCC = 5.0 ± 0.5V
CL = 15pF
RL = 1kW
CL = 50pF
8.3
8.8
11.3
12.3
1.0
1.0
13.0
14.0
ns
tPLZ,
tPHZ
Output Disable Time,
OE to Y
VCC = 5.0 ± 0.5V
CL = 50pF
RL = 1kW
9.4
11.9
1.0
13.5
ns
tOSLH,
tOSHL
Output to Output Skew
VCC = 5.0 ± 0.5V
CL = 50pF
(Note 1)
1.0
1.0
ns
Cin
Maximum Input Capacitance
4
10
10
pF
Cout
Maximum 3−State Output Capacitance
(Output in High Impedance State)
9
pF
CPD
Power Dissipation Capacitance (Note 2)
Typical @ 25°C, VCC = 5.0V
pF
19
1. Parameter guaranteed by design. tOSLH = |tPLHm − tPLHn|, tOSHL = |tPHLm − tPHLn|.
2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC/8 (per bit). CPD is used to determine the no−load
dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 5.0V)
Symbol
Parameter
TA = 25°C
Unit
Typ
Max
VOLP
Quiet Output Maximum Dynamic VOL
1.2
1.6
V
VOLV
Quiet Output Minimum Dynamic VOL
−1.2
−1.6
V
VIHD
Minimum High Level Dynamic Input Voltage
2.0
V
VILD
Maximum Low Level Dynamic Input Voltage
0.8
V


Similar Part No. - MC74VHCT541ADTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT541ADTG ONSEMI-MC74VHCT541ADTG Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
MC74VHCT541ADTG ONSEMI-MC74VHCT541ADTG Datasheet
110Kb / 7P
   Octal Bus Buffer
September, 2014 ??Rev. 6
More results

Similar Description - MC74VHCT541ADTG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
MC74VHC540 MOTOROLA-MC74VHC540 Datasheet
168Kb / 6P
   Octal Bus Buffer
logo
Toshiba Semiconductor
TC74ACT240P TOSHIBA-TC74ACT240P Datasheet
273Kb / 6P
   OCTAL BUS BUFFER
logo
ON Semiconductor
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
   Octal Bus Buffer
April, 2006 ??Rev. 5
MC74LVX240 ONSEMI-MC74LVX240_14 Datasheet
134Kb / 7P
   Octal Bus Buffer
February, 2014 ??Rev. 4
MC74LVX541 ONSEMI-MC74LVX541_14 Datasheet
117Kb / 7P
   Octal Bus Buffer
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com