Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2647 Datasheet(PDF) 9 Page - Sony Corporation

Part # CXA2647
Description  RF Signal Processor for CD Players
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2647 Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXA2647 Datasheet HTML 5Page - Sony Corporation CXA2647 Datasheet HTML 6Page - Sony Corporation CXA2647 Datasheet HTML 7Page - Sony Corporation CXA2647 Datasheet HTML 8Page - Sony Corporation CXA2647 Datasheet HTML 9Page - Sony Corporation CXA2647 Datasheet HTML 10Page - Sony Corporation CXA2647 Datasheet HTML 11Page - Sony Corporation CXA2647 Datasheet HTML 12Page - Sony Corporation CXA2647 Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
– 9 –
CXA2647N
Description of Functions
• RFAC
The RF signal input by connecting capacitance to EQ_IN (Pin 3) is equalized, arithmetically amplified and then
output from RFAC (Pin 15).
AC
SUM
Amp
EQ
VCA
ROM/RW
Control Bias
VC – 1V to VC + 1V
RFAC OFF when BST = VCC
6
7
8
9
A
B
C
D
RFG
EQ_IN
AC_SUM
26
25
24
VFC
RFC
100k
BST
VCC
4
3
23
15 RFAC
Amp
When BST (Pin 24) is connected to VCC, the RFAC function is turned off and the low consumption mode is
entered.
If RF (summing signal) is present at the pickup output pin, input the addition output signal to EQ_IN (Pin 3)
coupled by capacitance.
When using a pickup without a summing output function, perform addition with the AC_SUM and then input the
signal to EQ_IN (Pin 3) coupled by capacitance.
ROM/RW switching is done by the VCA block, so either input method can be used without problem.
The RW gain is 12dB higher than the ROM gain.
Low frequency gain (100kHz)
AC_SUM (ABCD to AC_SUM) 13dB
RFAC (EQ_IN to RFAC) ROM: 1.5dB
RW: 13.5dB
VC – 1
VC
VC + 1
Vcnt
[V]
8
0
–8
Gain [dB]
VCA variable range
The VCA low frequency gain can be adjusted by the RFG
(Pin 23) voltage control.
The control voltage vs. low frequency gain characteristics
are shown in the graph to the right.
The RFAC pin (Pin 15) is an NPN transistor emitter follower output.
The maximum drive current is approximately 1.4mA.
If the load capacitance distorts the output waveform, connect resistance between the RFAC pin and GND to
increase the drive current.


Similar Part No. - CXA2647

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2640ER SONY-CXA2640ER Datasheet
171Kb / 17P
   3-Channel 2-LD Driver for Optical Disc Drive
More results

Similar Description - CXA2647

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2581N SONY-CXA2581N Datasheet
297Kb / 22P
   RF Signal Processor for CD Players
logo
Sanyo Semicon Device
LA9210M SANYO-LA9210M Datasheet
284Kb / 14P
   Analog Signal Processor for CD Players
LA9211M SANYO-LA9211M Datasheet
97Kb / 1P
   ASP (Analog Signal Processor) for CD Players
LA9241M SANYO-LA9241M Datasheet
279Kb / 21P
   Analog Signal Processor ASP for CD players
LA9240M SANYO-LA9240M Datasheet
321Kb / 20P
   Analog Signal Processor (ASP) for CD players
LA9242M SANYO-LA9242M Datasheet
150Kb / 20P
   Analog Signal Processor ASP for CD Players
LA9230M SANYO-LA9230M Datasheet
227Kb / 20P
   Analog Signal Processor ASP for CD players
LA9233M SANYO-LA9233M Datasheet
397Kb / 20P
   Analog Signal Processor ASP for CD players?
logo
Sony Corporation
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1982Q SONY-CXA1982Q Datasheet
652Kb / 30P
   RF Signal Processing Servo Amplifier for CD players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com