Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHCT126ADR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74VHCT126ADR2G
Description  Quad Bus Buffer with 3?뭆tate Control Inputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT126ADR2G Datasheet(HTML) 3 Page - ON Semiconductor

  MC74VHCT126ADR2G Datasheet HTML 1Page - ON Semiconductor MC74VHCT126ADR2G Datasheet HTML 2Page - ON Semiconductor MC74VHCT126ADR2G Datasheet HTML 3Page - ON Semiconductor MC74VHCT126ADR2G Datasheet HTML 4Page - ON Semiconductor MC74VHCT126ADR2G Datasheet HTML 5Page - ON Semiconductor MC74VHCT126ADR2G Datasheet HTML 6Page - ON Semiconductor MC74VHCT126ADR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC74VHCT126A
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Parameter
Test Conditions
Symbol
VCC
(V)
TA = 25°C
TA ≤ 85°C
TA ≤ 125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
Minimum High−Level Input
Voltage
VIH
3.0
4.5
5.5
1.2
2.0
2.0
1.2
2.0
2.0
1.2
2.0
2.0
V
Maximum Low−Level Input
Voltage
VIL
3.0
4.5
5.5
0.53
0.8
0.8
0.53
0.8
0.8
0.53
0.8
0.8
V
Minimum High−Level Output
Voltage
VIN = VIH or VIL
VIN = VIH or VIL
IOH = − 50 mA
VOH
3.0
4.5
2.9
4.4
3.0
4.5
2.9
4.4
2.9
4.4
V
VIN = VIH or VIL
IOH = − 4.0 mA
IOH = − 8.0 mA
3.0
4.5
2.58
3.94
2.48
3.80
2.34
3.66
Maximum Low−Level Output
Voltage
VIN = VIH or VIL
VIN = VIH or VIL
IOL = 50 mA
VOL
3.0
4.5
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN = VIH or VIL
IOL = 4.0 mA
IOL = 8.0 mA
3.0
4.5
0.36
0.36
0.44
0.44
0.52
0.52
Maximum Input Leakage Current
VIN = 5.5 V or GND
IIN
0 to 5.5
± 0.1
± 1.0
± 1.0
mA
Maximum Quiescent Supply
Current
VIN = VCC or GND
ICC
5.5
2.0
20
40
mA
Quiescent Supply Current
Input: VIN = 3.4 V
ICCT
5.5
1.35
1.50
1.65
mA
Maximum 3−State Leakage
Current
VIN = VIH or VI
VOUT = VCC or GND
IOZ
5.5
±0.2
5
±2.5
±2.5
mA
Output Leakage Current
VOUT = 5.5 V
IOPD
0.0
0.5
5.0
10
mA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Parameter
Test Conditions
Symbol
TA = 25°C
TA = ≤ 85°C
TA ≤ 125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
Maximum Propagation Delay,
A to Y
VCC = 3.3 ± 0.3 V CL = 15 pF
CL = 50 pF
tPLH,
tPHL
5.6
8.1
8.0
11.5
1.0
1.0
9.5
13.0
12.0
16.0
ns
VCC = 5.0 ± 0.5 V CL = 15 pF
CL = 50 pF
3.8
5.3
5.5
7.5
1.0
1.0
6.5
8.5
8.5
10.5
Maximum Output Enable
TIme,OE to Y
VCC = 3.3 ± 0.3 V CL = 15 pF
RL = 1.0 kW
CL = 50 pF
tPZL,
tPZH
5.4
7.9
8.0
11.5
1.0
1.0
9.5
13.0
11.5
15.0
ns
VCC = 5.0 ± 0.5 V CL = 15 pF
RL = 1.0 kW
CL = 50 pF
3.6
5.1
5.1
7.1
1.0
1.0
6.0
8.0
7.5
9.5
Maximum Output
Disable Time,OE to Y
VCC = 3.3 ± 0.3 V CL = 50 pF
RL = 1.0 kW
tPLZ,
tPHZ
9.5
13.2
1.0
15.0
18.0
ns
VCC = 5.0 ± 0.5 V CL = 50 pF
RL = 1.0 kW
6.1
8.8
1.0
10.0
12.0
Output−to−Output Skew
VCC = 3.3 ± 0.3 V CL = 50 pF
(Note 1)
tOSLH,
tOSHL
1.5
1.5
2.0
ns
VCC = 5.0 ± 0.5 V CL = 50 pF
(Note 1)
1.0
1.0
1.5
Maximum Input Capacitance
Cin
4
10
10
10
pF
Maximum Three−State Output
Capacitance (Output in High
Impedance State)
Cout
6
pF
Power Dissipation Capacitance (Note 2)
CPD
Typical @ 25°C, VCC = 5.0V
pF
15
1. Parameter guaranteed by design. tOSLH = |tPLHm − tPLHn|, tOSHL = |tPHLm − tPHLn|.
2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC/4 (per buffer). CPD is used to determine the
no−load dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Similar Part No. - MC74VHCT126ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT126ADR2G ONSEMI-MC74VHCT126ADR2G Datasheet
98Kb / 6P
   Quad Bus Buffer
October, 2016 ??Rev. 11
More results

Similar Description - MC74VHCT126ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC126 ONSEMI-MC74VHC126_11 Datasheet
128Kb / 9P
   Quad Bus Buffer with 3?뭆tate Control Inputs
May, 2011 ??Rev. 5
NLSF3T126 ONSEMI-NLSF3T126 Datasheet
92Kb / 6P
   Quad Bus Buffer with 3?뭆tate Control Inputs
May, 2006 ??Rev. 5
MC74VHC125 ONSEMI-MC74VHC125_11 Datasheet
139Kb / 9P
   Quad Bus Buffer with 3?뭆tate Control Inputs
May, 2011 ??Rev. 6
MC74VHCT125A ONSEMI-MC74VHCT125A_11 Datasheet
143Kb / 8P
   Quad Bus Buffer with 3?뭆tate Control Inputs
May, 2011 ??Rev. 9
MC74AC125 ONSEMI-MC74AC125_06 Datasheet
142Kb / 9P
   Quad Buffer with 3?뭆tate Outputs
October, 2006 ??Rev. 7
MC74HCT245A ONSEMI-MC74HCT245A_07 Datasheet
118Kb / 9P
   Octal 3?뭆tate Noninverting Bus Transceiver with LSTTL Compatible Inputs
January, 2007 ??Rev. 10
MC74VHCT240A ONSEMI-MC74VHCT240A_11 Datasheet
146Kb / 7P
   Octal Bus Buffer/Line Driver Inverting with 3?뭆tate Outputs
May, 2011 ??Rev. 6
NL27WZ126 ONSEMI-NL27WZ126_06 Datasheet
73Kb / 6P
   Dual Buffer with 3?뭆tate Outputs
April, 2006 ??Rev. 6
MC74LCX125 ONSEMI-MC74LCX125_05 Datasheet
70Kb / 8P
   Low-Voltage CMOS Quad Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2005 ??Rev. 5
NL27WZ125 ONSEMI-NL27WZ125_06 Datasheet
71Kb / 5P
   Dual Buffer with 3?뭆tate Outputs
April, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com