Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2610N Datasheet(PDF) 9 Page - Sony Corporation

Part # CXA2610N
Description  Laser Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2610N Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXA2610N Datasheet HTML 2Page - Sony Corporation CXA2610N Datasheet HTML 3Page - Sony Corporation CXA2610N Datasheet HTML 4Page - Sony Corporation CXA2610N Datasheet HTML 5Page - Sony Corporation CXA2610N Datasheet HTML 6Page - Sony Corporation CXA2610N Datasheet HTML 7Page - Sony Corporation CXA2610N Datasheet HTML 8Page - Sony Corporation CXA2610N Datasheet HTML 9Page - Sony Corporation CXA2610N Datasheet HTML 10Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
– 9 –
CXA2610N
1
0
300
200
100
OSCFR pin external resistance value [k
Ω]
High frequency oscillator frequency vs. External resistance
400
500
600
700
10
0
0
Input current [
µA]
IIN3 input/output current characteristics
50
100
150
200
250
300
350
500
1000
1500
2000
2500
3000
Oscillator frequency
Supply voltage
5V
4.5V
5.5V


Similar Part No. - CXA2610N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2610AN SONY-CXA2610AN Datasheet
119Kb / 10P
   Laser Driver
More results

Similar Description - CXA2610N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2610AN SONY-CXA2610AN Datasheet
119Kb / 10P
   Laser Driver
CXB1558Q-Y SONY-CXB1558Q-Y Datasheet
272Kb / 11P
   Laser Driver
CXB1548Q-Y SONY-CXB1548Q-Y Datasheet
288Kb / 12P
   Laser Driver
logo
Agere Systems
LG1625AXF AGERE-LG1625AXF Datasheet
363Kb / 12P
   LG1625AXF Laser Driver
logo
Intersil Corporation
EL6203 INTERSIL-EL6203 Datasheet
169Kb / 10P
   Laser Driver Oscillator
EL6202 INTERSIL-EL6202 Datasheet
116Kb / 8P
   Laser Driver Oscillator
logo
Mitsubishi Electric Sem...
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
   LASER-DIODE DRIVER
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
logo
Intersil Corporation
EL6205 INTERSIL-EL6205 Datasheet
129Kb / 8P
   Laser Driver Oscillator
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com