Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHC1G07DFT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74VHC1G07DFT1G
Description  Single Non-Inverting Buffer with Open Drain Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G07DFT1G Datasheet(HTML) 3 Page - ON Semiconductor

  MC74VHC1G07DFT1G Datasheet HTML 1Page - ON Semiconductor MC74VHC1G07DFT1G Datasheet HTML 2Page - ON Semiconductor MC74VHC1G07DFT1G Datasheet HTML 3Page - ON Semiconductor MC74VHC1G07DFT1G Datasheet HTML 4Page - ON Semiconductor MC74VHC1G07DFT1G Datasheet HTML 5Page - ON Semiconductor MC74VHC1G07DFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC74VHC1G07
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
VCC
(V)
TA = 255C
TA v 855C
*555C v TA v 1255C
Unit
Min
Typ
Max
Min
Max
Min
Max
VIH
Minimum
High−Level
Input Voltage
2.0
3.0
4.5
5.5
1.5
2.1
3.15
3.85
1.5
2.1
3.15
3.85
1.5
2.1
3.15
3.85
V
VIL
Maximum
Low−Level
Input Voltage
2.0
3.0
4.5
5.5
0.5
0.9
1.35
1.65
0.5
0.9
1.35
1.65
0.5
0.9
1.35
1.65
V
VOL
Maximum
Low−Level
Output Voltage
VIN = VIH or VIL
VIN = VIL
IOL = 50 mA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN = VIL
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
0.52
0.52
ILKG
Z−State Output
Leakage Current
VIN = VIH
VOUT = VCC or GND
5.5
$0.25
$2.5
$5.0
mA
IIN
Maximum Input
Leakage Current
VIN = 5.5 V or GND
0 to 5.5
$0.1
$1.0
$1.0
mA
ICC
Maximum
Quiescent Supply
Current
VIN = VCC or GND
5.5
1.0
20
40
mA
IOFF
Power Off−Output
Leakage Current
VOUT = 5.5 V
VIN = 5.5 V
0
0.25
2.5
5
mA
AC ELECTRICAL CHARACTERISTICS Input tr = tf = 3.0 ns
TA = 255C
TA v 855C
*555C v TA v 1255C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Min
Max
Unit
tPZL
Maximum Output
Enable Time,
Input A to Y
VCC = 3.3 $ 0.3 V CL = 15 pF
RL = RI = 500 W
CL = 50 pF
5.0
7.5
7.1
10.6
8.5
12.0
10.0
14.5
ns
VCC = 5.0 $ 0.5 V CL = 15 pF
RL = RI = 500 W
CL = 50 pF
3.8
5.3
5.5
7.5
6.5
8.5
8.0
10.0
tPLZ
Maximum Output
Disable Time
VCC = 3.3 $ 0.3 V CL = 50 pF
RL = RI = 500 W
7.5
10.6
12.0
14.5
ns
VCC = 5.0 $ 0.5 V CL = 50 pF
RL = RI = 500 W
5.3
7.5
8.5
10.0
CIN
Maximum Input
Capacitance
4
10
10
10
pF
Typical @ 25°C, VCC = 5.0 V
CPD
Power Dissipation Capacitance (Note 6)
18
pF
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Similar Part No. - MC74VHC1G07DFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G07DFT1G ONSEMI-MC74VHC1G07DFT1G Datasheet
127Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
June, 2015 ??Rev. 18
MC74VHC1G07DFT1G ONSEMI-MC74VHC1G07DFT1G Datasheet
206Kb / 14P
   Single Non-Inverting Buffer
November, 2018 ??Rev. 19
MC74VHC1G07DFT1G ONSEMI-MC74VHC1G07DFT1G Datasheet
179Kb / 15P
   Single Non-Inverting Buffer with Open Drain Output
April, 2022 ??Rev. 22
MC74VHC1G07DFT1G-L22038 ONSEMI-MC74VHC1G07DFT1G-L22038 Datasheet
179Kb / 15P
   Single Non-Inverting Buffer with Open Drain Output
April, 2022 ??Rev. 22
MC74VHC1G07DFT1G-L22038 ONSEMI-MC74VHC1G07DFT1G-L22038 Datasheet
265Kb / 10P
   nullSingle Non-Inverting Buffer with Open Drain Output
Rev. A
More results

Similar Description - MC74VHC1G07DFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ07 ONSEMI-NL17SZ07_15 Datasheet
86Kb / 8P
   Single Non-Inverting Buffer with Open Drain Output
December, 2015 ??Rev. 16
MC74VHC1G07 ONSEMI-MC74VHC1G07_V01 Datasheet
179Kb / 15P
   Single Non-Inverting Buffer with Open Drain Output
April, 2022 ??Rev. 22
NLU1G07 ONSEMI-NLU1G07_12 Datasheet
138Kb / 10P
   Single Non-Inverting Buffer with Open Drain Output
July, 2012 ??Rev. 3
NLV17SZ07 ONSEMI-NLV17SZ07 Datasheet
73Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
December, 2015 ??Rev. 0
MC74VHC1G07 ONSEMI-MC74VHC1G07_15 Datasheet
127Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
June, 2015 ??Rev. 18
NL17SZ07E ONSEMI-NL17SZ07E Datasheet
74Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
September, 2018 ??Rev. 2
NLU1G07 ONSEMI-NLU1G07 Datasheet
102Kb / 8P
   Single Non-Inverting Buffer with Open Drain Output
March, 2008 - Rev. 2
NL17SZ07 ONSEMI-NL17SZ07_V01 Datasheet
160Kb / 13P
   Single Non-Inverting Buffer with Open Drain Output
May, 2022 - Rev. 21
NL17SZ07 ONSEMI-NL17SZ07_12 Datasheet
107Kb / 6P
   Single Non-Inverting Buffer with Open Drain Output
April, 2012 ??Rev. 11
NLU1G07 ONSEMI-NLU1G07_16 Datasheet
141Kb / 7P
   Single Non-Inverting Buffer with Open Drain Output
August, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com