Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX240MG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74LVX240MG
Description  Octal Bus Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX240MG Datasheet(HTML) 5 Page - ON Semiconductor

  MC74LVX240MG Datasheet HTML 1Page - ON Semiconductor MC74LVX240MG Datasheet HTML 2Page - ON Semiconductor MC74LVX240MG Datasheet HTML 3Page - ON Semiconductor MC74LVX240MG Datasheet HTML 4Page - ON Semiconductor MC74LVX240MG Datasheet HTML 5Page - ON Semiconductor MC74LVX240MG Datasheet HTML 6Page - ON Semiconductor MC74LVX240MG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MC74LVX240
http://onsemi.com
5
Figure 3.
Figure 4.
VCC
GND
1Dn, 2Dn
1On, 2On
50%
50% VCC
tPHL
tPLH
1OE, 2OE
1On, 2On
1On, 2On
50%
50% VCC
50% VCC
tPZL
tPLZ
tPZH
tPHZ
VCC
GND
HIGH
IMPEDANCE
VOL +0.3V
VOH -0.3V
HIGH
IMPEDANCE
SWITCHING WAVEFORMS
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
1 k
W
TEST CIRCUITS
Figure 5. Propagation Delay Test Circuit
Figure 6. Three−State Test Circuit


Similar Part No. - MC74LVX240MG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVX240M MOTOROLA-MC74LVX240M Datasheet
158Kb / 6P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX240M ONSEMI-MC74LVX240M Datasheet
95Kb / 8P
   Octal Bus Buffer Inverting With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
MC74LVX240MEL ONSEMI-MC74LVX240MEL Datasheet
95Kb / 8P
   Octal Bus Buffer Inverting With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
More results

Similar Description - MC74LVX240MG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
MC74VHC540 MOTOROLA-MC74VHC540 Datasheet
168Kb / 6P
   Octal Bus Buffer
logo
Toshiba Semiconductor
TC74ACT240P TOSHIBA-TC74ACT240P Datasheet
273Kb / 6P
   OCTAL BUS BUFFER
logo
ON Semiconductor
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
   Octal Bus Buffer
April, 2006 ??Rev. 5
MC74LVX240 ONSEMI-MC74LVX240_14 Datasheet
134Kb / 7P
   Octal Bus Buffer
February, 2014 ??Rev. 4
MC74LVX541 ONSEMI-MC74LVX541_14 Datasheet
117Kb / 7P
   Octal Bus Buffer
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com