Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LCX541DTG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74LCX541DTG
Description  Low-Voltage CMOS Octal Buffer Flow Through Pinout
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX541DTG Datasheet(HTML) 3 Page - ON Semiconductor

  MC74LCX541DTG Datasheet HTML 1Page - ON Semiconductor MC74LCX541DTG Datasheet HTML 2Page - ON Semiconductor MC74LCX541DTG Datasheet HTML 3Page - ON Semiconductor MC74LCX541DTG Datasheet HTML 4Page - ON Semiconductor MC74LCX541DTG Datasheet HTML 5Page - ON Semiconductor MC74LCX541DTG Datasheet HTML 6Page - ON Semiconductor MC74LCX541DTG Datasheet HTML 7Page - ON Semiconductor MC74LCX541DTG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC74LCX541
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Condition
Units
VCC
DC Supply Voltage
−0.5 to +7.0
V
VI
DC Input Voltage
−0.5 ≤ VI ≤ +7.0
V
VO
DC Output Voltage
−0.5 ≤ VO ≤ +7.0
Output in 3−State
V
−0.5 ≤ VO ≤ VCC + 0.5
(Note 1)
V
IIK
DC Input Diode Current
−50
VI < GND
mA
IOK
DC Output Diode Current
−50
VO < GND
mA
+50
VO > VCC
mA
IO
DC Output Source/Sink Current
±50
mA
ICC
DC Supply Current Per Supply Pin
±100
mA
IGND
DC Ground Current Per Ground Pin
±100
mA
TSTG
Storage Temperature Range
−65 to +150
°C
MSL
Moisture Sensitivity
Level 1
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. Output in HIGH or LOW State. IO absolute maximum rating must be observed.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Units
VCC
Supply Voltage
Operating
Data Retention Only
2.0
1.5
3.3
3.3
3.6
3.6
V
VI
Input Voltage
0
5.5
V
VO
Output Voltage
(HIGH or LOW State)
(3−State)
0
0
VCC
5.5
V
IOH
HIGH Level Output Current, VCC = 3.0 V − 3.6 V
−24
mA
IOL
LOW Level Output Current, VCC = 3.0 V − 3.6 V
24
mA
IOH
HIGH Level Output Current, VCC = 2.7 V − 3.0 V
−12
mA
IOL
LOW Level Output Current, VCC = 2.7 V − 3.0 V
12
mA
TA
Operating Free−Air Temperature
−40
+85
°C
Dt/DV
Input Transition Rise or Fall Rate, VIN from 0.8 V to 2.0 V, VCC = 3.0 V
0
10
ns/V
ORDERING INFORMATION
Device
Package
Shipping
MC74LCX541DWR2G
SOIC−20
(Pb−Free)
1000 Tape & Reel
NLV74LCX541DWR2G*
1000 Tape & Reel
MC74LCX541DWG
SOIC−20
(Pb−Free)
38 Units / Rail
NLV74LCX541DWG*
38 Units / Rail
MC74LCX541DTG
TSSOP−20
(Pb−Free)
75 Units / Rail
NLV74LCX541DTG*
75 Units / Rail
MC74LCX541DTR2G
TSSOP−20
(Pb−Free)
2500 Tape & Reel
NLV74LCX541DTR2G*
2500 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.


Similar Part No. - MC74LCX541DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX541DTG ONSEMI-MC74LCX541DTG Datasheet
118Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
August, 2014 ??Rev. 9
More results

Similar Description - MC74LCX541DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVC540A ONSEMI-74LVC540A Datasheet
106Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
June, 2015 ??Rev. P0
74LVC541A ONSEMI-74LVC541A_15 Datasheet
104Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
December, 2015 ??Rev. 0
74LVC573A ONSEMI-74LVC573A Datasheet
99Kb / 10P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
September, 2015 ??Rev. 1
74LVC574A ONSEMI-74LVC574A Datasheet
101Kb / 10P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
September, 2015 ??Rev. 1
MC74LCX540 ONSEMI-MC74LCX540_12 Datasheet
132Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
July, 2012 ??Rev. 7
74LVC540A ONSEMI-74LVC540A_15 Datasheet
105Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
December, 2015 ??Rev. 0
74LVC541A ONSEMI-74LVC541A Datasheet
106Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
April, 2015 ??Rev. P0
MC74LCX541 ONSEMI-MC74LCX541_14 Datasheet
118Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
August, 2014 ??Rev. 9
MC74LCX540 ONSEMI-MC74LCX540_V01 Datasheet
247Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
October, 2012 ??Rev. 8
MC74LCX573 ONSEMI-MC74LCX573_13 Datasheet
140Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout
January, 2013 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com