Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CKD31BJB1E225S(085A) Datasheet(PDF) 3 Page - TDK Electronics

Part # CKD31BJB1E225S(085A)
Description  Multilayer Ceramic Chip Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CKD31BJB1E225S(085A) Datasheet(HTML) 3 Page - TDK Electronics

  CKD31BJB1E225S(085A) Datasheet HTML 1Page - TDK Electronics CKD31BJB1E225S(085A) Datasheet HTML 2Page - TDK Electronics CKD31BJB1E225S(085A) Datasheet HTML 3Page - TDK Electronics CKD31BJB1E225S(085A) Datasheet HTML 4Page - TDK Electronics CKD31BJB1E225S(085A) Datasheet HTML 5Page - TDK Electronics CKD31BJB1E225S(085A) Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
(2/5)
005-02 / 20111007 / e4161_ckd.fm
• All specifications are subject to change without notice.
Please read the precautions before using this catalog.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
• For more information about the products of other capacitance or data, please contact us.
Multilayer Ceramic Chip Capacitors
General Use(Low ESL, 3-terminal Feed-through Type)
CKD Series
FEATURES
• Small and high-performance EMC components.
• Excellent decoupling characteristics, even at high frequency
ranges, due to low ESL.
• Ideal as bypass capacitors for signal lines and power lines.
APPLICATION EXAMPLES
• Power supply bypassing of communication terminal devices,
such as smartphones, AV and information devices
• Signal bypassing of connectors
SHAPES AND DIMENSIONS
CKD110/310/510/610/710JB
Dimensions in mm
• Dimension tolerances are typical values.
CKD61BJB
Product's Thickness T
The value in parentheses at the end of the product name
corresponds to thickness T.
Refer to the table of "CAPACITANCE RANGES" for specific values.
CIRCUIT DIAGRAM
Conformity to RoHS Directive
Type
L
W
B
C
CKD110JB
3.20±0.20
1.25±0.20
0.2min.
0.95±0.30
CKD310JB
3.20±0.20
1.60±0.20
0.2min.
0.95±0.30
CKD510JB
2.00±0.20
1.25±0.20
0.2min.
0.4±0.20
CKD610JB
1.60±0.20
0.80±0.10
0.1min.
0.4±0.10
CKD710JB
1.00±0.05
0.55±0.05
0.09min.
0.3±0.10
L
B
B
C
1.60
±0.1
0.80
+0.2
–0.1
0.15
±0.1
0.15
±0.1
Dimensions in mm
GND
GND
OUT
IN
No polarity


Similar Part No. - CKD31BJB1E225S(085A)

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CKD34063 ETC2-CKD34063 Datasheet
903Kb / 8P
   DC TO DC CONVERTER CONTROLLER
CKD34063D ETC2-CKD34063D Datasheet
903Kb / 8P
   DC TO DC CONVERTER CONTROLLER
CKD34063S ETC2-CKD34063S Datasheet
903Kb / 8P
   DC TO DC CONVERTER CONTROLLER
More results

Similar Description - CKD31BJB1E225S(085A)

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com