Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3248X Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL3248X
Description  Providing high-performance solutions for every link in the signal chain
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3248X Datasheet(HTML) 4 Page - Intersil Corporation

  ISL3248X Datasheet HTML 1Page - Intersil Corporation ISL3248X Datasheet HTML 2Page - Intersil Corporation ISL3248X Datasheet HTML 3Page - Intersil Corporation ISL3248X Datasheet HTML 4Page - Intersil Corporation ISL3248X Datasheet HTML 5Page - Intersil Corporation ISL3248X Datasheet HTML 6Page - Intersil Corporation ISL3248X Datasheet HTML 7Page - Intersil Corporation ISL3248X Datasheet HTML 8Page - Intersil Corporation ISL3248X Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
4
Intersil Signal Path Products  2012  www.intersil.com
Key Products
Intersil’s Solutions For
Process Control
Product Type
Part Number
Where Used in Process Control
Key Features / Benefits
Precision Amplifiers
40V
ISL28127/227, ISL28117/217/417,
ISL28107/207/407, ISL28108/208/408,
ISL28118/218, ISL28110/210
Low Drift 5V
ISL28134, ISL28133/233/433, ISL28148/248,
ISL28136/236, EL8176
In analog input modules to signal condition
incoming signals
In analog output modules for driving
signals to the outside world
Wide operating voltage range
Single or dual supply
Low offset & drift
Digital Potentiometers
Dual Supply Non-volatile 256-tap
ISL223x3 (I2C), ISL224x4 (SPI)
Single Supply Non-volatile 128-tap
ISL223x6 (I2C), ISL224x6 (SPI)
Sensor compensation
Non-volatile settings
Digitally settable resistance or voltage
1st DCP with memory to operate up to
125°C
Ideal for Industrial applications
Instrumentation Amplifiers
Low Power, Integrated Solution
EL8172/73
40V Precision, Low Noise In-Amp,
Integrated Solution
ISL28617
Ultra Low Power 5V, Customize (Roll Your
Own)
ISL28194
Low Cost 5V Customize (Roll Your Own)
ISL28230
Sensor front ends
Low noise
Low power
High CMRR
Low drift
Voltage References
Low Noise
ISL21009, ISL21090, ISL21400
Used as active sources for sensors
Low tempco
Low drift
Low power
Low Cost
ISL21070, ISL21080, ISL60002, ISL21010
Accurate voltage sources for data
conversion
Switches / MUXes
HI-509A, HI-546, DG408, DG409
Direct sensor interface
In front of actuator buffer amps
Over-voltage protected
Latch-up free
Low leakage
Interface
RS-232
ISL4221E, ISL3232E, ISL4243E
RS-485
ISL317xE, ISL315xE, ISL3249xE
System and control
High ESD protection
Small packages
Over voltage protected
RTCs
ISL12024, ISL12025, ISL12026
Standalone controllers
Remote monitors
Data recorders
System monitors
System power supervision with
watchdog and power-on reset
Onboard 512-bit EEPROM storage
64-bit Factory-programmed Unique ID
IRQ, frequency outputs
Analog-Digital Converters
24-bit Delta-Sigma ADCs
ISL26132, ISL26134
Low-cost load, pressure/temperature
sensing
Lowest noise/high accuracy at low cost
Complete solution
Easy to use
ISL26102, ISL26104
Precision weigh scales, dynamic weighing,
pressure sensing, safety monitors
Industry-leading low noise up to
4000SPS
Integrated PGA ensures measurement
accuracy
Cost-effective high-performance
solution
10, 12-bit SAR ADCs
ISL263xx Multichannel Family
125kSPS, 250kSPS
Temperature pressure, flow/vibration
sensors
Multichannel modules and systems
Cost-effective multiple-channel
monitoring
Buffered inputs reduce board space,
solution cost
Low power, low cost
Sensor
Modules
Analog Signal Input Module
Control Module
Temperature
Sensors
Pressure
Flow
Sensors
Forces or
Strain
Sensors
Microcontroller
Current
RTC
Voltage
Monitors &
Watchdog
Interface
RS-232
RS-485
Vibration
Precision Amps
VREF
Digital
Potentiometers
Sensor
Compensation
ADC
24-bit
Low Noise
Low Noise VREF
2.5V
Vocm
2.5V
Gain/Attenuation
Select
1 to N Inputs
to Multi-channel
Instrumentation Amp
+28V
Analog
Control
Feedback
Multi-channel
ADC Inputs
+15V
- 15V
HI-509
Diff 4:1
Mux
FB+
FB- Rfb
Rin
Out+
Out-
IN+
IN-
DCP
VREF
DC Adjust
R1
R2
R3
R4
Current Shunt Sense
DAQ Inputs
+/-5V
+/-10V
0V to 30V
mΩ
∆V = 100mV
∆V = 1V
Bridge
Sensor In
Transducer In
From Motor
Control Block
VREF
Low Noise VREF
5V, 7V, 10V
Active Source
to Bridge Sensor
Sensor
Calibration
DCP
VREF
N-ch
Mux


Similar Part No. - ISL3248X

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
logo
Intersil Corporation
ISL32483EIBZ INTERSIL-ISL32483EIBZ Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32483EIBZ RENESAS-ISL32483EIBZ Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
logo
Intersil Corporation
ISL32485E INTERSIL-ISL32485E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
More results

Similar Description - ISL3248X

ManufacturerPart #DatasheetDescription
logo
D+H Mechatronic AG
CDP-TW3000-BSY DH-CDP-TW3000-BSY Datasheet
430Kb / 3P
   High-performance chain drives
CDP1500-BSY DH-CDP1500-BSY Datasheet
432Kb / 3P
   High-performance chain drives
logo
Texas Instruments
TMDXMDKDS3254 TI-TMDXMDKDS3254 Datasheet
157Kb / 2P
[Old version datasheet]   Low-power signal chain solutions based on C5505 DSP for portable medical application development
logo
List of Unclassifed Man...
TLP712 ETC2-TLP712 Datasheet
52Kb / 4P
   State of the art protection for every application
logo
Winchester Electronics ...
KA-89-60 WINCHESTER-KA-89-60 Datasheet
62Kb / 1P
   THE CAP, CHAIN
logo
Advanced Thermal Soluti...
ATS-55190K-C0-R0 ATS-ATS-55190K-C0-R0 Datasheet
344Kb / 1P
   High Performance BGA Cooling Solutions
REV1_1116
logo
STMicroelectronics
AN3070 STMICROELECTRONICS-AN3070 Datasheet
197Kb / 12P
   Managing the Driver Enable signal for RS-485 and IO-Link
logo
Advanced Thermal Soluti...
ATS-50450P-C3-R0 ATS-ATS-50450P-C3-R0 Datasheet
321Kb / 1P
   Ultra High Performance BGA Cooling Solutions
REV2_0712
logo
List of Unclassifed Man...
AO22 ETC-AO22 Datasheet
10Kb / 1P
   circuit providing the logical function
logo
PHOENIX CONTACT
1627204 PHOENIX-1627204 Datasheet
76Kb / 3P
   Consistent EMC protection for reliable connection solutions in the industrial environment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com