Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBE813-TL-E Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SBE813-TL-E
Description  30V, 3.0A Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBE813-TL-E Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SBE813-TL-E Datasheet HTML 1Page - Sanyo Semicon Device SBE813-TL-E Datasheet HTML 2Page - Sanyo Semicon Device SBE813-TL-E Datasheet HTML 3Page - Sanyo Semicon Device SBE813-TL-E Datasheet HTML 4Page - Sanyo Semicon Device SBE813-TL-E Datasheet HTML 5Page - Sanyo Semicon Device SBE813-TL-E Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SBE813
No.8967-2/6
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Reverse Voltage
VR
IR=0.5mA
30
V
Forward Voltage
VF1IF=2.0A
0.435
0.485
V
VF2IF=3.0A
0.47
0.52
V
Reverse Current
IR
VR=15V
42
μA
Interterminal Capacitance
C
VR=10V, f=1MHz
90
pF
Reverse Recovery Time
trr
IF=IR=100mA, See specified Test Circuit.
20
ns
Thermal Resistance
Rth(j-a)
When mounted on ceramic substrate (1200mm2×0.8mm)
50
°C / W
Ordering Information
Device
Package
Shipping
memo
SBE813-TL-E
VEC8
3,000pcs./reel
Pb Free
Forward Voltage, VF -- V
IF -- VF
Reverse Voltage, VR -- V
IR -- VR
Average Output Current, IO -- A
PF(AV) -- IO
0
0.2
0.3
0.1
0.4
0.5
0.7
0.6
2
5
7
3
2
0.1
2
5
7
3
1.0
5
7
3
10
0.01
IT09868
IT09869
0
0.001
0.01
0.1
1.0
10
10000
100
1000
510
15
20
25
30
35
Ta=125°C
100
°C
75
°C
50
°C
25
°C
0
°C
--25°C
(2)
(3)
(1)
0
0
0.5
2.0
1.6
1.8
1.4
0.2
0.4
0.6
0.8
1.0
1.2
3.5
2.0
2.5
3.0
1.5
1.0
IT09870
(4)
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
θ
360
°
Rectangular
wave
180
°
360
°
Sine wave
0
0.00E+00
1.00E--04
2.00E--04
3.00E--04
10
5
4.00E--04
5.00E--05
1.50E--04
2.50E--04
3.50E--04
20
15
30
25
35
IT10631
(1)
(2)
(3)
(4)
PR(AV) -- VR
Peak Reverse Voltage, VR -- V
(1)Rectangular wave
θ=300°
(2)Rectangular wave
θ=240°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
Rectangular
wave
Sine wave
θ
360
°
VR
180
°
360
°
VR


Similar Part No. - SBE813-TL-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SBE813-TL-E ONSEMI-SBE813-TL-E Datasheet
345Kb / 6P
   Schottky Barrier Diode
September, 2013
More results

Similar Description - SBE813-TL-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBS813 SANYO-SBS813 Datasheet
40Kb / 3P
   Low VF Schottky Barrier Diode 30V, 3.0A Rectifier
SBE813 SANYO-SBE813 Datasheet
40Kb / 3P
   Low IR Schottky Barrier Diode 30V, 3.0A Rectifier
SS3003CH SANYO-SS3003CH Datasheet
43Kb / 3P
   Low VF Schottky Barrier Diode 30V, 3.0A Rectifier
logo
Comchip Technology
1N5400 COMCHIP-1N5400 Datasheet
61Kb / 2P
   3.0A Rectifier
logo
Diodes Incorporated
1N5400 DIODES-1N5400_15 Datasheet
63Kb / 3P
   3.0A RECTIFIER
1N5400 DIODES-1N5400 Datasheet
62Kb / 2P
   3.0A RECTIFIER
DS28007 Rev. E-2
1N5400 DIODES-1N5400_1 Datasheet
67Kb / 3P
   3.0A RECTIFIER
DS28007 Rev. 7 - 2
logo
New Jersey Semi-Conduct...
1N5400 NJSEMI-1N5400 Datasheet
86Kb / 1P
   3.0A RECTIFIER
logo
Diodes Incorporated
1N5400 DIODES-1N5400_14 Datasheet
102Kb / 3P
   3.0A RECTIFIER
logo
Rohm
2SCR542F3 ROHM-2SCR542F3 Datasheet
1Mb / 8P
   NPN 3.0A 30V Middle Power Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com