Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14ME064Q2B-SXIT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY14ME064Q2B-SXIT
Description  64-Kbit (8 K 횞 8) SPI nvSRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14ME064Q2B-SXIT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY14ME064Q2B-SXIT Datasheet HTML 1Page - Cypress Semiconductor CY14ME064Q2B-SXIT Datasheet HTML 2Page - Cypress Semiconductor CY14ME064Q2B-SXIT Datasheet HTML 3Page - Cypress Semiconductor CY14ME064Q2B-SXIT Datasheet HTML 4Page - Cypress Semiconductor CY14ME064Q2B-SXIT Datasheet HTML 5Page - Cypress Semiconductor CY14ME064Q2B-SXIT Datasheet HTML 6Page - Cypress Semiconductor CY14ME064Q2B-SXIT Datasheet HTML 7Page - Cypress Semiconductor CY14ME064Q2B-SXIT Datasheet HTML 8Page - Cypress Semiconductor CY14ME064Q2B-SXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
PRELIMINARY
CY14MB064Q1B/CY14MB064Q2B
CY14ME064Q1B/CY14ME064Q2B
Document Number: 001-70382 Rev. *E
Page 5 of 28
charge from the VCAP capacitor. The AutoStore operation is not
initiated if no write cycle has been performed since last RECALL.
Note If a capacitor is not connected to VCAP pin, AutoStore must
be disabled by issuing the AutoStore Disable instruction
(AutoStore Disable (ASDISB) Instruction on page 15). If
AutoStore is enabled without a capacitor on the VCAP pin, the
device attempts an AutoStore operation without sufficient charge
to complete the STORE. This will corrupt the data stored in
nvSRAM, Status Register as well as the serial number and it will
unlock the SNL bit. To resume normal functionality, the WRSR
instruction must be issued to update the nonvolatile bits BP0,
BP1, and WPEN in the Status Register.
Figure 2 shows the proper connection of the storage capacitor
(VCAP) for AutoStore operation. Refer to DC Electrical
Characteristics on page 18 for the size of the VCAP.
Note CY14MX064Q1B does not support AutoStore operation.
You must perform Software STORE operation by using the SPI
STORE instruction to secure the data.
Figure 2. AutoStore Mode
Software STORE Operation
Software STORE enables the user to trigger a STORE operation
through a special SPI instruction. STORE operation is initiated
by executing STORE instruction irrespective of whether a write
has been performed since the last NV operation.
A STORE cycle takes tSTORE time to complete, during which all
the memory accesses to nvSRAM are inhibited. The RDY bit of
the Status Register may be polled to find the Ready or Busy
status of the nvSRAM. After the tSTORE cycle time is completed,
the SRAM is activated again for read and write operations.
RECALL Operation
A RECALL operation transfers the data stored in the nonvolatile
QuantumTrap elements to the SRAM. A RECALL may be
initiated in two ways: Hardware RECALL, initiated on power-up
and Software RECALL, initiated by a SPI RECALL instruction.
Internally, RECALL is a two step procedure. First, the SRAM data
is cleared. Next, the nonvolatile information is transferred into the
SRAM cells. All memory accesses are inhibited while a RECALL
cycle is in progress. The RECALL operation does not alter the
data in the nonvolatile elements.
Hardware RECALL (Power-Up)
During power-up, when VCC crosses VSWITCH, an automatic
RECALL sequence is initiated, which transfers the content of
nonvolatile memory on to the SRAM. The data would previously
have been stored on the nonvolatile memory through a STORE
sequence.
A Power-Up RECALL cycle takes tFA time to complete and the
memory access is disabled during this time.
Software RECALL
Software RECALL allows you to initiate a RECALL operation to
restore the content of nonvolatile memory on to the SRAM. A
Software RECALL is issued by using the SPI instruction for
RECALL.
A Software RECALL takes tRECALL time to complete during
which all memory accesses to nvSRAM are inhibited. The
controller must provide sufficient delay for the RECALL operation
to complete before issuing any memory access instructions.
Disabling and Enabling AutoStore
If the application does not require the AutoStore feature, it can
be disabled by using the ASDISB instruction. If this is done, the
nvSRAM does not perform a STORE operation at power-down.
AutoStore can be re enabled by using the ASENB instruction.
However, these operations are not nonvolatile and if you need
this setting to survive the power cycle, a STORE operation must
be performed following AutoStore Disable or Enable operation.
Note CY14MX064Q2B comes with the factory with autoStore
enabled and CY14MX064Q1B/CY14MX064Q2B with 0x00
written in all cells. In CY14MX064Q1B, VCAP pin is not present
and AutoStore option is not available.
Note If AutoStore is disabled and VCAP is not required, then the
VCAP pin must be left open. The VCAP pin must never be
connected to ground. The Power-Up RECALL operation cannot
be disabled in any case.
0.1 uF
VCC
VCAP
CS
VCAP
VSS
VCC


Similar Part No. - CY14ME064Q2B-SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14ME064Q2B-SXIT CYPRESS-CY14ME064Q2B-SXIT Datasheet
913Kb / 28P
   64-Kbit (8 K x 8) SPI nvSRAM
More results

Similar Description - CY14ME064Q2B-SXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14MB064Q CYPRESS-CY14MB064Q_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14C512Q CYPRESS-CY14C512Q_12 Datasheet
1Mb / 32P
   512-Kbit (64 K 횞 8) SPI nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1_12 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1 Datasheet
1Mb / 27P
   512-Kbit (64 K 횞 8) Serial (SPI) nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B_13 Datasheet
913Kb / 28P
   64-Kbit (8 K x 8) SPI nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A Datasheet
1Mb / 28P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14C064PA CYPRESS-CY14C064PA_12 Datasheet
1Mb / 43P
   64-Kbit (8 K 횞 8) SPI nvSRAM with Real Time Clock
CY14MB064J CYPRESS-CY14MB064J_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14C256Q CYPRESS-CY14C256Q_12 Datasheet
1Mb / 32P
   256-Kbit (32 K 횞 8) SPI nvSRAM
CY14C512PA CYPRESS-CY14C512PA_13 Datasheet
1Mb / 42P
   512-Kbit (64 K x 8) SPI nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com