Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62148EV30LL-45BVXI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY62148EV30LL-45BVXI
Description  4-Mbit (512 K 횞 8) Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148EV30LL-45BVXI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY62148EV30LL-45BVXI Datasheet HTML 1Page - Cypress Semiconductor CY62148EV30LL-45BVXI Datasheet HTML 2Page - Cypress Semiconductor CY62148EV30LL-45BVXI Datasheet HTML 3Page - Cypress Semiconductor CY62148EV30LL-45BVXI Datasheet HTML 4Page - Cypress Semiconductor CY62148EV30LL-45BVXI Datasheet HTML 5Page - Cypress Semiconductor CY62148EV30LL-45BVXI Datasheet HTML 6Page - Cypress Semiconductor CY62148EV30LL-45BVXI Datasheet HTML 7Page - Cypress Semiconductor CY62148EV30LL-45BVXI Datasheet HTML 8Page - Cypress Semiconductor CY62148EV30LL-45BVXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
CY62148EV30 MoBL®
Document Number: 38-05576 Rev. *O
Page 2 of 18
Contents
Pin Configuration ............................................................. 3
Product Portfolio .............................................................. 3
Maximum Ratings ............................................................. 4
Operating Range ............................................................... 4
Electrical Characteristics ................................................. 4
Capacitance ...................................................................... 5
Thermal Resistance .......................................................... 5
AC Test Loads and Waveforms ....................................... 5
Data Retention Characteristics ....................................... 6
Data Retention Waveform ................................................ 6
Switching Characteristics ................................................ 7
Switching Waveforms ...................................................... 8
Truth Table ...................................................................... 10
Ordering Information ...................................................... 11
Ordering Code Definitions ......................................... 11
Package Diagrams .......................................................... 12
Acronyms ........................................................................ 15
Document Conventions ................................................. 15
Units of Measure ....................................................... 15
Document History Page ................................................. 16
Sales, Solutions, and Legal Information ...................... 18
Worldwide Sales and Design Support ....................... 18
Products .................................................................... 18
PSoC Solutions ......................................................... 18


Similar Part No. - CY62148EV30LL-45BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148EV30LL-45BVXI CYPRESS-CY62148EV30LL-45BVXI Datasheet
1,008Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY62148EV30LL-45BVXI CYPRESS-CY62148EV30LL-45BVXI Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
More results

Similar Description - CY62148EV30LL-45BVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33 CYPRESS-CY7C1049CV33_11 Datasheet
845Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
CY62148E CYPRESS-CY62148E_10 Datasheet
420Kb / 14P
   4-Mbit (512 K 횞 8) Static RAM
CYRS1049DV33 CYPRESS-CYRS1049DV33 Datasheet
1Mb / 16P
   4-Mbit (512 K 횞 8) Static RAM
CY62148ESL CYPRESS-CY62148ESL_10 Datasheet
372Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
CG7480AT CYPRESS-CG7480AT Datasheet
488Kb / 16P
   8-Mbit (512 K 횞 16) Static RAM
CY62148E CYPRESS-CY62148E_13 Datasheet
982Kb / 17P
   4-Mbit (512 K x 8) Static RAM
CY7C1049CV33AUTO CYPRESS-CY7C1049CV33AUTO Datasheet
873Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM TTL-compatible inputs and outputs
CY7C1049CV33_1106 CYPRESS-CY7C1049CV33_1106 Datasheet
312Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM Automatic power down when deselected
CY7C1049D CYPRESS-CY7C1049D_11 Datasheet
330Kb / 12P
   4-Mbit (512 K 횞 8) Static RAM TTL-compatible inputs and outputs
CY15B104Q CYPRESS-CY15B104Q Datasheet
847Kb / 22P
   4-Mbit (512 K 횞 8) Serial (SPI) F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com