Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B104M-ZSP45XIT Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY14B104M-ZSP45XIT
Description  4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104M-ZSP45XIT Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY14B104M-ZSP45XIT Datasheet HTML 1Page - Cypress Semiconductor CY14B104M-ZSP45XIT Datasheet HTML 2Page - Cypress Semiconductor CY14B104M-ZSP45XIT Datasheet HTML 3Page - Cypress Semiconductor CY14B104M-ZSP45XIT Datasheet HTML 4Page - Cypress Semiconductor CY14B104M-ZSP45XIT Datasheet HTML 5Page - Cypress Semiconductor CY14B104M-ZSP45XIT Datasheet HTML 6Page - Cypress Semiconductor CY14B104M-ZSP45XIT Datasheet HTML 7Page - Cypress Semiconductor CY14B104M-ZSP45XIT Datasheet HTML 8Page - Cypress Semiconductor CY14B104M-ZSP45XIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
CY14B104K, CY14B104M
Document Number: 001-07103 Rev. *Z
Page 4 of 34
Device Operation
The CY14B104K/CY14B104M nvSRAM is made up of two
functional components paired in the same physical cell. These
are a SRAM memory cell and a nonvolatile QuantumTrap cell.
The SRAM memory cell operates as a standard fast static RAM.
Data in the SRAM is transferred to the nonvolatile cell (the
STORE operation), or from the nonvolatile cell to the SRAM (the
RECALL operation). Using this unique architecture, all cells are
stored and recalled in parallel. During the STORE and RECALL
operations SRAM read and write operations are inhibited. The
CY14B104K/CY14B104M supports infinite reads and writes
similar to a typical SRAM. In addition, it provides infinite RECALL
operations from the nonvolatile cells and up to 1 million STORE
operations. See Truth Table For SRAM Operations on page 24
for a complete description of read and write modes.
SRAM Read
The CY14B104K/CY14B104M performs a read cycle when CE
and OE are LOW, and WE and HSB are HIGH. The address
specified on pins A0–18 or A0–17 determines which of the 524,288
data bytes or 262,144 words of 16 bits each are accessed. Byte
enables (BHE, BLE) determine which bytes are enabled to the
output, in the case of 16-bit words. When the read is initiated by
an address transition, the outputs are valid after a delay of tAA
(read cycle 1). If the read is initiated by CE or OE, the outputs
are valid at tACE or at tDOE, whichever is later (read cycle 2). The
data output repeatedly responds to address changes within the
tAA access time without the need for transitions on any control
input pins. This remains valid until another address change or
until CE or OE is brought HIGH, or WE or HSB is brought LOW.
SRAM Write
A write cycle is performed when CE and WE are LOW and HSB
is HIGH. The address inputs must be stable before entering the
write cycle and must remain stable until CE or WE goes HIGH at
the end of the cycle. The data on the common I/O pins DO0–15
are written into the memory if it is valid tSD before the end of a
WE controlled write or before the end of an CE controlled write.
The Byte Enable inputs (BHE, BLE) determine which bytes are
written, in the case of 16-bit words. It is recommended that OE
be kept HIGH during the entire write cycle to avoid data bus
contention on common I/O lines. If OE is left LOW, internal
circuitry turns off the output buffers tHZWE after WE goes LOW.
AutoStore Operation
The CY14B104K/CY14B104M stores data to the nvSRAM using
one of three storage operations. These three operations are:
Hardware STORE, activated by the HSB; Software STORE,
activated by an address sequence; AutoStore, on device
power-down. The AutoStore operation is a unique feature of
QuantumTrap technology and is enabled by default on the
CY14B104K/CY14B104M.
During a normal operation, the device draws current from VCC to
charge a capacitor connected to the VCAP pin. This stored
charge is used by the chip to perform a single STORE operation.
If the voltage on the VCC pin drops below VSWITCH, the part
automatically disconnects the VCAP pin from VCC. A STORE
operation is initiated with power provided by the VCAP capacitor.
Note If the capacitor is not connected to VCAP pin, AutoStore
must be disabled using the soft sequence specified in Preventing
AutoStore on page 6. In case AutoStore is enabled without a
capacitor on VCAP pin, the device attempts an AutoStore
operation without sufficient charge to complete the Store. This
corrupts the data stored in nvSRAM.
Figure 2. AutoStore Mode
VSS
Ground
Ground for the device. Must be connected to ground of the system.
VCC
Power supply Power supply inputs to the device. 3.0 V +20%, –10%
HSB
Input/Output Hardware STORE Busy (HSB). When LOW this output indicates that a Hardware STORE is in progress.
When pulled LOW external to the chip it initiates a nonvolatile STORE operation. After each Hardware
and Software STORE operation, HSB is driven HIGH for a short time (tHHHD) with standard output high
current and then a weak internal pull-up resistor keeps this pin HIGH (external pull-up resistor connection
optional).
VCAP
Power supply AutoStore capacitor. Supplies power to the nvSRAM during power loss to store data from SRAM to
nonvolatile elements.
Pin Definitions (continued)
Pin Name
I/O Type
Description
0.1 uF
VCC
VCAP
WE
VCAP
VSS
VCC


Similar Part No. - CY14B104M-ZSP45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104M-ZSP45XIT CYPRESS-CY14B104M-ZSP45XIT Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14B104M-ZSP45XIT CYPRESS-CY14B104M-ZSP45XIT Datasheet
1Mb / 33P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CY14B104M-ZSP45XIT CYPRESS-CY14B104M-ZSP45XIT Datasheet
1Mb / 35P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM with Real Time Clock 25 ns and 45 ns access times
More results

Similar Description - CY14B104M-ZSP45XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104K CYPRESS-CY14B104K Datasheet
1Mb / 33P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CY14B108K CYPRESS-CY14B108K_12 Datasheet
1Mb / 34P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM with Real Time Clock
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_11 Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B116K CYPRESS-CY14B116K Datasheet
1Mb / 42P
   16-Mbit (2048 K 횞 8/1024 K 횞 16) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA_12 Datasheet
707Kb / 34P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM with Real Time Clock
CY14B108L CYPRESS-CY14B108L_11 Datasheet
889Kb / 24P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
CG7501AA CYPRESS-CG7501AA Datasheet
498Kb / 20P
   4-Mbit (512 K 횞 8) nvSRAM
CY14B256KA CYPRESS-CY14B256KA_12 Datasheet
934Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14B256KA CYPRESS-CY14B256KA_11 Datasheet
913Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com