Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B101Q2A-SXI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY14B101Q2A-SXI
Description  1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101Q2A-SXI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY14B101Q2A-SXI Datasheet HTML 7Page - Cypress Semiconductor CY14B101Q2A-SXI Datasheet HTML 8Page - Cypress Semiconductor CY14B101Q2A-SXI Datasheet HTML 9Page - Cypress Semiconductor CY14B101Q2A-SXI Datasheet HTML 10Page - Cypress Semiconductor CY14B101Q2A-SXI Datasheet HTML 11Page - Cypress Semiconductor CY14B101Q2A-SXI Datasheet HTML 12Page - Cypress Semiconductor CY14B101Q2A-SXI Datasheet HTML 13Page - Cypress Semiconductor CY14B101Q2A-SXI Datasheet HTML 14Page - Cypress Semiconductor CY14B101Q2A-SXI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
CY14C101Q
CY14B101Q
CY14E101Q
Document Number: 001-54393 Rev. *I
Page 11 of 33
Figure 7. Read Status Register (RDSR) Instruction Timing
Figure 8. Fast Read Status Register (FAST_RDSR) Instruction Timing
CS
SCK
SO
0123456
7
SI
0000
0
1
0
0
1
HI-Z
0
12345
6
7
Data
LSB
D0
D1
D2
D3
D4
D5
D6
MSB
D7
Op-Code
CS
SCK
SO
0123456
7
SI
0000
1
0
0
1
HI-Z
8
9
10 11 12 13 14 15
0
Data
LSB
D0
D1
D2
D3
D4
D5
D6
MSB
D7
X
X
X
X
X
X
X
X
Dummy Byte
0
12345
6
7
Op-Code
Figure 9. Write Status Register (WRSR) Instruction Timing
CS
SCK
SO
0
1
2
3
4567
SI
0000
0
0
0
1
MSB
LSB
D2
D3
D7
HI-Z
0
12345
67
Opcode
Data in
X
X
X
X
X


Similar Part No. - CY14B101Q2A-SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101Q2A-SXI CYPRESS-CY14B101Q2A-SXI Datasheet
1Mb / 34P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM Data retention: 20 years at 85 째C
CY14B101Q2A-SXIT CYPRESS-CY14B101Q2A-SXIT Datasheet
1Mb / 34P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM Data retention: 20 years at 85 째C
More results

Similar Description - CY14B101Q2A-SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14V101Q3 CYPRESS-CY14V101Q3 Datasheet
1Mb / 24P
   1 Mbit (128 K 횞 8) Serial SPI nvSRAM
CY14C101J CYPRESS-CY14C101J Datasheet
1Mb / 32P
   1 Mbit (128 K 횞 8) Serial (I2C) nvSRAM
CY14C101J CYPRESS-CY14C101J_12 Datasheet
1Mb / 31P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1_13 Datasheet
1Mb / 27P
   1-Mbit (128 K x 8) Serial SPI nvSRAM
CY14B101P CYPRESS-CY14B101P_12 Datasheet
934Kb / 36P
   1-Mbit (128 K 횞 8) Serial SPI nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA Datasheet
1Mb / 44P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA_12 Datasheet
1Mb / 43P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA_11 Datasheet
1,013Kb / 26P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14C101I CYPRESS-CY14C101I_12 Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com