Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8CMBR2110-24LQXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8CMBR2110-24LQXI
Description  CapSense짰 Express??10-Button Controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CMBR2110-24LQXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8CMBR2110-24LQXI Datasheet HTML 1Page - Cypress Semiconductor CY8CMBR2110-24LQXI Datasheet HTML 2Page - Cypress Semiconductor CY8CMBR2110-24LQXI Datasheet HTML 3Page - Cypress Semiconductor CY8CMBR2110-24LQXI Datasheet HTML 4Page - Cypress Semiconductor CY8CMBR2110-24LQXI Datasheet HTML 5Page - Cypress Semiconductor CY8CMBR2110-24LQXI Datasheet HTML 6Page - Cypress Semiconductor CY8CMBR2110-24LQXI Datasheet HTML 7Page - Cypress Semiconductor CY8CMBR2110-24LQXI Datasheet HTML 8Page - Cypress Semiconductor CY8CMBR2110-24LQXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
CY8CMBR2110
CapSense® Express™ 10-Button Controller
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-74494 Rev. *A
Revised September 4, 2012
Features
Register-configurable CapSense® controller
Does not require firmware or device programming
Ten-button solution configurable through I2C protocol
Ten general purpose outputs (GPOs)
GPOs are linked to CapSense buttons
GPOs support direct LED drive
SmartSense™ Auto-Tuning
Maintains optimal button performance even in noisy
environment
CapSense parameters dynamically set in runtime
Saves time and effort in device tuning
Wide parasitic capacitance (CP) range (5 pF–40 pF)
Advanced features
Robust sensing even with closely-spaced buttons – Flanking
Sensor Suppression (FSS)
User-configurable LED effects
• On-system power-on
• On-button touch
• LED ON Time after button release
• Standby Mode LED Brightness
Buzzer Signal Output
Supports analog voltage output (requires external resistors)
Attention line interrupt to host to indicate any CapSense but-
ton status change
CapSense performance data through I2C interface
Simplifies production-line testing and system debug
Noise Immunity
Specifically designed for superior noise immunity to external
radiated and conducted noise
Low radiated noise emission
System diagnostics of CapSense buttons – reports faults at
device power-up
Button shorts
Improper value of modulating capacitor (CMOD)
Parasitic capacitance (CP) value out of range
EZ-Click™ Customizer tool
Simple graphical configuration options
Dynamically configures all features
Configurations can be saved and reused later
I2C interface
No clock stretching
Supports speed of up to 100 kHz
Wide operating voltage range
1.71 V to 5.5 V – ideal for both regulated and unregulated
battery applications
Low power consumption
Supply current in run mode as low as 23 µA[1] for each button
Deep sleep current: 100 nA
Industrial temperature range: –40 °C to +85 °C
32-pin Quad Flat No-leads (QFN) package
(5 mm × 5 mm × 0.6 mm)
Overview
The CY8CMBR2110 CapSense Express™ capacitive touch
sensing controller saves time and money, quickly enabling a
capacitive touch sensing user interface in your design. It is a
register-configurable device and does not require any firmware
coding or device programming. In addition, this device is enabled
with Cypress’s SmartSense Auto-Tuning algorithm which elimi-
nates the need to manually tune the user interface during devel-
opment and production ramp. This speeds the time to volume
and saves valuable engineering time, test time, and production
yield loss.
The EZ-Click Customizer tool is a simple graphical interface for
configuring the device features, through the I2C interface. One
configuration can be used to configure multiple samples in
different boards.
The CY8CMBR2110 CapSense controller supports up to ten
capacitive sensing buttons and ten GPOs. The GPO is an active
low output controlled directly by the CapSense input making it
ideal for a wide variety of consumer, industrial, and medical appli-
cations. The wide operating range of 1.71 V to 5.5 V enables
unregulated battery operation, further saving component cost.
The same device can also be used in different applications with
varying power supplies.
This device supports ultra low-power consumption in both run
mode and deep sleep modes to stretch battery life. In addition,
this device also supports many advanced features, which
enhance the robustness and user experience of the end solution.
The key advanced features are Noise Immunity and Flanking
Sensor Suppression (FSS). Noise Immunity improves the
immunity of the device against radiated and conducted noise,
such as audio and radio frequency (RF) noise. FSS provides
robust sensing even with closely-spaced buttons. FSS is a
critical requirement in small form-factor applications.
Power-on LED effects provide visual feedback to the design at
system power-on. Button-controlled LED effects provide visual
feedback on a button touch. These effects improve the aesthetic
value of the end product. Buzzer Signal Output provides audio
feedback on a button touch. System diagnostics test for design
faults at power-on and report any failures. This simplifies
production-line testing and reduces manufacturing costs.
CapSense data output through I2C gives critical information
about the design, such as button CP and signal-to-noise ratio
(SNR). This further helps in system debug and production-line
testing.
Note
1. 23 µA per button (4 buttons used, 180 button touch per hour, average button touch time of 1000 ms, buzzer disabled, Button Touch LED Effects disabled, 10 pF < CP
of all buttons < 20 pF, Button Scan Rate = 541 ms, with power consumption optimized, Noise Immunity level Normal, CSx sensitivity Medium).


Similar Part No. - CY8CMBR2110-24LQXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CMBR2110-24LQXI CYPRESS-CY8CMBR2110-24LQXI Datasheet
1Mb / 71P
   CapSense짰 Express??10-Button Controller
CY8CMBR2110-24LQXIT CYPRESS-CY8CMBR2110-24LQXIT Datasheet
1Mb / 71P
   CapSense짰 Express??10-Button Controller
More results

Similar Description - CY8CMBR2110-24LQXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CMBR2110 CYPRESS-CY8CMBR2110_13 Datasheet
1Mb / 71P
   CapSense짰 Express??10-Button Controller
CY8CMBR2010 CYPRESS-CY8CMBR2010 Datasheet
1Mb / 33P
   CapSense짰 Express??10-Button Controller
CY8CMBR2010 CYPRESS-CY8CMBR2010_12 Datasheet
1Mb / 31P
   CapSense짰 Express??10-Button Controller
CY8CMBR2016 CYPRESS-CY8CMBR2016 Datasheet
1Mb / 28P
   CapSense짰 Express??16 Button Matrix Controller
CY8C20110 CYPRESS-CY8C20110_13 Datasheet
1Mb / 46P
   CapSense짰 Express??Button Capacitive Controllers
CY8C20110 CYPRESS-CY8C20110_12 Datasheet
1Mb / 43P
   CapSense짰 Express??Button Capacitive Controllers
CY8CMBR2044 CYPRESS-CY8CMBR2044_12 Datasheet
1,013Kb / 29P
   Four Button CapSense짰 Controller
CY8C20111 CYPRESS-CY8C20111_12 Datasheet
1Mb / 44P
   CapSense짰 Express????One Button and Two Button Capacitive Controllers
CY8C201A0 CYPRESS-CY8C201A0_12 Datasheet
1Mb / 38P
   CapSense짰 Express??Slider Capacitive Controllers
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com