Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2560 Datasheet(PDF) 8 Page - Sony Corporation

Part # CXA2560
Description  Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2560 Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXA2560 Datasheet HTML 4Page - Sony Corporation CXA2560 Datasheet HTML 5Page - Sony Corporation CXA2560 Datasheet HTML 6Page - Sony Corporation CXA2560 Datasheet HTML 7Page - Sony Corporation CXA2560 Datasheet HTML 8Page - Sony Corporation CXA2560 Datasheet HTML 9Page - Sony Corporation CXA2560 Datasheet HTML 10Page - Sony Corporation CXA2560 Datasheet HTML 11Page - Sony Corporation CXA2560 Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
– 8 –
CXA2560Q
Vopr
ICC
VTIN
BP1
BP2
BP3
BP4
BP5
THD1
THD2
SN1
SH1
CT1
MUTE
VOS1
PBREF
F120
F70
SH2
THD4
SN3
VOS2
No signal, NR OFF, MUTE OFF, 70µs,
MS ON
TAPEIN 1kHz, LINEOUT 0dB, NR OFF
TAPEIN 500Hz, LINEOUT –25dB, NR B
TAPEIN 2kHz, LINEOUT –25dB, NR B
TAPEIN 5kHz, LINEOUT –25dB, NR B
TAPEIN 10kHz, LINEOUT –40dB, NR B
TAPEIN 10kHz, LINEOUT 0dB, NR B
TAPEIN 1kHz –20dBm, NR OFF,
RL = 2.7k
TAPEIN 1kHz –20dBm, NR B,
RL = 2.7k
No signal, NR B, Rg = 5.1k
Ω,
CCIR/ARM filter used
TAPEIN 1kHz, NR OFF, RL = 2.7k
Ω,
THD = 1%
TAPEIN 1kHz –24dBm, NR OFF,
1kHz BPF used
TAPE IN 1kHz –24dBm, MUTE ON,
NR OFF, 1kHz BPF used
No signal, NR OFF, difference from VCT
PBIN 315Hz –70dBm, 120µs mode
PBIN 2.7kHz –58.5dBm,
120µs mode at 315Hz
PBIN 4.5kHz –53.8dBm,
70µs mode at 315Hz
PBIN 1kHz, 120µs mode, RL = 2.7k
Ω,
THD = 1%
PBIN 1kHz –52dBm, 120µs mode,
RL = 2.7k
No signal, 70µs mode, Rg = 680
Ω,
CCIR/ARM filter used
No signal, 120µs mode, Rg = 680
Ω,
difference from VCT
6.5
7.6
–32.0
1.4
5.5
3.9
9.7
–1.1
77.0
13.0
–0.1
–27.0
–1.5
–1.5
–10.0
57.0
–1.0
8.0
11.6
–30.0
2.9
7.0
5.4
10.4
0.4
0.01
0.04
87.0
14.4
–96.0
–110.0
0.0
–25.0
0.0
0.0
–3.0
0.07
63.5
0.0
11.0
15.6
–28.0
4.4
8.5
6.9
11.9
1.9
0.2
0.2
–70.0
–70.0
0.1
–23.0
1.5
1.5
0.5
1.0
V
mA
dBm
dB
dB
dB
dB
dB
%
%
dB
dB
dB
dB
V
dBm
dB
dB
dBm
%
dB
V
Operating voltage
Current consumption
TAPEIN input sensitivity
B type decode boost
characteristics 1
B type decode boost
characteristics 2
B type decode boost
characteristics 3
B type decode boost
characteristics 4
B type decode boost
characteristics 5
Total harmonic
distortion 1
Total harmonic
distortion 2
Decode S/N ratio 1
Signal handling
Crosstalk between
channels 1
Mute characteristic
Output DC offset voltage
Playback equalizer amplifier
reference output level
Playback equalizer amplifier
frequency response 1
Playback equalizer amplifier
frequency response 2
Signal handling
Total harmonic
distortion
S/N ratio
Output DC offset
voltage
Dolby NR (0dB = Dolby level LINEOUT of –6dBm)
Electrical Characteristics
(Ta = 25°C, VCC = 8.0V. DVCC = 5.0V)
Item
Symbol
Measurement conditions
Min.
Typ.
Max.
Unit
Playback Equalizer Amplifier


Similar Part No. - CXA2560

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2561Q SONY-CXA2561Q Datasheet
324Kb / 20P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2566M SONY-CXA2566M Datasheet
153Kb / 12P
   Headphone Stereos
CXA2568M SONY-CXA2568M Datasheet
262Kb / 17P
   RF Amplifier for CD Players
More results

Similar Description - CXA2560

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2510AQ SONY-CXA2510AQ Datasheet
447Kb / 21P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA1580Q SONY-CXA1580Q Datasheet
351Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1980Q SONY-CXA1980Q Datasheet
233Kb / 17P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1910Q SONY-CXA1910Q Datasheet
387Kb / 18P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA2511AQ SONY-CXA2511AQ Datasheet
565Kb / 21P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2561Q SONY-CXA2561Q Datasheet
324Kb / 20P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA1897Q SONY-CXA1897Q Datasheet
396Kb / 22P
   Dolby B Type Noise Reduction System with Recording/Playback Equalizer
CXA1911Q SONY-CXA1911Q Datasheet
334Kb / 18P
   Dolby B/C Type Noise Reduction System with Playback Equalizer
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
CXA1797Q SONY-CXA1797Q Datasheet
737Kb / 31P
   Dolby B-C Type Noise Reduction System with Recording Equalizer Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com