Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NZ9F18VST5G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NZ9F18VST5G
Description  Zener Voltage Regulators 200 mW SOD.923 Surface Mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NZ9F18VST5G Datasheet(HTML) 1 Page - ON Semiconductor

  NZ9F18VST5G Datasheet HTML 1Page - ON Semiconductor NZ9F18VST5G Datasheet HTML 2Page - ON Semiconductor NZ9F18VST5G Datasheet HTML 3Page - ON Semiconductor NZ9F18VST5G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2011
June, 2011 − Rev. 1
1
Publication Order Number:
NZ9F2V4S/D
NZ9F2V4ST5G SERIES
Zener Voltage Regulators
200 mW SOD−923 Surface Mount
This series of Zener diodes is packaged in a SOD−923 surface
mount package. They are designed to provide voltage regulation
protection and are especially attractive in situations where space is at a
premium. They are well suited for applications such as cellular
phones, hand held portables, and high density PC boards.
Specification Features
Standard Zener Breakdown Voltage Range −2.4 V to 18 V
Steady State Power Rating of 200 mW
Small Body Outline Dimensions:
0.039
″ x 0.024″ (1.00 mm x 0.60 mm)
Low Body Height: 0.016″ (0.40 mm)
ESD Rating of Class 3 (>16 kV) per Human Body Model
Tight Tolerance VZ
These are Pb−Free Devices
Mechanical Characteristics
CASE:
Void-free, transfer-molded, thermosetting plastic
Epoxy Meets UL 94, V−0
LEAD FINISH:
100% Matte Sn (Tin)
MOUNTING POSITION:
Any
QUALIFIED MAX REFLOW TEMPERATURE:
260
°C
Device Meets MSL 1 Requirements
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Total Device Dissipation FR−5 Board,
(Note 1) @ TA = 25°C
Derate above 25°C
PD
250
2.0
mW
mW/°C
Thermal Resistance from
Junction−to−Ambient
RqJA
500
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−65 to
+150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR−4 Minimum Pad.
1
Cathode
2
Anode
See specific marking information in the device marking
column of the Electrical Characteristics table on page 3 of
this data sheet.
DEVICE MARKING INFORMATION
http://onsemi.com
Device
Package
Shipping†
ORDERING INFORMATION
NZ9FxxxST5G
SOD−923
(Pb−Free)
8000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SOD−923
CASE 514AB
X = Specific Device Code
M = Month Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING
DIAGRAM
X MG
G
1
2
12


Similar Part No. - NZ9F18VST5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NZ9F18VST5G ONSEMI-NZ9F18VST5G Datasheet
99Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
May, 2008 ??Rev. 0
NZ9F18VST5G ONSEMI-NZ9F18VST5G Datasheet
56Kb / 4P
   Zener Voltage Regulators
July, 2014 ??Rev. 3
More results

Similar Description - NZ9F18VST5G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LM3ZXXT1 LRC-LM3ZXXT1 Datasheet
119Kb / 6P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
logo
ON Semiconductor
NZ9F2V4ST5G ONSEMI-NZ9F2V4ST5G Datasheet
99Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
May, 2008 ??Rev. 0
MM5Z2V4T1 ONSEMI-MM5Z2V4T1_05 Datasheet
53Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
November, 2005 ??Rev. 5
MM5Z2V4ST1 ONSEMI-MM5Z2V4ST1_06 Datasheet
48Kb / 4P
   Zener Voltage Regulators 200 mW SOD-523 Surface Mount
April, 2006 ??Rev. 6
logo
Shanghai Leiditech Elec...
LNZ8F2V4T5G LEIDITECH-LNZ8F2V4T5G Datasheet
878Kb / 4P
   Zener Voltage Regulators 200 mW SOD??82 Surface Mount
logo
Leshan Radio Company
LM3Z9V1T1G LRC-LM3Z9V1T1G Datasheet
106Kb / 6P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
logo
ON Semiconductor
NSZ5V6V2 ONSEMI-NSZ5V6V2 Datasheet
51Kb / 3P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
August, 2018 ??Rev. 1
SZMM3Z3V3T1G ONSEMI-SZMM3Z3V3T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
January, 2012 ??Rev. 9
MM3Z2V4T1 ONSEMI-MM3Z2V4T1_06 Datasheet
58Kb / 5P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
November, 2006 ??Rev. 7
NZ9F2V4T5G ONSEMI-NZ9F2V4T5G Datasheet
98Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
July, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com