Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1338G Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1338G
Description  4-Mbit (128 K 횞 32) Flow-Through Sync SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1338G Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1338G_12 Datasheet HTML 1Page - Cypress Semiconductor CY7C1338G_12 Datasheet HTML 2Page - Cypress Semiconductor CY7C1338G_12 Datasheet HTML 3Page - Cypress Semiconductor CY7C1338G_12 Datasheet HTML 4Page - Cypress Semiconductor CY7C1338G_12 Datasheet HTML 5Page - Cypress Semiconductor CY7C1338G_12 Datasheet HTML 6Page - Cypress Semiconductor CY7C1338G_12 Datasheet HTML 7Page - Cypress Semiconductor CY7C1338G_12 Datasheet HTML 8Page - Cypress Semiconductor CY7C1338G_12 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
CY7C1338G
4-Mbit (128 K × 32) Flow-Through
Sync SRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-05521 Rev. *I
Revised September 21, 2012
4-Mbit (128 K × 32) Flow-Through Sync SRAM
Features
128 K × 32 common I/O
3.3 V core power supply (VDD)
2.5 V or 3.3 V I/O supply (VDDQ)
Fast clock-to-output times
8.0 ns (100-MHz version)
Provide high-performance 2-1-1-1 access rate
User-selectable burst counter supporting IntelPentium
interleaved or linear burst sequences
Separate processor and controller address strobes
Synchronous self-timed write
Asynchronous output enable
Offered in Pb-free 100-pin TQFP package
“ZZ” sleep mode option
Functional Description
The CY7C1338G is a 128 K × 32 synchronous cache RAM
designed to interface with high-speed microprocessors with
minimum glue logic. Maximum access delay from clock rise is
8.0 ns (100-MHz version). A 2-bit on-chip counter captures the
first address in a burst and increments the address automatically
for the rest of the burst access. All synchronous inputs are gated
by registers controlled by a positive-edge-triggered clock input
(CLK). The synchronous inputs include all addresses, all data
inputs, address-pipelining chip enable (CE1), depth-expansion
chip enables (CE2 and CE3), burst control inputs (ADSC, ADSP,
and ADV), write enables (BW[A:D], and BWE), and global write
(GW). Asynchronous inputs include the output enable (OE) and
the ZZ pin.
The CY7C1338G allows either interleaved or linear burst
sequences, selected by the MODE input pin. A HIGH selects an
interleaved burst sequence, while a LOW selects a linear burst
sequence. Burst accesses can be initiated with the processor
address strobe (ADSP) or the cache controller address strobe
(ADSC) inputs. Address advancement is controlled by the
address advancement (ADV) input.
Addresses and chip enables are registered at rising edge of
clock when either address strobe processor (ADSP) or address
strobe controller (ADSC) are active. Subsequent burst
addresses can be internally generated as controlled by the
advance pin (ADV).
The CY7C1338G operates from a +3.3 V core power supply
while all outputs may operate with either a +2.5 or +3.3 V supply.
All
inputs
and
outputs
are
JEDEC-standard
JESD8-5-compatible.
ADDRESS
REGISTER
BURST
COUNTER
AND LOGIC
CLR
Q1
Q0
ENABLE
REGISTER
SENSE
AMPS
OUTPUT
BUFFERS
INPUT
REGISTERS
MEMORY
ARRAY
MODE
A[1:0]
ZZ
A0, A1, A
ADV
CLK
ADSP
ADSC
BWD
BWC
BWB
BWA
BWE
CE1
CE2
CE3
OE
GW
SLEEP
CONTROL
DQA BYTE
WRITE REGISTER
DQB BYTE
WRITE REGISTER
DQC BYTE
WRITE REGISTER
WRITE REGISTER
DQD BYTE
DQD BYTE
WRITE REGISTER
DQC BYTE
WRITE REGISTER
DQB BYTE
WRITE REGISTER
DQA BYTE
WRITE REGISTER
DQs
Logic Block Diagram


Similar Part No. - CY7C1338G_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1338G-100AXC CYPRESS-CY7C1338G-100AXC Datasheet
291Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1338G-100AXC CYPRESS-CY7C1338G-100AXC Datasheet
396Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1338G-100AXC CYPRESS-CY7C1338G-100AXC Datasheet
610Kb / 22P
   4-Mbit (128 K x 32) Flow-Through Sync SRAM
CY7C1338G-100AXI CYPRESS-CY7C1338G-100AXI Datasheet
291Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1338G-100AXI CYPRESS-CY7C1338G-100AXI Datasheet
396Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
More results

Similar Description - CY7C1338G_12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1345G CYPRESS-CY7C1345G_12 Datasheet
760Kb / 23P
   4-Mbit (128 K 횞 36) Flow-Through Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_13 Datasheet
610Kb / 22P
   4-Mbit (128 K x 32) Flow-Through Sync SRAM
CY7C1339G CYPRESS-CY7C1339G_12 Datasheet
629Kb / 21P
   4-Mbit (128 K 횞 32) Pipelined Sync SRAM
CY7C1365CV33 CYPRESS-CY7C1365CV33 Datasheet
567Kb / 21P
   9-Mbit (256 K 횞 32) Flow-Through Sync SRAM
CY7C1345G CYPRESS-CY7C1345G_13 Datasheet
771Kb / 24P
   4-Mbit (128 K x 36) Flow-Through Sync SRAM
CY7C1325H CYPRESS-CY7C1325H Datasheet
731Kb / 21P
   4-Mbit (256 K 횞 18) Flow-Through Sync SRAM
CY7C1325G CYPRESS-CY7C1325G_12 Datasheet
753Kb / 22P
   4-Mbit (256 K 횞 18) Flow-Through Sync SRAM
CY7C1347G CYPRESS-CY7C1347G_12 Datasheet
538Kb / 25P
   4-Mbit (128 K 횞 36) Pipelined Sync SRAM
CY7C1385D CYPRESS-CY7C1385D Datasheet
775Kb / 22P
   18-Mbit (512 K 횞 32) Flow-Through SRAM
CY7C13451G CYPRESS-CY7C13451G Datasheet
746Kb / 23P
   4-Mbit (128K 횞 36) Flow-Through Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com