Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1328G-133AXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1328G-133AXI
Description  4-Mbit (256 K 횞 18) Pipelined DCD Sync SRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1328G-133AXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1328G-133AXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1328G-133AXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1328G-133AXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1328G-133AXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1328G-133AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1328G-133AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1328G-133AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1328G-133AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1328G-133AXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
CY7C1328G
Document Number: 38-05523 Rev. *J
Page 4 of 22
Pin Configurations
Figure 1. 100-pin TQFP (14 × 20 × 1.4 mm) pinout
A
NC
NC
VDDQ
VSSQ
NC
DQPA
DQA
DQA
VSSQ
VDDQ
DQA
DQA
VSS
NC
VDD
ZZ
DQA
DQA
VDDQ
VSSQ
DQA
DQA
NC
NC
VSSQ
VDDQ
NC
NC
NC
NC
NC
NC
VDDQ
VSSQ
NC
NC
DQB
DQB
VSSQ
VDDQ
DQB
DQB
VDD
NC
VSS
DQB
DQB
VDDQ
VSSQ
DQB
DQB
DQPB
NC
VSSQ
VDDQ
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
CY7C1328G
NC
BYTE A
BYTE B


Similar Part No. - CY7C1328G-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1328G-133AXI CYPRESS-CY7C1328G-133AXI Datasheet
379Kb / 16P
   4-Mbit (256K x 18) Pipelined DCD Sync SRAM
CY7C1328G-133AXI CYPRESS-CY7C1328G-133AXI Datasheet
602Kb / 23P
   4-Mbit (256 K x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1328G-133AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1327G CYPRESS-CY7C1327G_12 Datasheet
762Kb / 22P
   4-Mbit (256 K 횞 18) Pipelined Sync SRAM
CY7C1328G CYPRESS-CY7C1328G_13 Datasheet
602Kb / 23P
   4-Mbit (256 K x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C_12 Datasheet
984Kb / 32P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined DCD Sync SRAM
CY7C1386S CYPRESS-CY7C1386S Datasheet
727Kb / 22P
   18-Mbit (512 K 횞 36) Pipelined DCD Sync SRAM
CY7C1386D CYPRESS-CY7C1386D_12 Datasheet
687Kb / 34P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined DCD Sync SRAM
CY7C1327G CYPRESS-CY7C1327G_13 Datasheet
779Kb / 23P
   4-Mbit (256 K x 18) Pipelined Sync SRAM
CY7C1386KV33 CYPRESS-CY7C1386KV33 Datasheet
390Kb / 23P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined DCD Sync SRAM
CY7C1364CV33 CYPRESS-CY7C1364CV33 Datasheet
567Kb / 21P
   9-Mbit (256 K 횞 32) Pipelined Sync SRAM
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1325H CYPRESS-CY7C1325H Datasheet
731Kb / 21P
   4-Mbit (256 K 횞 18) Flow-Through Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com