Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NZ9F4V7ST5G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NZ9F4V7ST5G
Description  Zener Voltage Regulators 200 mW SOD.923 Surface Mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NZ9F4V7ST5G Datasheet(HTML) 2 Page - ON Semiconductor

  NZ9F4V7ST5G Datasheet HTML 1Page - ON Semiconductor NZ9F4V7ST5G Datasheet HTML 2Page - ON Semiconductor NZ9F4V7ST5G Datasheet HTML 3Page - ON Semiconductor NZ9F4V7ST5G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NZ9F2V4ST5G SERIES
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted,
VF = 0.9 V Max. @ IF = 10 mA for all types)
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Current
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
IR
Reverse Leakage Current @ VR
VR
Reverse Voltage
IF
Forward Current
VF
Forward Voltage @ IF
QVZ
Maximum Temperature Coefficient of VZ
C
Max. Capacitance @VR = 0 and f = 1 MHz
IF
V
I
IR
IZT
VR
VZ
VF
Figure 1. Zener Voltage Regulator
TEMPERATURE (°C)
25
0
100
40
20
0
50
75
100
125
150
80
60
Figure 2. Steady State Power Derating


Similar Part No. - NZ9F4V7ST5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NZ9F4V7ST5G ONSEMI-NZ9F4V7ST5G Datasheet
99Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
May, 2008 ??Rev. 0
NZ9F4V7ST5G ONSEMI-NZ9F4V7ST5G Datasheet
56Kb / 4P
   Zener Voltage Regulators
July, 2014 ??Rev. 3
More results

Similar Description - NZ9F4V7ST5G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LM3ZXXT1 LRC-LM3ZXXT1 Datasheet
119Kb / 6P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
logo
ON Semiconductor
NZ9F2V4ST5G ONSEMI-NZ9F2V4ST5G Datasheet
99Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
May, 2008 ??Rev. 0
MM5Z2V4T1 ONSEMI-MM5Z2V4T1_05 Datasheet
53Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
November, 2005 ??Rev. 5
MM5Z2V4ST1 ONSEMI-MM5Z2V4ST1_06 Datasheet
48Kb / 4P
   Zener Voltage Regulators 200 mW SOD-523 Surface Mount
April, 2006 ??Rev. 6
logo
Shanghai Leiditech Elec...
LNZ8F2V4T5G LEIDITECH-LNZ8F2V4T5G Datasheet
878Kb / 4P
   Zener Voltage Regulators 200 mW SOD??82 Surface Mount
logo
Leshan Radio Company
LM3Z9V1T1G LRC-LM3Z9V1T1G Datasheet
106Kb / 6P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
logo
ON Semiconductor
NSZ5V6V2 ONSEMI-NSZ5V6V2 Datasheet
51Kb / 3P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
August, 2018 ??Rev. 1
SZMM3Z3V3T1G ONSEMI-SZMM3Z3V3T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
January, 2012 ??Rev. 9
MM3Z2V4T1 ONSEMI-MM3Z2V4T1_06 Datasheet
58Kb / 5P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
November, 2006 ??Rev. 7
NZ9F2V4T5G ONSEMI-NZ9F2V4T5G Datasheet
98Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
July, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com