Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD0106T Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # RD0106T
Description  Diffused Junction Silicon Diode Low VF . High-Speed Switching Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

RD0106T Datasheet(HTML) 2 Page - Sanyo Semicon Device

  RD0106T_12 Datasheet HTML 1Page - Sanyo Semicon Device RD0106T_12 Datasheet HTML 2Page - Sanyo Semicon Device RD0106T_12 Datasheet HTML 3Page - Sanyo Semicon Device RD0106T_12 Datasheet HTML 4Page - Sanyo Semicon Device RD0106T_12 Datasheet HTML 5Page - Sanyo Semicon Device RD0106T_12 Datasheet HTML 6Page - Sanyo Semicon Device RD0106T_12 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RD0106T
No. A1704-2/7
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Reverse Voltage
VR
IR=1mA
600
V
Forward Voltage
VF
IF=1A
1.1
1.3
V
Reverse Current
IR
VR=600V
10
μA
Reverse Recovery Time
trr1IF=1A, di / dt=100A/μs40
50
ns
trr2IF=0.5A, IR=1A
16
ns
Thermal Resistance
Rth(j-c)
Junction -Case
6
°C / W
Ordering Information
Device
Package
Shipping
memo
RD0106T-H
TP
500pcs./bag
Pb Free and halogen Free
RD0106T-TL-H
TP-FA
700pcs./reel
IF -- VF
IFSM -- t
Time, t -- s
Cj -- VR
Reverse Voltage, VR -- V
Forward Voltage, VF -- V
Reverse Voltage, VR -- V
IR -- VR
0
1.2
0.4
0.8
1.0
0.2
0.6
1.4
0.001
0.01
0.1
1.0
10
IT15497
0.1
1.0
22
10
2
2
10
1.0
3
5
7
5
3
f=100kHz
IT15499
100
2
3
57
3
57
3
57
200
0
600
IT15498
100
10
0.1
1.0
0.01
0.001
500
100
300
400
125
°C
Ta=150
°C
100
°C
75
°C
50
°C
25
°C
7 0.01
23
7 0.1
0
52
2
3
37 1.0
5
12
14
8
4
10
6
2
IT15500


Similar Part No. - RD0106T_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
RD0106T-H ONSEMI-RD0106T-H Datasheet
369Kb / 7P
   Planar Ultrafast Rectifier
September, 2013
RD0106T-TL-H ONSEMI-RD0106T-TL-H Datasheet
369Kb / 7P
   Planar Ultrafast Rectifier
September, 2013
More results

Similar Description - RD0106T_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
RD0506T SANYO-RD0506T Datasheet
219Kb / 3P
   Diffused Junction Silicon Diode Low VF - High-Speed Switching Diode
RD2003JN SANYO-RD2003JN Datasheet
192Kb / 3P
   Diffused Junction Silicon Diode Low VF - High-Speed Switching Diode
RD0306T SANYO-RD0306T Datasheet
220Kb / 3P
   Diffused Junction Silicon Diode Low VF - High-Speed Switching Diode
RD0506T SANYO-RD0506T_12 Datasheet
470Kb / 7P
   Diffused Junction Silicon Diode Low VF . High-Speed Switching Diode
UD1006FR SANYO-UD1006FR_12 Datasheet
306Kb / 5P
   Diffused Junction Silicon Diode Low VF Switching Diode
UD0506T SANYO-UD0506T_11 Datasheet
469Kb / 7P
   Diffused Junction Silicon Diode Low VF Switching Diode
RD2004LS SANYO-RD2004LS Datasheet
45Kb / 3P
   Diffused Junction Silicon Diode Ultrahigh-Speed Switching Diode
RD0506LS-SB5 SANYO-RD0506LS-SB5 Datasheet
237Kb / 3P
   Diffused Junction Silicon Diode Ultrahigh-Speed Switching Diode
RD2004LS-SB5 SANYO-RD2004LS-SB5 Datasheet
237Kb / 3P
   Diffused Junction Silicon Diode Ultrahigh-Speed Switching Diode
RD1006LS SANYO-RD1006LS Datasheet
47Kb / 3P
   Diffused Junction Silicon Diode Ultrahigh-Speed Switching Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com