Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR262W30A103E1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # BR262W30A103E1G
Description  Wideband Voice Capture and Noise Reduction Solution
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BR262W30A103E1G Datasheet(HTML) 3 Page - ON Semiconductor

  BR262W30A103E1G Datasheet HTML 1Page - ON Semiconductor BR262W30A103E1G Datasheet HTML 2Page - ON Semiconductor BR262W30A103E1G Datasheet HTML 3Page - ON Semiconductor BR262W30A103E1G Datasheet HTML 4Page - ON Semiconductor BR262W30A103E1G Datasheet HTML 5Page - ON Semiconductor BR262W30A103E1G Datasheet HTML 6Page - ON Semiconductor BR262W30A103E1G Datasheet HTML 7Page - ON Semiconductor BR262W30A103E1G Datasheet HTML 8Page - ON Semiconductor BR262W30A103E1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
BelaSigna R262
http://onsemi.com
3
Table 2. ELECTRICAL CHARACTERISTICS (continued) (The typical parameters in Table 2 were measured at 20°C with a clean
3.3 V supply voltage (unless noted differently). Parameters marked as screened are tested on each chip. Other parameters are qualified
for all process corners but not tested on every part.)
Parameter
Screened
Unit
Max
Typ
Min
Test Conditions / Notes
Symbol
VMIC
Output voltage
VMIC = VREG
0.95
1.00
1.05
V
l
VMIC = VDDA
1.8
2.0
2.1
V
l
Load Regulation
VMIC = VREG
25
40
mV/mA
VMIC = VDDA
100
150
mV/mA
POWER ON RESET
POR Threshold
POR Release
(VBAT going up)
1.52
1.60
1.71
V
l
POR Activation
(VBAT going down)
1.52
1.60
1.65
V
l
Boot Time
NRST to DMIC active using
LSAD boot method
16.3
ms
NRST to DMIC active using
SPI EEPROM boot method
(Default custom application)
90
ms
NRST to DMIC active using
I2C EEPROM boot method
(Default custom application)
135
ms
INPUT STAGE
Sampling frequency
Fs
Defined by ROM−based
application. (Note 2)
21.333
kHz
Analog input voltage
Vin
No preamp gain on AI1
and AI3
0
2
Vpp
Vin
24 dB preamp gain by default
on MIC0 and MIC2
0
125
mVpp
Preamplifier gain tolerance
1 kHz
−2
2
dB
Input impedance
Rin
0 dB preamplifier gain
250
kW
All other gain settings
510
585
kW
l
Input offset voltage
0 dB preamp gain
7
mV
All other gains
3
mV
Channel cross coupling
Any 2 channels
−84
−60
dB
Analog Filter cut−off frequency
LPF enabled (default)
10
20
30
kHz
LPF disabled
50
kHz
Analog Filter passband flatness
−1
1
dB
Analog filter stopband
attenuation
60
dB
Digital Filter cut−off frequency
Fs/2
kHz
Digital Filter cut−off stopband
attenuation
80
dB
Total Harmonic Distortion +
Noise (Peak value)
THDN
24 dB preamplifier gain
VBAT = 3.3 V
−67
−70
dB
Dynamic Range
DR
24 dB preamplifier gain
VBAT = 3.3 V
81
82.5
dB
Equivalent Input Noise
EIN
24 dB preamplifier gain
VBAT = 3.3 V
3.7
mV
2. Processed bandwidth limited to 8 kHz.


Similar Part No. - BR262W30A103E1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BR262W30A103E1G ONSEMI-BR262W30A103E1G Datasheet
230Kb / 24P
   Wideband Voice Capture
November, 2012 ??Rev. 2
More results

Similar Description - BR262W30A103E1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
R261 ONSEMI-R261 Datasheet
236Kb / 28P
   Advanced Noise Reduction Solution for Voice Capture Devices
November, 2010 ??Rev. P2
BR261W30A101E1G ONSEMI-BR261W30A101E1G Datasheet
265Kb / 31P
   Advanced Noise Reduction Solution for Voice Capture Devices
November, 2012 ??Rev. 2
BR262 ONSEMI-BR262_12 Datasheet
230Kb / 24P
   Wideband Voice Capture
November, 2012 ??Rev. 2
logo
Sony Corporation
CX20099 SONY-CX20099 Datasheet
377Kb / 16P
   NOISE REDUCTION
logo
Zoran Corporation
NRED-1 ZORAN-NRED-1 Datasheet
229Kb / 2P
   Noise Reduction Processor
logo
ON Semiconductor
BR281Q32A101V1G ONSEMI-BR281Q32A101V1G Datasheet
294Kb / 11P
   Always-Listening, Voice Trigger Solution
August, 2015 ??Rev. 0
R281 ONSEMI-R281_16 Datasheet
368Kb / 13P
   Always-Listening, Voice Trigger Solution
September, 2016 ??Rev. 1
R281 ONSEMI-R281 Datasheet
265Kb / 11P
   Always-Listening, Voice Trigger Solution
March, 2018 ??Rev. 4
logo
SHANGHAI BELLING CO., L...
BL6332 BELLING-BL6332 Datasheet
153Kb / 6P
   Pop noise reduction function
logo
Fairchild Semiconductor
AN4148 FAIRCHILD-AN4148 Datasheet
220Kb / 5P
   Audible Noise Reduction Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com