Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2547Q Datasheet(PDF) 9 Page - Sony Corporation

Part # CXA2547Q
Description  2-band Electronic Volume
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2547Q Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXA2547Q Datasheet HTML 5Page - Sony Corporation CXA2547Q Datasheet HTML 6Page - Sony Corporation CXA2547Q Datasheet HTML 7Page - Sony Corporation CXA2547Q Datasheet HTML 8Page - Sony Corporation CXA2547Q Datasheet HTML 9Page - Sony Corporation CXA2547Q Datasheet HTML 10Page - Sony Corporation CXA2547Q Datasheet HTML 11Page - Sony Corporation CXA2547Q Datasheet HTML 12Page - Sony Corporation CXA2547Q Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
—9—
CXA2547Q
VRF1/VRF2
BASS/TREBLE
BOOST/CUT
FADER
Output (dB)
0
–1
D12/D19
1
0
Mode
BOOST
CUT
D23/D31
1
0
Output (dB)
15
12
10
8
6
4
2
0
D20/D28
1
1
1
1
0
0
0
0
D21/D29
1
1
0
0
1
1
0
0
D22/D30
1
0
1
0
1
0
1
0
Output (dB)
–60
–45
–30
–25
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
D32
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
D33
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
D34
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
D35
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0


Similar Part No. - CXA2547Q

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2540 CREE-CXA2540 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA2540 CREE-CXA2540 Datasheet
1Mb / 15P
   Retail Track Light Reference Design
CXA2540-0000-000N00U20E8 CREE-CXA2540-0000-000N00U20E8 Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA2540-0000-000N00U227F CREE-CXA2540-0000-000N00U227F Datasheet
1Mb / 19P
   LED array expands Crees family of high flux, multi die integrated arrays
CXA2540-0000-000N00U227F CREE-CXA2540-0000-000N00U227F Datasheet
1Mb / 15P
   Retail Track Light Reference Design
More results

Similar Description - CXA2547Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2546Q SONY-CXA2546Q Datasheet
268Kb / 19P
   3-band Electronic Volume
logo
Mitsubishi Electric Sem...
M51131L MITSUBISHI-M51131L Datasheet
536Kb / 9P
   2 CHANNEL ELECTRONIC VOLUME BALANCE
logo
Sony Corporation
CXA1646Q SONY-CXA1646Q Datasheet
273Kb / 21P
   Electronic Volume
logo
Silan Microelectronics ...
SC9235 SILAN-SC9235 Datasheet
139Kb / 9P
   ELECTRONIC VOLUME
logo
Sony Corporation
CXA1211M SONY-CXA1211M Datasheet
121Kb / 10P
   Electronic Volume
CXA1946CR SONY-CXA1946CR Datasheet
419Kb / 23P
   Electronic Volume
logo
Toshiba Semiconductor
TC9153 TOSHIBA-TC9153 Datasheet
1Mb / 16P
   electronic volume
logo
Sony Corporation
CXA2506Q SONY-CXA2506Q Datasheet
250Kb / 19P
   Electronic Volume
CXA1946AQ SONY-CXA1946AQ Datasheet
367Kb / 24P
   Electronic Volume
logo
Toshiba Semiconductor
TC9235P TOSHIBA-TC9235P Datasheet
342Kb / 10P
   ELECTRONIC VOLUME
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com